Part Number Hot Search : 
C847B MBR1645 SMAJ11A RT9237 ADP1828 125CFK S20D60C B43524
Product Description
Full Text Search
 

To Download HM6264BI Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 HM6264BI Series
64k SRAM (8-kword x 8-bit) Wide Temperature Range version
ADE-203-492C (Z) Rev. 3.0 May. 8, 2000 Description
The Hitachi HM6264BI is 64k-bit static RAM organized 8-kword x 8-bit. It realizes higher performance and low power consumption by 1.5 m CMOS process technology. The device, packaged in 450 mil SOP (foot print pitch width), 600 mil plastic DIP, is available for high density mounting.
Features
* Single 5 V supply: 5 V 10% * Access time: 100/120 ns (max) * Power dissipation: Standby: 10 W (typ) Operation: 15 mW (typ) (f = 1 MHz) * Completely static memory No clock or timing strobe required * Equal access and cycle times * Common data input and output Three state output * Directly TTL compatible All inputs and outputs * Battery backup operation capability * Operating temperature range: -40C to +85C
HM6264BI Series
Ordering Information
Type No. HM6264BLPI-10 HM6264BLPI-12 HM6264BLFPI-10T HM6264BLFPI-12T Access time 100 ns 120 ns 100 ns 120 ns Package 600-mil, 28-pin plastic DIP (DP-28) 450-mil, 28-pin plastic SOP(FP-28DA)
Pin Arrangement
HM6264BLPI/BLFPI Series NC A12 A7 A6 A5 A4 A3 A2 A1 A0 I/O1 I/O2 I/O3 VSS 1 2 3 4 5 6 7 8 9 10 11 12 13 14 28 27 26 25 24 23 22 21 20 19 18 17 16 15 VCC WE CS2 A8 A9 A11 OE A10 CS1 I/O8 I/O7 I/O6 I/O5 I/O4
(Top view)
2
HM6264BI Series
Pin Description
Pin name A0 to A12 I/O1 to I/O8 CS1 CS2 WE OE NC VCC VSS Function Address input Data input/output Chip select 1 Chip select 2 Write enable Output enable No connection Power supply Ground
Block Diagram
A11 A8 A9 A7 A12 A5 A6 A4 I/O1 Input data control I/O8
Row decoder
Memory array 256 x 256
VCC VSS
Column I/O Column decoder
A1 A2 A0 A10 A3
CS2 CS1
Timing pulse generator Read, Write control
WE OE
3
HM6264BI Series
Function Table
WE x x H H L L CS1 H x L L L L CS2 x L H H H H OE x x H L H L Mode Not selected (power down) Not selected (power down) Output disable Read Write Write VCC current I SB , I SB1 I SB , I SB1 I CC I CC I CC I CC I/O pin High-Z High-Z High-Z Dout Din Din Ref. cycle -- -- -- Read cycle (1)-(3) Write cycle (1) Write cycle (2)
Note: x: H or L
Absolute Maximum Ratings
Parameter Power supply voltage* Terminal voltage*
1 1
Symbol VCC VT PT Topr Tstg Tbias
Value -0.5 to +7.0
2 3
Unit V
-0.5* to V CC + 0.3* V 1.0 -40 to +85 -55 to +125 -40 to +85 W C C C
Power dissipation Operating temperature Storage temperature Storage temperature under bias
Notes: 1. Relative to VSS 2. VT min: -3.0 V for pulse half-width 50 ns 3. Maximum voltage is 7.0 V
Recommended DC Operating Conditions (Ta = -40 to +85C)
Parameter Supply voltage Symbol VCC VSS Input high voltage Input low voltage Note: VIH VIL Min 4.5 0 2.4 -0.3*
1
Typ 5.0 0 -- --
Max 5.5 0 VCC + 0.3 0.6
Unit V V V V
1. VIL min: -3.0 V for pulse half-width 50 ns
4
HM6264BI Series
DC Characteristics (Ta = -40 to +85C, VCC = 5 V 10%, VSS = 0 V)
Parameter Input leakage current Output leakage current Operating power supply current Symbol Min |ILI| |ILO | I CCDC -- -- -- -- Typ*1 Max Unit Test conditions -- -- 7 30 2 2 20 50 A A mA mA Vin = VSS to V CC CS1 = VIH or CS2 = VIL or OE = VIH or WE = VIL, VI/O = VSS to V CC CS1 = VIL, CS2 = VIH, I I/O = 0 mA others = VIH/VIL Min cycle, duty = 100%, CS1 = VIL, CS2 = VIH, I I/O = 0 mA others = VIH/VIL Cycle time = 1 s, duty = 100%, II/O = 0 mA CS1 0.2 V, CS2 VCC - 0.2 V, VIH VCC - 0.2 V, VIL 0.2 V CS1 = VIH, CS2 = VIL CS1 VCC - 0.2 V, CS2 VCC - 0.2 V or 0 V CS2 0.2 V, 0 V Vin I OL = 2.1 mA I OH = -1.0 mA
Average operating power I CC1 supply current I CC2
--
3
8
mA
Standby power supply current
I SB I SB1*2
-- -- -- 2.4
1 2 -- --
3 200 0.4 --
mA A V V
Output low voltage Output high voltage
VOL VOH
Notes: 1. Typical values are at VCC = 5.0 V, Ta = +25C and not guaranteed. 2. VIL min = -0.3V
Capacitance (Ta = 25C, f = 1.0 MHz)
Parameter Input capacitance*
1 1
Symbol Cin CI/O
Min -- --
Typ -- --
Max 5 7
Unit pF pF
Test conditions Vin = 0 V VI/O = 0 V
Input/output capacitance* Note:
1. This parameter is sampled and not 100% tested.
5
HM6264BI Series
AC Characteristics (Ta = -40 to +85C, VCC = 5 V 10%, unless otherwise noted.)
Test Conditions * * * * Input pulse levels: 0.6 V to 2.4 V Input and output timing reference level: 1.5 V Input rise and fall time: 10 ns Output load: 1 TTL Gate + CL (100 pF) (Including scope & jig)
Read Cycle
HM6264BI-10 HM6264BI-12 Parameter Read cycle time Address access time Chip select access time CS1 CS2 Output enable to output valid Chip selection to output in low-Z CS1 CS2 Output enable to output in low-Z Chip deselection in to output in high-Z CS1 CS2 Output disable to output in high-Z Output hold from address change Symbol t RC t AA t CO1 t CO2 t OE t LZ1 t LZ2 t OLZ t HZ1 t HZ2 t OHZ t OH Min 100 -- -- -- -- 10 10 5 0 0 0 10 Max -- 100 100 100 50 -- -- -- 35 35 35 -- Min 120 -- -- -- -- 10 10 5 0 0 0 10 Max -- 120 120 120 60 -- -- -- 40 40 40 -- Unit ns ns ns ns ns ns ns ns ns ns ns ns 2 2 2 1, 2 1, 2 1, 2 Notes
Notes: 1. t HZ is defined as the time at which the outputs achieve the open circuit conditions and are not referred to output voltage levels. 2. At any given temperature and voltage condition, t HZ maximum is less than tLZ minimum both for a given device and from device to device. 3. Address must be valid prior to or simultaneously with CS1 going low or CS2 going high.
6
HM6264BI Series
Read Timing Waveform (1) (WE = VIH)
tRC Address tAA tCO1 CS1 tLZ1 tCO2 CS2 tLZ2 tOE tOLZ OE tOHZ Dout High Impedance Valid data tOH tHZ2 tHZ1 Valid address
Read Timing Waveform (2) (WE = VIH, OE = VIL )
Address
Valid address t AA t OH t OH Valid data
Dout
7
HM6264BI Series
Read Timing Waveform (3) (WE = VIH, OE = VIL )*3
t CO1 t HZ1 t LZ1 CS2 t CO2 t LZ2 Dout Valid data t HZ2
CS1
8
HM6264BI Series
Write Cycle
HM6264BI-10 HM6264BI-12 Parameter Write cycle time Chip selection to end of write Address setup time Address valid to end of write Write pulse width Write recovery time WE to output in high-Z Data to write time overlap Data hold from write time Output active from end of write Output disable to output in high-Z Symbol t WC t CW t AS t AW t WP t WR t WHZ t DW t DH t OW t OHZ Min 100 80 0 80 60 0 0 40 0 5 0 Max -- -- -- -- -- -- 35 -- -- -- 35 Min 120 85 0 85 70 0 0 40 0 5 0 Max -- -- -- -- -- -- 40 -- -- -- 40 Unit ns ns ns ns ns ns ns ns ns ns ns 5 1, 9 4 5 2 3 Notes
Notes: 1. A write occurs during the overlap of a low CS1, and high CS2, and a high WE. A write begins at the latest transition among CS1 going low,CS2 going high and WE going low. A write ends at the earliest transition among CS1 going high CS2 going low and WE going high. Time tWP is measured from the beginning of write to the end of write. 2. t CW is measured from the later of CS1 going low or CS2 going high to the end of write. 3. t AS is measured from the address valid to the beginning of write. 4. t WR is measured from the earliest of CS1 or WE going high or CS2 going low to the end of write cycle. 5. During this period, I/O pins are in the output state, therefore the input signals of the opposite phase to the outputs must not be applied. 6. If CS1 goes low simultaneously with WE going low after WE goes low, the outputs remain in high impedance state. 7. Dout is the same phase of the written data in this write cycle. 8. Dout is the read data of the next address 9. In the write cycle with OE low fixed, tWP must satisfy the following equation to avoid a problem of data bus contention t WP tWHZ max + tDW min.
9
HM6264BI Series
Write Timing Waveform (1) (OE Clock)
tWC Address Valid address
OE
tCW
tWR
CS1
*1
CS2 tAS WE
tAW tWP
tOHZ Dout Din High Impedance tDW High Impedance tDH Valid data
10
HM6264BI Series
Write Timing Waveform (2) (OE Low Fixed) (OE = VIL )
tWC Address Valid address tAW tCW CS1
*1
tWR
CS2 tWP WE tAS tWHZ Dout tOW
*2 *3
tOH
tDW High Impedance
tDH
*4
Din
Valid data
11
HM6264BI Series
Low VCC Data Retention Characteristics (Ta = -40 to +85C)
Parameter VCC for data retention Symbol VDR Min 2.0 Typ*1 Max -- -- Unit V Test conditions*3 CS1 VCC -0.2 V, CS2 VCC -0.2 V or CS2 0.2 V Vin 0 V VCC = 3.0 V, 0 V Vin VCC CS1 VCC -0.2 V, CS2 VCC -0.2 V or 0 V CS2 0.2 V See retention waveform
Data retention current
I CCDR
--
1* 1
100* 2
A
Chip deselect to data retention time Operation recovery time
t CDR tR
0 5
-- --
-- --
ns ms
Notes: 1. Reference data at Ta = 25C. 2. 10 A max at Ta = -40 to + 40C. 3. CS2 controls address buffer, WE buffer, CS1 buffer, OE buffer, and Din buffer. If CS2 controls data retention mode, Vin levels (address, WE, OE, CS1, I/O) can be in the high impedance state. If CS1 controls data retention mode, CS2 must be CS2 VCC - 0.2 V or 0 V CS2 0.2 V. The other input levels (address, WE, OE, I/O) can be in the high impedance state.
12
HM6264BI Series
Low V CC Data Retention Timing Waveform (1) (CS1 Controlled)
tCDR VCC 4.5 V Data retention mode tR
2.4 V VDR CS1 0V CS1 VCC - 0.2 V
Low V CC Data Retention Timing Waveform (2) (CS2 Controlled)
tCDR VCC 4.5 V CS2 VDR 0.6 V 0V 0 V CS2 0.2 V Data retention mode tR
13
HM6264BI Series
Package Dimensions
HM6264BLPI Series (DP-28)
Unit: mm
15
28
35.6 36.5 Max
1
1.2 1.9 Max
14 2.54 Min 5.70 Max 15.24
0.51 Min
13.4 14.6 Max
2.54 0.25
0.48 0.10
0.25 - 0.05 0 - 15
+ 0.11
Hitachi Code JEDEC EIAJ Weight (reference value)
DP-28 -- Conforms 4.6 g
14
HM6264BI Series
Package Dimensions (cont.)
HM6264BLFPI Series (FP-28DA)
Unit: mm
18.00 18.75 Max 28 15 8.40 1 1.12 Max 14 3.00 Max
*0.17 0.05 0.15 0.04
11.80 0.30 1.70 0 - 8 1.00 0.20
1.27
0.15 *0.40 0.08 0.38 0.06 0.20 M
0.15 0.20 + 0.10 -
*Dimension including the plating thickness Base material dimension
Hitachi Code JEDEC EIAJ Weight (reference value)
FP-28DA Conforms Conforms 0.82 g
15
HM6264BI Series
Cautions
1. Hitachi neither warrants nor grants licenses of any rights of Hitachi's or any third party's patent, copyright, trademark, or other intellectual property rights for information contained in this document. Hitachi bears no responsibility for problems that may arise with third party's rights, including intellectual property rights, in connection with use of the information contained in this document. 2. Products and product specifications may be subject to change without notice. Confirm that you have received the latest product standards or specifications before final design, purchase or use. 3. Hitachi makes every attempt to ensure that its products are of high quality and reliability. However, contact Hitachi's sales office before using the product in an application that demands especially high quality and reliability or where its failure or malfunction may directly threaten human life or cause risk of bodily injury, such as aerospace, aeronautics, nuclear power, combustion control, transportation, traffic, safety equipment or medical equipment for life support. 4. Design your application so that the product is used within the ranges guaranteed by Hitachi particularly for maximum rating, operating supply voltage range, heat radiation characteristics, installation conditions and other characteristics. Hitachi bears no responsibility for failure or damage when used beyond the guaranteed ranges. Even within the guaranteed ranges, consider normally foreseeable failure rates or failure modes in semiconductor devices and employ systemic measures such as fail-safes, so that the equipment incorporating Hitachi product does not cause bodily injury, fire or other consequential damage due to operation of the Hitachi product. 5. This product is not designed to be radiation resistant. 6. No one is permitted to reproduce or duplicate, in any form, the whole or part of this document without written approval from Hitachi. 7. Contact Hitachi's sales office for any questions regarding this document or Hitachi semiconductor products.
Hitachi, Ltd.
Semiconductor & Integrated Circuits. Nippon Bldg., 2-6-2, Ohte-machi, Chiyoda-ku, Tokyo 100-0004, Japan Tel: Tokyo (03) 3270-2111 Fax: (03) 3270-5109
URL
NorthAmerica : http:semiconductor.hitachi.com/ Europe : http://www.hitachi-eu.com/hel/ecg Asia (Singapore) : http://www.has.hitachi.com.sg/grp3/sicd/index.htm Asia (Taiwan) : http://www.hitachi.com.tw/E/Product/SICD_Frame.htm Asia (HongKong) : http://www.hitachi.com.hk/eng/bo/grp3/index.htm Japan : http://www.hitachi.co.jp/Sicd/index.htm For further information write to:
Hitachi Europe GmbH Electronic components Group Dornacher Strae 3 D-85622 Feldkirchen, Munich Germany Tel: <49> (89) 9 9180-0 Fax: <49> (89) 9 29 30 00 Hitachi Europe Ltd. Electronic Components Group. Whitebrook Park Lower Cookham Road Maidenhead Berkshire SL6 8YA, United Kingdom Tel: <44> (1628) 585000 Fax: <44> (1628) 778322 Hitachi Asia Pte. Ltd. 16 Collyer Quay #20-00 Hitachi Tower Singapore 049318 Tel: 535-2100 Fax: 535-1533 Hitachi Asia Ltd. Taipei Branch Office 3F, Hung Kuo Building. No.167, Tun-Hwa North Road, Taipei (105) Tel: <886> (2) 2718-3666 Fax: <886> (2) 2718-8180 Hitachi Asia (Hong Kong) Ltd. Group III (Electronic Components) 7/F., North Tower, World Finance Centre, Harbour City, Canton Road, Tsim Sha Tsui, Kowloon, Hong Kong Tel: <852> (2) 735 9218 Fax: <852> (2) 730 0281 Telex: 40815 HITEC HX
Hitachi Semiconductor (America) Inc. 179 East Tasman Drive, San Jose,CA 95134 Tel: <1> (408) 433-1990 Fax: <1>(408) 433-0223
Copyright (c) Hitachi, Ltd., 1998. All rights reserved. Printed in Japan.
16
HM6264BI Series
Revision Record
Rev. 0.0 1.0 2.0 3.0 Date Dec. 1, 1995 Sep. 5, 1996 Feb. 9, 1998 May. 8, 2000 Contents of Modification Initial issue Deletion of Preliminary Change of subtitle Change of FP-28DA Low VCC Data Retention Characteristics Note 2: VIL min = -0.3 V to 10 A max at Ta = -40 to + 40C Drawn by I. Ogiwara I. Ogiwara I. Ogiwara Approved by K. Yoshizaki K. Imato K. Imato
17


▲Up To Search▲   

 
Price & Availability of HM6264BI

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X