Part Number Hot Search : 
APTD3216 GW30N BU931 BD242C CM379 DS28E02P 2SC1384 BU9831F
Product Description
Full Text Search
 

To Download HI7106 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 HI7106
July 1998
3 1/2 Digit, LCD/LED Display, A/D Converter
Description
The Intersil HI7106 is a high performance, low power, 31/2 digit A/D converter. Included are seven segment decoders, display drivers, a reference, and a clock. The HI7106 is designed to interface with a liquid crystal display (LCD) and includes a multiplexed backplane drive. The HI7106 brings together a combination of high accuracy, versatility, and true economy. It features auto-zero to less than 10V, zero drift of less than 1V/oC, input bias current of 10pA (Max), and rollover error of less than one count. True differential inputs and reference are useful in all systems, but give the designer an uncommon advantage when measuring load cells, strain gauges and other bridge type transducers. Finally, the true economy of single power supply operation enables a high performance panel meter to be built with the addition of only 10 passive components and a display.
Features
* Guaranteed Zero Reading for 0V Input on All Scales * True Polarity at Zero for Precise Null Detection * 1pA Typical Input Current * True Differential Input and Reference, Direct Display Drive * Low Noise - Less Than 15VP-P * On Chip Clock and Reference * Low Power Dissipation - Typically Less Than 10mW * No Additional Active Circuits Required * Enhanced Display Stability * Enhanced VCOM Reference Stability
Ordering Information
PART NO. HI7106CPL HI7106CM44 HI7106C/D TEMP. RANGE (oC) 0 to 70 0 to 70 0 to 70 PACKAGE 40 Ld PDIP 44 Ld MQFP DIE PKG. NO. E40.6 Q44.10x10
Pinouts
HI7106 (PDIP) TOP VIEW
REF LO REF HI CREF+ V+ D1 C1 B1 (1's) A1 F1 G1 E1 D2 C2 (10's) B2 A2 F2 E2 D3 (100's) B3 F3 E3 (1000) AB4 (MINUS) POL 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 40 OSC 1 39 OSC 2 38 OSC 3 37 TEST 36 REF HI 35 REF LO 34 CREF+ 33 CREF32 COMMON 31 IN HI 30 IN LO 29 A-Z 28 BUFF 27 INT 26 V25 G2 (10's) 24 C3 23 A3 22 G3 21 BP/GND A1 F1 G1 E1 D2 C2 B2 A2 F2 E2 D3 (100's) NC NC TEST OSC 3 NC OSC 2 OSC 1 V+ D1 C1 B1 1 44 43 42 41 40 39 38 37 36 35 34 33 2 32 3 4 5 6 7 8 9 10 31 30 29 28 27 26 25 24 NC G2 C3 A3 G3 BP/GND POL AB4 E3 F3 B3 CREF-
HI7106 (MQFP) TOP VIEW
COMMON
IN LO
BUFF
IN HI
A-Z
INT
11 23 12 13 14 15 16 17 18 19 20 21 22
V-
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures. http://www.intersil.com or 407-727-9207 | Copyright (c) Intersil Corporation 1999
File Number
4551
1
HI7106
Absolute Maximum Ratings
Supply Voltage HI7106, V+ to V- . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 15V Analog Input Voltage (Either Input) (Note 1). . . . . . . . . . . . . V+ to VReference Input Voltage (Either Input) . . . . . . . . . . . . . . . . . V+ to VClock Input HI7106 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . TEST to V+
Thermal Information
Thermal Resistance (Typical, Note 2) JA (oC/W) PDIP Package . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 50 MQFP Package . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 80 Maximum Junction Temperature . . . . . . . . . . . . . . . . . . . . . . . 150oC Maximum Storage Temperature Range . . . . . . . . . .-65oC to 150oC Maximum Lead Temperature (Soldering 10s) . . . . . . . . . . . . . 300oC (MQFP - Lead Tips Only)
Operating Conditions
Temperature Range . . . . . . . . . . . . . . . . . . . . . . . . . . . .0oC to 70oC
CAUTION: Stresses above those listed in "Absolute Maximum Ratings" may cause permanent damage to the device. This is a stress only rating and operation of the device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
NOTES: 1. Input voltages may exceed the supply voltages provided the input current is limited to 100A. 2. JA is measured with the component mounted on an evaluation PC board in free air.
Electrical Specifications
PARAMETER SYSTEM PERFORMANCE Zero Input Reading Stability (Last Digit) Ratiometric Reading Rollover Error
(Note 3) TEST CONDITIONS MIN TYP MAX UNIT
VIN = 0.0V, Full Scale = 200mV Fixed Input Voltage (Note 6) VlN = VREF , VREF = 100mV -VIN = +VlN 200mV Difference in Reading for Equal Positive and Negative Inputs Near Full Scale Full Scale = 200mV or Full Scale = 2V Maximum Deviation from Best Straight Line Fit (Note 6) VCM = 1V, VIN = 0V, Full Scale = 200mV (Note 6) VIN = 0V, Full Scale = 200mV (Peak-To-Peak Value Not Exceeded 95% of Time) VlN = 0 (Note 6) VlN = 0, 0oC To 70oC (Note 6) VIN = 199mV, 0oC To 70oC, (Ext. Ref. 0ppm/ oC) (Note 6) VIN = 0 25k Between Common and Positive Supply (With Respect to + Supply) 25k Between Common and Positive Supply (With Respect to + Supply)
-000.0 -000.1 999 -
000.0 000.0 999/10 00 0.2
+000.0 +000.1 1000 1
Digital Reading Digital Reading Digital Reading Counts
Linearity Common Mode Rejection Ratio Noise Leakage Current Input Zero Reading Drift Scale Factor Temperature Coefficient End Power Supply Character V+ Supply Current COMMON Pin Analog Common Voltage Temperature Coefficient of Analog Common DISPLAY DRIVER Peak-To-Peak Segment Drive Voltage Peak-To-Peak Backplane Drive Voltage NOTES:
2.4 -
0.2 50 15 1 0.2 1 0.6 2.8 80
1 10 1 5 1.8 3.2 -
Counts V/V V pA V/oC ppm/oC mA V ppm/oC
V+ = to V- = 9V (Note 5)
4
5
6
V
3. Dissipation rating assumes device is mounted with all leads soldered to printed circuit board. 4. Unless otherwise noted, specifications apply to both the HI7106 and ICL7107 at TA = 25oC, fCLOCK = 48kHz. HI7106 is tested in the circuit of Figure 1. 5. Back plane drive is in phase with segment drive for `off' segment, 180 degrees out of phase for `on' segment. Frequency is 20 times conversion rate. Average DC component is less than 50mV. 6. Not tested, guaranteed by design.
2
HI7106 Typical Application and Test Circuit
+ R1 R3 OSC 1 40 OSC 2 39 OSC 3 38 C4 TEST 37 R4 REF HI 36 REF LO 35 C1 CREF+ 34 CREF- 33 COM 32 R5 C5 C2 R2 A-Z 29 BUFF 28 C3 INT 27 V- 26 G2 25 DISPLAY C1 = 0.1F C2 = 0.47F C3 = 0.22F C4 = 100pF C5 = 0.02F R1 = 24k R2 = 47k R3 = 100k R4 = 1k R5 = 1M C3 24 A3 23 G3 22 19 AB4 BP 21 20 POL 15 D3 16 B3 + 12 A2 IN 9V
IN HI 31 10 C2
HI7106 7 G1 9 D2 11 B2 2 D1 3 C1 4 B1 5 A1 1 V+ 18 E3 14 E2 8 E1 17 F3 13 F2 6 F1
DISPLAY
FIGURE 1. HI7106 TEST CIRCUIT AND TYPICAL APPLICATION WITH LCD DISPLAY COMPONENTS SELECTED FOR 200mV FULL SCALE
Design Information Summary Sheet
* OSCILLATOR FREQUENCY fOSC = 0.45/RC COSC > 50pF; ROSC > 50k fOSC (Typ) = 48kHz * OSCILLATOR PERIOD tOSC = RC/0.45 * INTEGRATION CLOCK FREQUENCY fCLOCK = fOSC/4 * INTEGRATION PERIOD tINT = 1000 x (4/fOSC) * 60/50Hz REJECTION CRITERION tINT/t60Hz or tlNT/t60Hz = Integer * OPTIMUM INTEGRATION CURRENT IINT = 4A * FULL SCALE ANALOG INPUT VOLTAGE VlNFS (Typ) = 200mV or 2V * INTEGRATE RESISTOR
V INFS R INT = ---------------I INT
IN LO 30
* VINT MAXIMUM SWING: (V- + 0.5V) < VINT < (V+ - 0.5V), VINT (Typ) = 2V * DISPLAY COUNT
V IN COUNT = 1000 x -------------V REF
* CONVERSION CYCLE tCYC = tCL0CK x 4000 tCYC = tOSC x 16,000 when fOSC = 48kHz; tCYC = 333ms * COMMON MODE INPUT VOLTAGE (V- + 1V) < VlN < (V+ - 0.5V) * AUTO-ZERO CAPACITOR 0.01F < CAZ < 1F * REFERENCE CAPACITOR 0.1F < CREF < 1F * VCOM Biased between Vi and V-. * VCOM V+ - 2.8V Regulation lost when V+ to V- < 6.8V If VCOM is externally pulled down to (V+ to V-)/2, the VCOM circuit will turn off. * HI7106 POWER SUPPLY: SINGLE 9V V+ - V- = 9V Digital supply is generated internally VGND V+ - 4.5V * HI7106 DISPLAY: LCD Type: Direct drive with digital logic supply amplitude.
* INTEGRATE CAPACITOR
( t INT ) ( I INT ) C INT = ------------------------------V INT
* INTEGRATOR OUTPUT VOLTAGE SWING
( t INT ) ( I INT ) V INT = ------------------------------C INT
3
HI7106 Typical Integrator Amplifier Output Waveform (INT Pin)
AUTO ZERO PHASE (COUNTS) 2999 - 1000
SIGNAL INTEGRATE PHASE FIXED 1000 COUNTS
DE-INTEGRATE PHASE 0 - 1999 COUNTS
TOTAL CONVERSION TIME = 4000 x tCLOCK = 16,000 x tOSC
Detailed Description
Analog Section Figure 2 shows the Analog Section for the HI7106. Each measurement cycle is divided into three phases. They are (1) auto-zero (A-Z), (2) signal integrate (INT) and (3) de-integrate (DE). Auto-Zero Phase During auto-zero three things happen. First, input high and low are disconnected from the pins and internally shorted to analog COMMON. Second, the reference capacitor is charged to the reference voltage. Third, a feedback loop is closed around the system to charge the auto-zero capacitor CAZ to compensate for offset voltages in the buffer amplifier, integrator, and comparator. Since the comparator is included in the loop, the A-Z accuracy is limited only by the noise of
STRAY CREF
the system. In any case, the offset referred to the input is less than 10V. Signal Integrate Phase During signal integrate, the auto-zero loop is opened, the internal short is removed, and the internal input high and low are connected to the external pins. The converter then integrates the differential voltage between IN HI and IN LO for a fixed time. This differential voltage can be within a wide common mode range: up to 1V from either supply. If, on the other hand, the input signal has no return with respect to the converter power supply, IN LO can be tied to analog COMMON to establish the correct common mode voltage. At the end of this phase, the polarity of the integrated signal is determined.
STRAY RINT CAZ A-Z 29 INTEGRATOR
+
CINT INT 27
CREF+ V+ 34
REF HI 36 A-Z
REF LO 35 A-Z
CREF 33
BUFFER V+ 28 1
10mA 31 IN HI INT A-Z N 32 COMMON 30 IN LO VINT A-Z AND DE( ) DE+ DEDEDE+
+
-
-
+
-
2.8V INPUT HIGH 6.2V A-Z
TO DIGITAL SECTION
+
-
COMPARATOR
INPUT LOW
FIGURE 2. ANALOG SECTION OF HI7106
4
HI7106
De-Integrate Phase The final phase is de-integrate, or reference integrate. Input low is internally connected to analog COMMON and input high is connected across the previously charged reference capacitor. Circuitry within the chip ensures that the capacitor will be connected with the correct polarity to cause the integrator output to return to zero. The time required for the output to return to zero is proportional to the input signal. Specifically the digital reading displayed is:
V IN DISPLAY COUNT = 1000 -------------- . V REF
Analog COMMON is also used as the input low return during auto-zero and de-integrate. If IN LO is different from analog COMMON, a common mode voltage exists in the system and is taken care of by the excellent CMRR of the converter. However, in some applications IN LO will be set at a fixed known voltage (power supply common for instance). In this application, analog COMMON should be tied to the same point, thus removing the common mode voltage from the converter. The same holds true for the reference voltage. If reference can be conveniently tied to analog COMMON, it should be since this removes the common mode voltage from the reference system. Within the lC, analog COMMON is tied to an N-Channel FET that can sink approximately 30mA of current to hold the voltage 2.8V below the positive supply (when a load is trying to pull the common line positive). However, there is only 10A of source current, so COMMON may easily be tied to a more negative voltage thus overriding the internal reference.
Differential Input The input can accept differential voltages anywhere within the common mode range of the input amplifier, or specifically from 0.5V below the positive supply to 1V above the negative supply. In this range, the system has a CMRR of 86dB typical. However, care must be exercised to assure the integrator output does not saturate. A worst case condition would be a large positive common mode voltage with a near full scale negative differential input voltage. The negative input signal drives the integrator positive when most of its swing has been used up by the positive common mode voltage. For these critical applications the integrator output swing can be reduced to less than the recommended 2V full scale swing with little loss of accuracy. The integrator output can swing to within 0.3V of either supply without loss of linearity. Differential Reference The reference voltage can be generated anywhere within the power supply voltage of the converter. The main source of common mode error is a roll-over voltage caused by the reference capacitor losing or gaining charge to stray capacity on its nodes. If there is a large common mode voltage, the reference capacitor can gain charge (increase voltage) when called up to de-integrate a positive signal but lose charge (decrease voltage) when called up to de-integrate a negative input signal. This difference in reference for positive or negative input voltage will give a roll-over error. However, by selecting the reference capacitor such that it is large enough in comparison to the stray capacitance, this error can be held to less than 0.5 count worst case. (See Component Value Selection.) Analog COMMON This pin is included primarily to set the common mode voltage for battery operation or for any system where the input signals are floating with respect to the power supply. The COMMON pin sets a voltage that is approximately 2.8V more negative than the positive supply. This is selected to give a minimum end-of-life battery voltage of about 6V. However, analog COMMON has some of the attributes of a reference voltage. When the total supply voltage is large enough to cause the zener to regulate (>7V), the COMMON voltage will have a low voltage coefficient (0.001%/V), low output impedance (15), and a temperature coefficient typically less than 80ppm/oC. An external reference can easily be added, as shown in Figure 3.
V+
V REF HI REF LO 6.8V ZENER IZ
HI7106
V-
FIGURE 3A.
V+
V HI7106 20k
6.8k
REF HI REF LO COMMON
ICL8069 1.2V REFERENCE
FIGURE 3B. FIGURE 3. USING AN EXTERNAL REFERENCE
TEST The TEST pin serves two functions. On the HI7106 it is coupled to the internally generated digital supply through a 500 resistor. Thus it can be used as the negative supply for externally generated segment drivers such as decimal points or any other presentation the user may want to include on the LCD display. Figures 4 and 5 show such an application. No more than a 1mA load should be applied.
5
HI7106
This supply is made stiff to absorb the relative large capacitive currents when the back plane (BP) voltage is switched. The BP frequency is the clock frequency divided by 800. For three readings/sec., this is a 60Hz square wave with a nominal amplitude of 5V. The segments are driven at the same frequency and amplitude and are in phase with BP when OFF, but out of phase when ON. In all cases negligible DC voltage exists across the segments. The polarity indication is "on" for negative analog inputs. If IN LO and IN HI are reversed, this indication can be reversed also, if desired.
V+
V+
1M TO LCD DECIMAL POINT BP TEST
HI7106 21 37
TO LCD BACKPLANE
FIGURE 4. SIMPLE INVERTER FOR FIXED DECIMAL POINT
The second function is a "lamp test". When TEST is pulled high (to V+) all segments will be turned on and the display should read "1888". The TEST pin will sink about 15mA under these conditions.
CAUTION: In the lamp test mode, the segments have a constant DC voltage (no square-wave). This may burn the LCD display if maintained for extended periods.
V+ BP
HI7106
DECIMAL POINT SELECT
TO LCD DECIMAL POINTS
TEST
Digital Section
Figures 6 shows the digital section for the HI7106. In the HI7106, an internal digital ground is generated from a 6V Zener diode and a large P-Channel source follower.
CD4030 GND
FIGURE 5. EXCLUSIVE `OR' GATE FOR DECIMAL POINT DRIVE
a a b f g e d c b c f
a b g e d c e f
a b g c d
21 BACKPLANE
LCD PHASE DRIVER 7 SEGMENT DECODE 7 SEGMENT DECODE 7 SEGMENT DECODE
TYPICAL SEGMENT OUTPUT V+ 0.5mA SEGMENT OUTPUT 2mA 1000's COUNTER INTERNAL DIGITAL GROUND TO SWITCH DRIVERS FROM COMPARATOR OUTPUT CLOCK
/200
LATCH
100's COUNTER
10's COUNTER
1's COUNTER
1 V+
THREE INVERTERS
ONE INVERTER SHOWN FOR CLARITY
/4
INTERNAL DIGITAL GROUND
LOGIC CONTROL
6.2V 500 TEST
VTH = 1V
37
26 40 OSC 1 OSC 2 39 OSC 3 38
V-
FIGURE 6. HI7106 DIGITAL SECTION
6
HI7106
System Timing Figure 7 shows the clocking arrangement used in the HI7106. Two basic clocking arrangements can be used: * Figure 7A. An external oscillator connected to pin 40. * Figure 7B. An R-C oscillator using all three pins. The oscillator frequency is divided by four before it clocks the decade counters. It is then further divided to form the three convert-cycle phases. These are signal integrate (1000 counts), reference de-integrate (0 to 2000 counts) and auto-zero (1000 to 3000 counts). For signals less than full scale, auto-zero gets the unused portion of reference de-integrate. This makes a complete measure cycle of 4,000 counts (16,000 clock pulses) independent of input voltage. For three readings/second, an oscillator frequency of 48kHz would be used. To achieve maximum rejection of 60Hz pickup, the signal integrate cycle should be a multiple of 60Hz. Oscillator frequencies of 240kHz, 120kHz, 80kHz, 60kHz, 48kHz, 40kHz, 331/3kHz, etc. should be selected. For 50Hz rejection, Oscillator frequencies of 200kHz, 100kHz, 662/3kHz, 50kHz, 40kHz, etc. would be suitable. Note that 40kHz (2.5 readings/second) will reject both 50Hz and 60Hz (also 400Hz and 440Hz).
INTERNAL TO PART
supply 4A of drive current with negligible nonlinearity. The integrating resistor should be large enough to remain in this very linear region over the input voltage range, but small enough that undue leakage requirements are not placed on the PC board. For 2V full scale, 470k is near optimum and similarly a 47k for a 200mV scale. Integrating Capacitor The integrating capacitor should be selected to give the maximum voltage swing that ensures tolerance buildup will not saturate the integrator swing (approximately. 0.3V from either supply). In the HI7106, when the analog COMMON is used as a reference, a nominal +2V full- scale integrator swing is fine. For three readings/second (48kHz clock) nominal values for ClNT are 0.22F and 0.10F, respectively. Of course, if different oscillator frequencies are used, these values should be changed in inverse proportion to maintain the same output swing. An additional requirement of the integrating capacitor is that it must have a low dielectric absorption to prevent roll-over errors. While other types of capacitors are adequate for this application, polypropylene capacitors give undetectable errors at reasonable cost. Auto-Zero Capacitor The size of the auto-zero capacitor has some influence on the noise of the system. For 200mV full scale where noise is very important, a 0.47F capacitor is recommended. On the 2V scale, a 0.047F capacitor increases the speed of recovery from overload and is adequate for noise on this scale. Reference Capacitor A 0.1F capacitor gives good results in most applications. However, where a large common mode voltage exists (i.e., the REF LO pin is not at analog COMMON) and a 200mV scale is used, a larger value is required to prevent roll-over error. Generally 1F will hold the roll-over error to 0.5 count in this instance.
/4
CLOCK
40
39
38
TEST HI7106
FIGURE 7A.
INTERNAL TO PART
/4
Oscillator Components
CLOCK
For all ranges of frequency a 100k resistor is recommended and the capacitor is selected from the equation:
0.45 f = ---------- For 48kHz Clock (3 Readings/sec), RC C = 100pF.
40
39 R
38 C RC OSCILLATOR
Reference Voltage The analog input required to generate full scale output (2000 counts) is: VlN = 2VREF. Thus, for the 200mV and 2V scale, VREF should equal 100mV and 1V, respectively. However, in many applications where the A/D is connected to a transducer, there will exist a scale factor other than unity between the input voltage and the digital reading. For instance, in a weighing system, the designer might like to have a full scale reading when the voltage from the transducer is 0.662V. Instead of dividing the input down to 200mV, the designer should use the input voltage directly
FIGURE 7B. FIGURE 7. CLOCK CIRCUITS
Component Value Selection
Integrating Resistor Both the buffer amplifier and the integrator have a class A output stage with 100A of quiescent current. They can
7
HI7106
and select VREF = 0.341V. Suitable values for integrating resistor and capacitor would be 20k and 0.22F. This makes the system slightly quieter and also avoids a divider network on the input. Another advantage of this system occurs when a digital reading of zero is desired for VIN 0. Temperature and weighing systems with a variable fare are examples. This offset reading can be conveniently generated by connecting the voltage transducer between IN HI and COMMON and the variable (or fixed) offset voltage between COMMON and IN LO.
Typical Applications
The HI7106 may be used in a wide variety of configurations. The circuits which follow show some of the possibilities, and serve to illustrate the exceptional versatility of this A/D converter.
Typical Applications
TO PIN 1 OSC 1 40 OSC 2 39 OSC 3 38 TEST 37 REF HI 36 REF LO 35 CREF 34 CREF 33 COMMON 32 IN HI 31 IN LO 30 A-Z 29 47k BUFF 28 INT 27 V - 26 G2 25 C3 24 TO DISPLAY A3 23 G3 22 BP 21 TO BACKPLANE 0.22F 0.01F 0.47F IN 1M + 1k 0.1F 22k 100pF SET VREF = 100mV 100k OSC 1 40 OSC 2 39 OSC 3 38 TEST 37 REF HI 36 REF LO 35 CREF 34 CREF 33 COMMON 32 IN HI 31 IN LO 30 A-Z 29 BUFF 28 INT 27 V - 26 G2 25 C3 24 A3 23 G3 22 BP/GND 21 TO DISPLAY 0.22F V0.01F 0.047F 470k 25k 0.1F 1M + IN 24k V+ 100pF SET VREF = 100mV 100k TO PIN 1
-
+ 9V
-
Values shown are for 200mV full scale, 3 readings/sec., floating supply voltage (9V battery).
FIGURE 8. HI7106 USING THE INTERNAL REFERENCE
FIGURE 9. HI7106 RECOMMENDED COMPONENT VALUES FOR 2V FULL SCALE
8
HI7106 Typical Applications
OSC 1 40 OSC 2 39 OSC 3 38 TEST 37 REF HI 36 REF LO 35 CREF 34 CREF 33 COMMON 32 IN HI 31 IN LO 30 A-Z 29 BUFF 28 INT 27 V - 26 G2 25 C3 24 A3 23 G3 22 BP 21 TO BACKPLANE TO DISPLAY O /RANGE 0.22F 0.01F 0.47F 47k 9V ZERO ADJUST SILICON NPN MPS 3704 OR SIMILAR 0.1F 100k 1M 100k 220k 100pF SCALE FACTOR ADJUST 22k TO LOGIC VCC 100k
(Continued)
V+ 1 V+ 2 D1 3 C1 4 B1 5 A1 6 F1 7 G1 8 E1 9 D2 10 C2 11 B2 12 A2 13 F2 14 E2 15 D3 16 B3 17 F3 18 E3 19 AB4 OSC 1 40 OSC 2 39 OSC 3 38 TEST 37 REF HI 36 REF LO 35 TO CREF 34 LOGIC GND CREF 33 IN HI 31 IN LO 30 A-Z 29 BUFF 28 INT 27 V- 26 G2 25 C3 24 A3 23 G3 22 BP 21 V-
TO PIN 1
COMMON 32
NOTE: A silicon diode-connected transistor has a temperature coefficient of about -2mV/oC. Calibration is achieved by placing the sensing transistor in ice water and adjusting the zeroing potentiometer for a 000.0 reading. The sensor should then be placed in boiling water and the scale-factor potentiometer adjusted for a 100.0 reading. FIGURE 10. HI7106 USED AS A DIGITAL CENTIGRADE THERMOMETER
TO PIN 1 OSC 1 40 OSC 2 39 OSC 3 38 TEST 37 REF HI 36 REF LO 35 CREF 34 CREF 33 COMMON 32 IN HI 31 IN LO 30 A-Z 29 BUFF 28 INT 27 V - 26 G2 25 C3 24 A3 23 G3 22 BP 21 TO BACKPLANE TO DISPLAY 0.22F 47k 10F 0.47F + 9V 1k 0.1F 22k 100pF 100k 10F
20 POL U /RANGE CD4023 OR 74C10
CD4077
FIGURE 11. CIRCUIT FOR DEVELOPING UNDERRANGE AND OVERRANGE SIGNAL FROM HI7106 OUTPUTS
SCALE FACTOR ADJUST (VREF = 100mV FOR AC TO RMS) 5F CA3140 + 100k
1N914 470k 2.2M 1F 4.3k 0.22F 100pF (FOR OPTIMUM BANDWIDTH) 10k 1F 10k 1F
AC IN
-
NOTE: Test is used as a common-mode reference level to ensure compatibility with most op amps. FIGURE 12. AC TO DC CONVERTER WITH HI7106
9
HI7106 Dual-In-Line Plastic Packages (PDIP)
N E1 INDEX AREA 12 3 N/2
E40.6 (JEDEC MS-011-AC ISSUE B)
40 LEAD DUAL-IN-LINE PLASTIC PACKAGE INCHES SYMBOL
-B-
MILLIMETERS MIN 0.39 3.18 0.356 0.77 0.204 50.3 0.13 15.24 12.32 MAX 6.35 4.95 0.558 1.77 0.381 53.2 15.87 14.73 NOTES 4 4 8 5 5 6 5 6 7 4 9 Rev. 0 12/93
MIN 0.015 0.125 0.014 0.030 0.008 1.980 0.005 0.600 0.485
MAX 0.250 0.195 0.022 0.070 0.015 2.095 0.625 0.580
A
E A2 L A C L
-AD BASE PLANE SEATING PLANE D1 B1 B 0.010 (0.25) M D1 A1
A1 A2
-C-
B B1 C D D1 E E1 e eA eB L N
eA eC
C
e
C A BS
eB
NOTES: 1. Controlling Dimensions: INCH. In case of conflict between English and Metric dimensions, the inch dimensions control. 2. Dimensioning and tolerancing per ANSI Y14.5M-1982. 3. Symbols are defined in the "MO Series Symbol List" in Section 2.2 of Publication No. 95. 4. Dimensions A, A1 and L are measured with the package seated in JEDEC seating plane gauge GS-3. 5. D, D1, and E1 dimensions do not include mold flash or protrusions. Mold flash or protrusions shall not exceed 0.010 inch (0.25mm). 6. E and eA are measured with the leads constrained to be perpendicular to datum -C- . 7. eB and eC are measured at the lead tips with the leads unconstrained. eC must be zero or greater. 8. B1 maximum dimensions do not include dambar protrusions. Dambar protrusions shall not exceed 0.010 inch (0.25mm). 9. N is the maximum number of terminal positions. 10. Corner leads (1, N, N/2 and N/2 + 1) for E8.3, E16.3, E18.3, E28.3, E42.6 will have a B1 dimension of 0.030 - 0.045 inch (0.76 - 1.14mm).
0.100 BSC 0.600 BSC 0.115 40 0.700 0.200
2.54 BSC 15.24 BSC 2.93 40 17.78 5.08
10
HI7106 Metric Plastic Quad Flatpack Packages (MQFP/PQFP)
D D1 -D-
Q44.10x10 (JEDEC MO-108AA-2 ISSUE A)
44 LEAD METRIC PLASTIC QUAD FLATPACK PACKAGE SYMBOL A A1 A2 INCHES MIN 0.004 0.077 0.012 0.012 0.510 0.390 0.510 0.390 0.026 44 0.032 BSC MAX 0.093 0.010 0.083 0.018 0.016 0.530 0.398 0.530 0.398 0.037 MILLIMETERS MIN 0.10 1.95 0.30 0.30 12.95 9.90 12.95 9.90 0.65 44 0.80 BSC MAX 2.35 0.25 2.10 0.45 0.40 13.45 10.10 13.45 10.10 0.95 NOTES 6 3 4, 5 3 4, 5 7 Rev. 1 1/94 NOTES:
0.10 0.004
-AE E1
-B-
B B1 D D1 E
e
PIN 1 SEATING A PLANE
E1 L N e
-H-
5o-16o 0.40 0.016 MIN 0o MIN 0o-7o A2 A1 0.20 M C A-B S 0.008
-CDS B B1 0.13/0.17 0.005/0.007 BASE METAL WITH PLATING
1. Controlling dimension: MILLIMETER. Converted inch dimensions are not necessarily exact. 2. All dimensions and tolerances per ANSI Y14.5M-1982. 3. Dimensions D and E to be determined at seating plane -C- . 4. Dimensions D1 and E1 to be determined at datum plane -H- . 5. Dimensions D1 and E1 do not include mold protrusion. Allowable protrusion is 0.25mm (0.010 inch) per side. 6. Dimension B does not include dambar protrusion. Allowable dambar protrusion shall be 0.08mm (0.003 inch) total. 7. "N" is the number of terminal positions.
L
5o-16o
0.13/0.23 0.005/0.009
All Intersil semiconductor products are manufactured, assembled and tested under ISO9000 quality systems certification.
Intersil products are sold by description only. Intersil Corporation reserves the right to make changes in circuit design and/or specifications at any time without notice. Accordingly, the reader is cautioned to verify that data sheets are current before placing orders. Information furnished by Intersil is believed to be accurate and reliable. However, no responsibility is assumed by Intersil or its subsidiaries for its use; nor for any infringements of patents or other rights of third parties which may result from its use. No license is granted by implication or otherwise under any patent or patent rights of Intersil or its subsidiaries.
For information regarding Intersil Corporation and its products, see web site http://www.intersil.com
Sales Office Headquarters
NORTH AMERICA Intersil Corporation P. O. Box 883, Mail Stop 53-204 Melbourne, FL 32902 TEL: (407) 724-7000 FAX: (407) 724-7240 EUROPE Intersil SA Mercure Center 100, Rue de la Fusee 1130 Brussels, Belgium TEL: (32) 2.724.2111 FAX: (32) 2.724.22.05 ASIA Intersil (Taiwan) Ltd. Taiwan Limited 7F-6, No. 101 Fu Hsing North Road Taipei, Taiwan Republic of China TEL: (886) 2 2716 9310 FAX: (886) 2 2715 3029
11


▲Up To Search▲   

 
Price & Availability of HI7106

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X