Part Number Hot Search : 
807DTRP KBPC35S CS4300U AS23AH 5L20C MBRB2 ON1406 ON2847
Product Description
Full Text Search
 

To Download HE8050S Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 HI-SINCERITY
MICROELECTRONICS CORP.
Spec. No. : HE6110 Issued Date : 1992.09.30 Revised Date : 2001.07.18 Page No. : 1/4
HE8050S
NPN EPITAXIAL PLANAR TRANSISTOR
Description
The HE8050S is designed for general purpose amplifier applications.
Absolute Maximum Ratings
* Maximum Temperatures Storage Temperature ............................................................................................ -55 ~ +150 C Junction Temperature ................................................................................... +150 C Maximum * Maximum Power Dissipation Total Power Dissipation (Ta=25C) ............................................................................... 625 mW * Maximum Voltages and Currents (Ta=25C) VCBO Collector to Base Voltage ........................................................................................ 25 V VCEO Collector to Emitter Voltage ..................................................................................... 20 V VEBO Emitter to Base Voltage ............................................................................................. 5 V IC Collector Current ....................................................................................................... 700 mA
Characteristics (Ta=25C)
Symbol BVCBO BVCEO BVEBO ICBO IEBO *VCE(sat) VBE(on) *hFE1 *hFE2 fT Cob Min. 25 20 5 100 150 Typ. 140 Max. 1 100 0.5 1 500 10 Unit V V V uA nA V V Test Conditions IC=10uA, IE=0 IC=1mA, IB=0 IE=10uA, IC=0 VCB=20V, IE=0 VEB=5V, IC=0 IC=0.5A, IB=50mA VCE=1V, IC=150mA VCE=1V, IC=150mA VCE=1V, IC=500mA VCE=10V, IC=20mA, f=100MHz VCB=10V, f=1MHz, IE=0
MHz pF
*Pulse Test : Pulse Width 380us, Duty Cycle2%
Classifications of hFE
Rank hFE1 hFE2 C 100-180 C1 100-180 >50 D 160-300 D1 160-300 >50 E 250-500 -
HE8050S
HSMC Product Specification
HI-SINCERITY
MICROELECTRONICS CORP.
Characteristics Curve
Current Gain & Collector Current
1000 1000
Spec. No. : HE6110 Issued Date : 1992.09.30 Revised Date : 2001.07.18 Page No. : 2/4
Saturation Voltage & Collector Current
hFE
100
VCE=1V
Saturation Voltage (mV)
100
VCE(sat) @ IC=10IB
10 0.1 1 10 100 1000
10 0.1 1 10 100 1000
Collector Current (mA)
Collector Current (mA)
On Voltage & Collector Current
10000 1000
Cutoff Frequency & Collector Current
Cutoff Frequency (MHz)
On Voltage (mV)
VCE=10V
1000 VBE(on) @ VCE=1V
100
100 0.1 1 10 100 1000
10 1 10 100 1000
Collector Current (mA)
Collector Current (mA)
Capacitance & Reverse-Biased Voltage
100 10000 PT=1ms PT=100ms 1000 PT=1s 100
Safe Operating Area
10
Cob
Collector Current-IC (mA)
10 100
Capacitance (pF)
10
1 0.1 1
1 1 10 100
Reverse Biased Voltage (V)
Forward Voltage-VCE (V)
HE8050S
HSMC Product Specification
HI-SINCERITY
MICROELECTRONICS CORP.
Spec. No. : HE6110 Issued Date : 1992.09.30 Revised Date : 2001.07.18 Page No. : 3/4
PD-Ta
700 600
Power Dissipation-PD(mW)
500 400 300 200 100 0 0 20 40 60 80 100
o
120
140
160
Ambient Temperature-Ta( C)
HE8050S
HSMC Product Specification
HI-SINCERITY
MICROELECTRONICS CORP.
TO-92 Dimension
A B
12 3
Spec. No. : HE6110 Issued Date : 1992.09.30 Revised Date : 2001.07.18 Page No. : 4/4
2
Marking :
HSMC Logo Part Number Date Code Rank Product Series
3
Laser Mark
HSMC Logo Product Series
C
D
Part Number
H I E F
G
Ink Mark Style : Pin 1.Emitter 2.Collector 3.Base
1
3-Lead TO-92 Plastic Package HSMC Package Code : A
*:Typical
DIM A B C D E F
Inches Min. Max. 0.1704 0.1902 0.1704 0.1902 0.5000 0.0142 0.0220 *0.0500 0.1323 0.1480
Millimeters Min. Max. 4.33 4.83 4.33 4.83 12.70 0.36 0.56 *1.27 3.36 3.76
DIM G H I 1 2 3
Inches Min. Max. 0.0142 0.0220 *0.1000 *0.0500 *5 *2 *2
Millimeters Min. Max. 0.36 0.56 *2.54 *1.27 *5 *2 *2
Notes : 1.Dimension and tolerance based on our Spec. dated Apr. 25,1996.
2.Controlling dimension : millimeters. 3.Maximum lead thickness includes lead finish thickness, and minimum lead thickness is the minimum thickness of base material. 4.If there is any question with packing specification or packing method, please contact your local HSMC sales office.
Material :
* Lead : 42 Alloy ; solder plating * Mold Compound : Epoxy resin family, flammability solid burning class:UL94V-0
Important Notice:
* All rights are reserved. Reproduction in whole or in part is prohibited without the prior written approval of HSMC. * HSMC reserves the right to make changes to its products without notice. * HSMC semiconductor products are not warranted to be suitable for use in Life-Support Applications, or systems. * HSMC assumes no liability for any consequence of customer product design, infringement of patents, or application assistance.
Head Office And Factory :
* Head Office (Hi-Sincerity Microelectronics Corp.) : 10F.,No. 61, Sec. 2, Chung-Shan N. Rd. Taipei Taiwan R.O.C. Tel : 886-2-25212056 Fax : 886-2-25632712, 25368454 * Factory 1 : No. 38, Kuang Fu S. Rd., Fu-Kou Hsin-Chu Industrial Park Hsin-Chu Taiwan. R.O.C Tel : 886-3-5983621~5 Fax : 886-3-5982931
HE8050S
HSMC Product Specification


▲Up To Search▲   

 
Price & Availability of HE8050S

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X