|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
HD74LV573A Octal D-type Transparent Latches with 3-state Outputs ADE-205-279A (Z) 2nd Edition July 1999 Description The HD74LV573A has eight D-type latches with three-state outputs in a 20-pin package. When the latch enable input is high, the Q outputs will follow the D inputs. When the latch enable goes low, data at the D inputs will be retained at the outputs until latch enable returns high again. When a high logic level is applied to the output control input, all outputs go to a high impedance state, regardless of what signals are present at the other inputs and the state of the storage elements. Low-voltage and high-speed operation is suitable for the battery-powered products (e.g., notebook computers), and the low-power consumption extends the battery life. Features * * * * * * VCC = 2.0 V to 5.5 V operation All inputs VIH (Max.) = 5.5 V (@VCC = 0 V to 5.5 V) All outputs VO (Max.) = 5.5 V (@VCC = 0 V) Typical VOL ground bounce < 0.8 V (@VCC = 3.3 V, Ta = 25C) Typical VOH undershoot > 2.3 V (@VCC = 3.3 V, Ta = 25C) Output current 8 mA (@VCC = 3.0 V to 3.6 V), 16 mA (@VCC = 4.5 V to 5.5 V) Function Table Inputs OE L L L H Note: H: L: X: Z: Q0 : LE H H L X D H L X X Output Q H L Q0 Z High level Low level Immaterial High impedance Output level before the indicated steady state input conditions were established HD74LV573A Pin Arrangement OE 1 1D 2 2D 3 3D 4 4D 5 5D 6 6D 7 7D 8 8D 9 GND 10 20 VCC 19 1Q 18 2Q 17 3Q 16 4Q 15 5Q 14 6Q 13 7Q 12 8Q 11 LE (Top view) 2 HD74LV573A Absolute Maximum Ratings Item Supply voltage range Input voltage range* 1 1, 2 Symbol VCC VI VO Ratings -0.5 to 7.0 -0.5 to 7.0 -0.5 to VCC + 0.5 -0.5 to 7.0 Unit V V V Conditions Output voltage range* Output: H or L VCC: Z or VCC: OFF Input clamp current Output clamp current Continuous output current Continuous current through VCC or GND Maximum power dissipation at Ta = 25C (in still air)*3 I IK I OK IO I CC or IGND PT -20 50 35 70 835 757 mA mA mA mA mW VI < 0 VO < 0 or VO > VCC VO = 0 to VCC SOP TSSOP Storage temperature Tstg -65 to 150 C Notes: The absolute maximum ratings are values which must not individually be exceeded, and furthermore, no two of which may be realized at the same time. 1. The input and output voltage ratings may be exceeded if the input and output clamp-current ratings are observed. 2. This value is limited to 5.5 V maximum. 3. The maximum package power dissipation was calculated using a junction temperature of 150C. 3 HD74LV573A Recommended Operating Conditions Item Supply voltage range Input voltage range Output voltage range Symbol VCC VI VO Min 2.0 0 0 0 Output current I OH -- -- -- -- I OL -- -- -- -- Input transition rise or fall rate t/v 0 0 0 Operating free-air temperature Ta -40 Max 5.5 5.5 VCC 5.5 -50 -2 -8 -16 50 2 8 16 200 100 20 85 C ns/V A mA A mA Unit V V V H or L Output: Z VCC = 2.0 V VCC = 2.3 to 2.7 V VCC = 3.0 to 3.6 V VCC = 4.5 to 5.5 V VCC = 2.0 V VCC = 2.3 to 2.7 V VCC = 3.0 to 3.6 V VCC = 4.5 to 5.5 V VCC = 2.3 to 2.7 V VCC = 3.0 to 3.6 V VCC = 4.5 to 5.5 V Conditions Note: Unused or floating inputs must be held high or low. Logic Diagram OE LE 1 11 C1 1D 2 1D 19 1Q To seven other channels 4 HD74LV573A DC Electrical Characteristics * Ta = -40 to 85C Item Input voltage Symbol VIH VCC (V)* 2.0 2.3 to 2.7 3.0 to 3.6 4.5 to 5.5 VIL 2.0 2.3 to 2.7 3.0 to 3.6 4.5 to 5.5 Output voltage VOH Min to Max 2.3 3.0 4.5 VOL Min to Max 2.3 3.0 4.5 Input current Off-state output current Quiescent supply current Output leakage current Input capacitance IIN IOZ ICC IOFF CIN 0 to 5.5 5.5 5.5 0 3.3 Min 1.5 VCC x 0.7 VCC x 0.7 VCC x 0.7 -- -- -- -- VCC - 0.1 2.0 2.48 3.8 -- -- -- -- -- -- -- -- -- Typ -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- 1.8 Max -- -- -- -- 0.5 VCC x 0.3 VCC x 0.3 VCC x 0.3 -- -- -- -- 0.1 0.4 0.44 0.55 1 5 20 5 -- A A A A pF V IOH = -50 A IOH = -2 mA IOH = -8 mA IOH = -16 mA IOL = 50 A IOL = 2 mA IOL = 8 mA IOL = 16 mA VI = 5.5 V or GND VO = VCC or GND VI = VCC or GND, IO = 0 VI or VO = 0 V to 5.5 V VI = VCC or GND Unit V Test Conditions Note: For conditions shown as Min or Max, use the appropriate values under recommended operating conditions. 5 HD74LV573A Switching Characteristics * VCC = 2.5 0.2 V Ta = 25C Item Propagation delay time Symbol tPLH tPHL Min -- Typ 8.9 Max 15.8 Ta = -40 to 85C Min 1.0 Max 18.0 Unit ns Test Conditions CL = 15 pF FROM (Input) TO (Output) Q D -- -- -- Enable time tZH tZL -- 9.6 10.9 11.6 9.3 16.2 18.7 19.1 16.2 1.0 1.0 1.0 1.0 19.0 21.0 23.0 19.0 ns CL = 15 pF CL = 50 pF LE D LE OE Q -- Disable time tHZ tLZ -- 11.4 6.7 19.0 12.6 1.0 1.0 22.0 15.0 ns CL = 50 pF CL = 15 pF OE Q -- Setup time Hold time Pulse width tsu th tw 5.0 2.0 6.5 8.6 -- -- -- 17.3 -- -- -- 1.0 5.0 2.0 6.5 19.0 -- -- -- ns ns ns CL = 50 pF Data before LE Data after LE LE "H" 6 HD74LV573A Switching Characteristics (cont) * VCC = 3.3 0.3 V Ta = 25C Item Propagation delay time Symbol tPLH tPHL Min -- Typ 6.2 Max 11.0 Ta = -40 to 85C Min 1.0 Max 13.0 Unit ns Test Conditions CL = 15 pF FROM (Input) TO (Output) Q D -- -- -- Enable time tZH tZL -- 6.8 7.7 8.2 6.6 11.9 14.5 15.4 11.5 1.0 1.0 1.0 1.0 14.0 16.5 17.5 13.5 ns CL = 15 pF CL = 50 pF LE D LE OE Q -- Disable time tHZ tLZ -- 8.0 4.9 15.0 11.0 1.0 1.0 17.0 13.0 ns CL = 50 pF CL = 15 pF OE Q -- Setup time Hold time Pulse width tsu th tw 3.5 1.5 5.0 6.2 -- -- -- 14.5 -- -- -- 1.0 3.5 1.5 5.0 16.5 -- -- -- ns ns ns CL = 50 pF Data before LE Data after LE LE "H" 7 HD74LV573A Switching Characteristics (cont) * VCC = 5.0 0.5 V Ta = 25C Item Propagation delay time Symbol tPLH tPHL Min -- Typ 4.3 Max 6.8 Ta = -40 to 85C Min 1.0 Max 8.0 Unit ns Test Conditions CL = 15 pF FROM (Input) TO (Output) Q D -- -- -- Enable time tZH tZL -- 4.7 5.3 5.7 4.7 7.7 8.8 9.7 7.7 1.0 1.0 1.0 1.0 9.0 10.0 11.0 9.0 ns CL = 15 pF CL = 50 pF LE D LE OE Q -- Disable time tHZ tLZ -- 5.7 3.5 9.7 7.7 1.0 1.0 11.0 9.0 ns CL = 50 pF CL = 15 pF OE Q -- Setup time Hold time Pulse width tsu th tw 3.5 1.5 5.0 4.2 -- -- -- 9.7 -- -- -- 1.0 3.5 1.5 5.0 11.0 -- -- -- ns ns ns CL = 50 pF Data before LE Data after LE LE "H" Output-skew Characteristics Ta = 25C Item Output skew Symbol t sk (O) VCC (V) 2.3 to 2.7 3.0 to 3.6 4.5 to 5.5 Min -- -- -- Typ -- -- -- Max 2.0 1.5 1.0 Ta = -40 to 85C Min -- -- -- Max 2.0 1.5 1.0 Unit ns Note: Skew between any outputs of the same package switching in the same direction. This parameter is warranted but not production tested. 8 HD74LV573A Operating Characteristics * CL = 50 pF Ta = 25C Item Power dissipation capacitance Symbol CPD VCC (V) 3.3 Min -- Typ 16 Max -- Unit pF Test Conditions f = 10 MHz 5.0 -- 18 -- Noise Characteristics * CL = 50 pF Ta = 25C Item Quiet output, maximum dynamic VOL Quiet output, minimum dynamic VOL Quiet output, minimum dynamic VOH High-level dynamic input voltage Low-level dynamic input voltage Symbol VOL (P) VCC (V) 3.3 Min -- Typ 0.6 Max 0.8 Unit V Test Conditions VOL (V) 3.3 -- -0.5 -0.8 VOH (V) 3.3 -- 2.9 -- VIH (D) 3.3 2.31 -- -- V VIL (D) 3.3 -- -- 0.99 9 HD74LV573A Test Circuit Output 1 k CL OPEN GND VCC S2 TEST t PLH /t PHL t ZH/t HZ t ZL /t LZ S2 OPEN GND VCC Note: C L includes the probe and jig capacitance. 10 HD74LV573A * Waveform - 1 tr tf VCC 50% VCC 0V tf 90% D 10% tPLH 90% 10% tPHL VOH Q 50% VCC 50% VCC VOL VCC 0V 90% 90% 50% VCC 10% 10% tr LE * Waveform - 2 tr 90% LE 10% tr 90% 50% VCC tPLH 90% 50% VCC tf VCC 10% tPHL VOH Q 50% VCC 50% VCC VOL 0V VCC 0V D 10% * Waveform - 3 tr 90% 90% 50% 50% VCC tw VCC tsu tf VCC 10% th VCC D 50% VCC 50% VCC 0V 0V LE 10% 11 HD74LV573A * Waveform - 4 90% OE 50% VCC 10% t ZL 10% t LZ tf tr 90% 50% VCC VCC 0V VCC Waveform - A t ZH Waveform - B 50% VCC t HZ VOH - 0.3 V VOL + 0.3 V VOL VOH 0V Notes: 1. Input waveform: PRR 1 MHz, Zo = 50 , tr 3 ns, tf 3 ns 2. Waveform-A is for an output with internal conditions such that the output is low except when disabled by the output control. 3. Waveform-B is for an output with internal conditions such that the output is high except when disabled by the output control. 4. The output is measured one at a time with one transition per measurement. 50% V CC 12 HD74LV573A Package Dimensions 12.6 13 Max 20 11 1 10 5.5 0.80 Max 2.20 Max 0.22 0.05 0.20 0.04 0.20 7.80 + 0.30 - 1.15 0 - 8 0.70 0.20 1.27 0.42 0.08 0.40 0.06 0.12 M Dimension including the plating thickness Base material dimension 0.10 0.10 0.15 Hitachi Code JEDEC EIAJ Weight (reference value) FP-20DA -- Conforms 0.31 g 13 HD74LV573A Unit: mm 12.8 13.2 Max 20 11 7.50 1 0.935 Max 10 2.65 Max *0.27 0.05 0.25 0.04 0.25 10.40 + 0.40 - 1.45 0.20 0.10 0 - 8 0.57 0.70 + 0.30 - 1.27 *0.42 0.08 0.40 0.06 0.15 0.12 M Hitachi Code JEDEC EIAJ Weight (reference value) FP-20DB Conforms -- 0.52 g *Dimension including the plating thickness Base material dimension 14 HD74LV573A 6.50 6.80 Max 20 11 4.40 1 10 0.65 0.20 0.06 0.22 +0.08 -0.07 0.13 M 0.65 Max 0.17 0.05 0.15 0.04 1.10 Max 0.07 +0.03 -0.04 0 - 8 0.50 0.10 1.0 6.40 0.20 0.10 Dimension including the plating thickness Base material dimension Hitachi Code JEDEC EIAJ Weight (reference value) TTP-20DA -- -- 0.07 g 15 HD74LV573A Cautions 1. Hitachi neither warrants nor grants licenses of any rights of Hitachi's or any third party's patent, copyright, trademark, or other intellectual property rights for information contained in this document. Hitachi bears no responsibility for problems that may arise with third party's rights, including intellectual property rights, in connection with use of the information contained in this document. 2. Products and product specifications may be subject to change without notice. Confirm that you have received the latest product standards or specifications before final design, purchase or use. 3. Hitachi makes every attempt to ensure that its products are of high quality and reliability. However, contact Hitachi's sales office before using the product in an application that demands especially high quality and reliability or where its failure or malfunction may directly threaten human life or cause risk of bodily injury, such as in aerospace, aeronautics, nuclear power, combustion control, transportation, traffic, safety equipment or medical equipment for life support. 4. Design your application so that the product is used within the ranges guaranteed by Hitachi particularly for maximum rating, operating supply voltage range, heat radiation characteristics, installation conditions and other characteristics. Hitachi bears no responsibility for failure or damage when used beyond the guaranteed ranges. Even within the guaranteed ranges, consider normally foreseeable failure rates or failure modes in semiconductor devices and employ systemic measures such as fail-safe devices, so that the equipment incorporating the Hitachi product does not cause bodily injury, fire or other consequential damage due to operation of the Hitachi product. 5. This product is not designed to be radiation resistant. 6. No one is permitted to reproduce or duplicate, in any form, the whole or part of this document without written approval from Hitachi. 7. Contact Hitachi's sales office for any questions regarding this document or Hitachi semiconductor products. Hitachi, Ltd. Semiconductor & Integrated Circuits. Nippon Bldg., 2-6-2, Ohte-machi, Chiyoda-ku, Tokyo 100-0004, Japan Tel: Tokyo (03) 3270-2111 Fax: (03) 3270-5109 URL NorthAmerica : http:semiconductor.hitachi.com/ Europe : http://www.hitachi-eu.com/hel/ecg Asia (Singapore) : http://www.has.hitachi.com.sg/grp3/sicd/index.htm Asia (Taiwan) : http://www.hitachi.com.tw/E/Product/SICD_Frame.htm Asia (HongKong) : http://www.hitachi.com.hk/eng/bo/grp3/index.htm Japan : http://www.hitachi.co.jp/Sicd/indx.htm For further information write to: Hitachi Europe GmbH Electronic components Group Dornacher Strae 3 D-85622 Feldkirchen, Munich Germany Tel: <49> (89) 9 9180-0 Fax: <49> (89) 9 29 30 00 Hitachi Europe Ltd. Electronic Components Group. Whitebrook Park Lower Cookham Road Maidenhead Berkshire SL6 8YA, United Kingdom Tel: <44> (1628) 585000 Fax: <44> (1628) 778322 Hitachi Asia Pte. Ltd. 16 Collyer Quay #20-00 Hitachi Tower Singapore 049318 Tel: 535-2100 Fax: 535-1533 Hitachi Asia Ltd. Taipei Branch Office 3F, Hung Kuo Building. No.167, Tun-Hwa North Road, Taipei (105) Tel: <886> (2) 2718-3666 Fax: <886> (2) 2718-8180 Hitachi Asia (Hong Kong) Ltd. Group III (Electronic Components) 7/F., North Tower, World Finance Centre, Harbour City, Canton Road, Tsim Sha Tsui, Kowloon, Hong Kong Tel: <852> (2) 735 9218 Fax: <852> (2) 730 0281 Telex: 40815 HITEC HX Hitachi Semiconductor (America) Inc. 179 East Tasman Drive, San Jose,CA 95134 Tel: <1> (408) 433-1990 Fax: <1>(408) 433-0223 Copyright ' Hitachi, Ltd., 1999. All rights reserved. Printed in Japan. 16 |
Price & Availability of HD74LV573A |