Part Number Hot Search : 
TB0193A 74HC53 74HC53 4R3ML SMAJ17 G530251 BA9756 CPH6324
Product Description
Full Text Search
 

To Download G2SB20 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 G2SB20 thru G2SB80
New Product
Vishay Semiconductors
formerly General Semiconductor
Glass Passivated Single-Phase Bridge Rectifier
Case Type GBL
0.125 (3.17) x 45 degrees Chamfer 0.825 (20.9) 0.815 (20.7)
Reverse Voltage 200 to 800V Forward Current 1.5A
Features
0.421 (10.7) 0.411 (10.4)
0.080 (2.03) 0.060 (1.50)
0.095 (2.41) 0.080 (2.03) 0.098 (2.5) 0.075 (1.9) 0.043 (1.1) 0.035 (0.9) 0.210 (5.3) 0.190 (4.8) 0.040 (1.02) 0.030 (0.76) 0.022 (0.56) 0.018 (0.46)
0.098 (2.5) 0.075 (1.9) 0.718 (18.2) 0.682 (17.3) Lead Depth 0.022 (0.56) 0.018 (0.46)
* Plastic package has Underwriters Laboratory Flammability Classification 94V-0 * This series is UL listed under the Recognized Component Index, file number E54214 * High case dielectric strength * Ideal for printed circuit boards * Glass passivated chip junction * High surge current capability * High temperature soldering guaranteed: 260C/10 seconds, 0.375 (9.5mm) lead length, 5lbs. (2.3kg) tension
Mechanical Data
0.140 (3.56) 0.128 (3.25)
Polarity shown on front side of case, positive lead beveled corner.
Dimensions in inches and (millimeters)
Case: Molded plastic body over passivated junctions Terminals: Plated leads solderable per MIL-STD-750, Method 2026 Mounting Position: Any Weight: 0.071 oz., 2.0 g Packaging codes/options: 1/400 EA. per Bulk Tray Stack, 4K/box
Ratings at 25C ambient temperature unless otherwise specified.
Maximum Ratings & Thermal Characteristics
Parameter Maximum repetitive peak reverse voltage Maximum RMS voltage Maximum DC blocking voltage Maximum average forward rectified output current at TA = 25C Peak forward surge current single sine-wave superimposed on rated load (JEDEC Method) Rating for fusing (t<8.3ms) Typical thermal resistance per leg Operating junction storage and temperature range
Symbol VRRM VRMS VDC IF(AV) IFSM I2t RJA RJL TJ, TSTG
G2SB20 200 140 200
G2SB60 600 420 600 1.5 80 27 40 12 -55 to +150
G2SB80 800 560 800
Unit V V V A A A2sec C/W C
Electrical Characteristics
Parameter
Ratings at 25C ambient temperature unless otherwise specified.
Symbol VF TA = 25C TA =125C IR
G2SB20
G2SB60 1.00 5.0 300
G2SB80
Unit V A
Maximum instantaneous forward voltage drop per leg at 0.75 A Maximum DC reverse current at rated DC blocking voltage per leg
Note: (1) Unit mounted on P.C.B. with 0.5 x 0.5" (12 x 12mm) copper pads and 0.375" (9.5mm) lead length
Document Number 88603 21-Mar-02
www.vishay.com 1
G2SB20 thru G2SB80
Vishay Semiconductors
formerly General Semiconductor
Ratings and Characteristic Curves (TA = 25C unless otherwise noted)
Fig. 1 - Derating Curve Output Rectified Current
2
Fig. 2 - Maximum Non-Repetitive Peak Forward Surge Current Per Leg
100
Average Forward Output (IF(AV) )
P.C.B. Mounting, TA
1.5
Peak Forward Surge Current (A)
80
60
1
40
0.5
20
1.0 Cycle
0 1 100
0 0 25 50 75 100 125 150
Temperature (C)
Number of Cycles at 60 Hz
Fig. 3 - Typical Forward Characteristics Per Leg
100 100
Fig. 4 - Typical Reverse Characteristics Per Leg
Instantaneous Reverse Current ( A)
Instantaneous Forward Current (A)
10
10
TA = 125C
1
1
0.1
0.1
TA = 25C
0.01 0 20 40 60 80 100
0.01 0.6 1 1.4 1.8 2.2 2.6 3 3.4
Instantaneous Forward Voltage (V)
Percent of Rated Peak Reverse Voltage (%)
Fig. 5 - Typical Junction Capacitance Per Leg
Transient Thermal Impedance (C/W)
100 100
Fig. 6 - Typical Transient Thermal Impedance
Junction Capacitance (pF)
10
10
1
0.1
1 0.1 1 10 100
0.01 0.01 0.1 1 10 100
Reverse Voltage (V)
www.vishay.com 2
t, Heating Time (sec.)
Document Number 88603 21-Mar-02


▲Up To Search▲   

 
Price & Availability of G2SB20

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X