Part Number Hot Search : 
CDRH12 N40N60 BSP125 ICL8007C BL317BT 3362R103 SD243 SAB9080
Product Description
Full Text Search
 

To Download D2SB20 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SHINDENGEN
General Purpose Rectifiers
SIL Bridges
D2SB20
200V 1.5A
FEATURES *oe Single In-Line Package Thin *oe High IFSM *oe Applicable to Automatic Insertion APPLICATION
OUTLINE DIMENSIONS
Case : 2S Unit : mm
*oe power supply Switching
*oe Home Appliances, Office Equipment *oe Telecommunication, Factory Automation
RATINGS
*oeAbsolute Maximum Ratings (If not specified Tl=25*Z) Item Symbol Conditions Ratings Unit Storage Temperature Tstg -40*150 *Z Operating Junction Temperature j T 150 *Z VRM Maximum Reverse Voltage 200 V IO Average Rectified Forward Current 50Hz sine wave, R-load, On glass-epoxy substrate, Ta=25*Z 1.5 A Peak Surge Forward Current IFSM 50Hz sine wave, Non-repetitive 1cycle peak value, Tj=25A *Z 80 I2 t 2ms*...t*10ms* Tj=25*Z A2s Current Squared Time @ 32 *oeElectrical Characteristics (If not specified Tl=25*Z) Item Symbol Conditions Ratings Unit VF IF Forward Voltage =0.75A, Pulse measurement,Rating of per diode Max.1.05 V IR V=V , Pulse measurement,Rating of per diode Reverse Current Max.10 EA R RM Thermal Resistance AEjl junction to lead Max.10 *Z/W AEja junction to ambient Max.47
Copyright & Copy;2000 Shindengen Electric Mfg.Co.Ltd
D2SBx
Forward Voltage
10
Forward Current IF [A]
Tl=150C [TYP]
Tl=25C [TYP] 1
Pulse measurement per diode
0.1
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
Forward Voltage VF [V]
D2SBx
4 3.5
Forward Power Dissipation
Forward Power Dissipation PF [W]
3 SIN 2.5 2 1.5 1 0.5 0
0
0.5
1
1.5
2
Average Rectified Forward Current IO [A]
Tj = 150C Sine wave
D2SBx
3
Derating Curve
Average Rectified Forward Current IO [A]
2.5
PCB Glass-epoxy substrate Soldering land 3mm
2 SIN 1.5
1
0.5
0
0
20
40
60
80
100
120
140
160
Ambient Temperature Ta [C]
Sine wave R-load Free in air
D2SBx
120
Peak Surge Forward Capability
IFSM
10ms 10ms
100
1 cycle
Peak Surge Forward Current IFSM [A]
non-repetitive, sine wave, Tj=25C before surge current is applied
80
60
40
20
0
1
2
5
10
20
50
100
Number of Cycles [cycles]


▲Up To Search▲   

 
Price & Availability of D2SB20

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X