Part Number Hot Search : 
SN49A 25020 ST626 VS2AUF N4990 D100B NTE825 SF914
Product Description
Full Text Search
 

To Download CD4538 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 CD4538BC Dual Precision Monostable
October 1987 Revised January 1999
CD4538BC Dual Precision Monostable
General Description
The CD4538BC is a dual, precision monostable multivibrator with independent trigger and reset controls. The device is retriggerable and resettable, and the control inputs are internally latched. Two trigger inputs are provided to allow either rising or falling edge triggering. The reset inputs are active LOW and prevent triggering while active. Precise control of output pulse-width has been achieved using linear CMOS techniques. The pulse duration and accuracy are determined by external components RX and CX. The device does not allow the timing capacitor to discharge through the timing pin on power-down condition. For this reason, no external protection resistor is required in series with the timing pin. Input protection from static discharge is provided on all pins.
Features
s Wide supply voltage range: s High noise immunity: 3.0V to 15V 0.45 VCC (typ.) s Low power TTL compatibility: Fan out of 2 driving 74L or 1 driving 74LS s New formula: PWOUT = RC (PW in seconds, R in Ohms, C in Farads) s 1.0% pulse-width variation from part to part (typ.) s Wide pulse-width range: 1 s to s Separate latched reset inputs s Symmetrical output sink and source capability s Low standby current: 5 nA (typ.) @ 5 VDC s Pin compatible to CD4528BC
Ordering Code:
Order Number CD4538BCM CD4538BCWM CD4538BCN Package Number M16A M16B N16E Package Description 16-Lead Small Outline Integrated Circuit (SOIC), JEDEC MS-012, 0.150" Narrow Body 16-Lead Small Outline Integrated Circuit (SOIC), JEDEC MS-013, 0.300" Wide Body 16-Lead Plastic Dual-In-Line Package (PDIP), JEDEC MS-001, 0.300" Wide
Devices also available in Tape and Reel. Specify by appending the suffix letter "X" to the ordering code.
Connection Diagram
Pin Assignments for DIP and SOIC
Truth Table
Inputs Clear L X X H H A X H X L B X X L H Outputs Q L L L Q H H H

Top View
H = HIGH Level L = LOW Level = Transition from LOW-to-HIGH = Transition from HIGH-to-LOW = One HIGH Level Pulse = One LOW Level Pulse X = Irrelevant

(c) 1999 Fairchild Semiconductor Corporation
DS006000.prf
www.fairchildsemi.com
CD4538BC
Block Diagram
RX and CX are External Components VDD = Pin 16 VSS = Pin 8
Logic Diagram
FIGURE 1.
www.fairchildsemi.com
2
CD4538BC
Theory of Operation
FIGURE 2.
Trigger Operation
The block diagram of the CD4538BC is shown in Figure 1, with circuit operation following. As shown in Figure 1 and Figure 2, before an input trigger occurs, the monostable is in the quiescent state with the Q output low, and the timing capacitor CX completely charged to VDD. When the trigger input A goes from VSS to VDD (while inputs B and CD are held to VDD) a valid trigger is recognized, which turns on comparator C1 and N-Channel transistor N1(1). At the same time the output latch is set. With transistor N1 on, the capacitor CX rapidly discharges toward VSS until VREF1 is reached. At this point the output of comparator C1 changes state and transistor N1 turns off. Comparator C1 then turns off while at the same time comparator C2 turns on. With transistor N1 off, the capacitor CX begins to charge through the timing resistor, RX, toward VDD. When the voltage across CX equals VREF2, comparator C2 changes state causing the output latch to reset (Q goes low) while at the same time disabling comparator C2. This ends the timing cycle with the monostable in the quiescent state, waiting for the next trigger. A valid trigger is also recognized when trigger input B goes from VDD to VSS (while input A is at VSS and input CD is at VDD)(2). It should be noted that in the quiescent state CX is fully charged to VDD , causing the current through resistor RX to be zero. Both comparators are "off" with the total device current due only to reverse junction leakages. An added feature of the CD4538BC is that the output latch is set via the input trigger without regard to the capacitor voltage.
Thus, propagation delay from trigger to Q is independent of the value of CX, RX, or the duty cycle of the input waveform.
Retrigger Operation
The CD4538BC is retriggered if a valid trigger occurs(3) followed by another valid trigger(4) before the Q output has returned to the quiescent (zero) state. Any retrigger, after the timing node voltage at pin 2 or 14 has begun to rise from VREF1, but has not yet reached VREF2, will cause an increase in output pulse width T. When a valid retrigger is initiated(4), the voltage at T2 will again drop to VREF1 before progressing along the RC charging curve toward VDD. The Q output will remain high until time T, after the last valid retrigger.
Reset Operation
The CD4538BC may be reset during the generation of the output pulse. In the reset mode of operation, an input pulse on CD sets the reset latch and causes the capacitor to be fast charged to VDD by turning on transistor Q1(5). When the voltage on the capacitor reaches VREF2, the reset latch will clear and then be ready to accept another pulse. If the CD input is held low, any trigger inputs that occur will be inhibited and the Q and Q outputs of the output latch will not change. Since the Q output is reset when an input low level is detected on the CD input, the output pulse T can be made significantly shorter than the minimum pulse width specification.
3
www.fairchildsemi.com
CD4538BC
FIGURE 3. Retriggerable Monostables Circuitry FIGURE 4. Non-Retriggerable Monostables Circuitry
FIGURE 5. Connection of Unused Sections
www.fairchildsemi.com
4
CD4538BC
Absolute Maximum Ratings(Note 1)
(Note 2) DC Supply Voltage (VDD) Input Voltage (VIN) Storage Temperature Range (TS) Power Dissipation (PD) Dual-In-Line Small Outline Lead Temperature (TL) (Soldering, 10 seconds) 260C 700 mW 500 mW -0.5 to +18 VDC -0.5V to VDD + 0.5 VDC -65C to +150C
Recommended Operating Conditions (Note 2)
DC Supply Voltage (VDD) Input Voltage (VIN) Operating Temperature Range (TA) 3 to 15 VDC 0 to VDD VDC -40C to +85C
Note 1: "Absolute Maximum Ratings" are those values beyond which the safety of the device cannot be guaranteed, they are not meant to imply that the devices should be operated at these limits. The tables of "Recommended Operating Conditions" and "Electrical Characteristics" provide conditions for actual device operation. Note 2: VSS = 0V unless otherwise specified.
DC Electrical Characteristics (Note 2)
Symbol IDD Parameter Quiescent Device Current VOL LOW Level Output Voltage VOH HIGH Level Output Voltage VIL LOW Level Input Voltage VDD = 5V VDD = 10V VDD = 15V VDD = 5V VDD = 10V VDD = 15V VDD = 5V VDD = 10V VDD = 15V |IO| < 1 A VDD = 5V, VO = 0.5V or 4.5V VDD = 10V, VO = 1.0V or 9.0V VDD = 15V, VO = 1.5V or 13.5V VIH HIGH Level Input Voltage |IO| < 1 A VDD = 5V, VO = 0.5V or 4.5V VDD = 10V, VO = 1.0V or 9.0V VDD = 15V, VO = 1.5V or 13.5V IOL LOW Level Output Current (Note 3) IOH HIGH Level Output Current (Note 3) IIN IIN Input Current, Pin 2 or 14 Input Current Other Inputs
Note 3: IOH and IOL are tested one output at a time.
Conditions VIH = VDD VIL = VSS All Outputs Open |IO| < 1 A VIH = VDD, VIL = VSS |IO| < 1 A VIH = VDD, VIL = VSS
-40C Min Max 20 40 80 0.05 0.05 0.05 4.95 9.95 14.95 1.5 3.0 4.0 3.5 7.0 11.0 0.52 1.3 3.6 -0.52 VIL = VSS -1.3 -3.6 0.02 0.3 3.5 7.0 11.0 0.44 1.1 3.0 -0.44 -1.1 -3.0 4.95 9.95 14.95 Min
+25C Typ 0.005 0.010 0.015 0 0 0 5 10 15 2.25 4.50 6.75 2.75 5.50 8.25 0.88 2.25 8.8 -0.88 -2.25 -8.8 10-5 10-5 0.05 0.3 1.5 3.0 4.0 Max 20 40 80 0.05 0.05 0.05
+85C Min Max 150 300 600 0.05 0.05 0.05 4.95 9.95 14.95 1.5 3.0 4.0 3.5 7.0 11.0 0.36 0.9 2.4 -0.36 -0.9 -2.4 0.5 1.0
Units A A A V V V V V V V V V V V V mA mA mA mA mA mA A A
VDD = 5V, VO = 0.4V VDD = 10V, VO = 0.5V VD = 15V, VO = 1.5V VDD = 5V, VO = 4.6V VDD = 10V, VO = 9.5V VD = 15V, VO = 13.5V
VIH = VDD VIL = VSS
VDD = 15V, VIN = 0V or 15V VDD = 15V, VIN = 0V or 15V
5
www.fairchildsemi.com
CD4538BC
AC Electrical Characteristics (Note 4)
TA = 25C, CL = 50 pF, and tr = tf = 20 ns unless otherwise specified Symbol tTLH, tTHL Parameter Output Transition Time VDD = 5V VDD = 10V VDD = 15V tPLH, tPHL Propagation Delay Time Trigger Operation-- A or B to Q or Q VDD = 5V VDD = 10V VDD = 15V Reset Operation-- CD to Q or Q VDD = 5V VDD = 10V VDD = 15V tWL, tWH Minimum Input Pulse Width A, B, or CD tRR Minimum Retrigger Time VDD = 5V VDD = 10V VDD = 15V VDD = 5V VDD = 10V VDD = 15V CIN PWOUT Input Capacitance Pin 2 or 14 Other Inputs Output Pulse Width (Q or Q) (Note: For Typical Distribution, see Figure 6) RX = 100 k CX = 0.1 F RX = 100 k CX = 10.0 F Pulse Width Match between Circuits in the Same Package CX = 0.1 F, RX = 100 k Operating Conditions RX CX External Timing Resistance External Timing Capacitance 5.0 0 (Note 5) No Limit k pF RX = 100 k CX = 0.1 F RX = 100 k CX = 0.002 F VDD = 5V VDD = 10V VDD = 15V VDD = 5V VDD = 10V VDD = 15V VDD = 5V VDD = 10V VDD = 15V VDD = 5V VDD = 10V VDD = 15V 208 211 216 8.83 9.02 9.20 0.87 0.89 0.91 10 5 226 230 235 9.60 9.80 10.00 0.95 0.97 0.99 1 1 1 7.5 244 248 254 10.37 10.59 10.80 1.03 1.05 1.07 0 250 125 95 35 30 25 500 250 190 70 60 50 0 0 0 ns ns ns ns ns ns ns ns ns pF pF s s s ms ms ms s s s % % % 300 150 100 600 300 220 ns ns ns Conditions Min Typ 100 50 40 Max 200 100 80 Units ns ns ns
Note 4: AC parameters are guaranteed by DC correlated testing. Note 5: The maximum usable resistance RX is a function of the leakage of the Capacitor CX, leakage of the CD4538BC, and leakage due to board layout, surface resistance, etc.
www.fairchildsemi.com
6
CD4538BC
Typical Applications
FIGURE 6. Typical Normalized Distribution of Units for Output Pulse Width
FIGURE 9. Typical Pulse Width Error Versus Temperature
FIGURE 7. Typical Pulse Width Variation as a Function of Supply Voltage VDD
FIGURE 10. Typical Pulse Width Error Versus Temperature
FIGURE 8. Typical Total Supply Current Versus Output Duty Cycle, RX = 100 k, CL = 50 pF, CX = 100 pF, One Monostable Switching Only
FIGURE 11. Typical Pulse Width Versus Timing RC Product
7
www.fairchildsemi.com
CD4538BC
Test Circuits and Waveforms
FIGURE 12. Switching Test Waveforms
*CL = 50 pF
Input Connections Characteristics tPLH, tPHL, tTLH, tTHL PWOUT, tWH, tWL tPLH, tPHL, tTLH, tTHL PWOUT, tWH, tWL tPLH(R), tPHL(R), tWH, tWL PG3 PG1 PG2 VDD VSS PG2 CD VDD A PG1 B VDD
*Includes capacitance of probes, wiring, and fixture parasitic Note: Switching test waveforms for PG1, PG2, PG3 are shown in Figure 12.
FIGURE 13. Switching Test Circuit
www.fairchildsemi.com
8
CD4538BC
RX = RX = 100 k CX = CX = 100 pF C1 = C2 = 0.1 F
Duty Cycle = 50%
FIGURE 14. Power Dissipation Test Circuit and Waveforms
9
www.fairchildsemi.com
CD4538BC
Physical Dimensions inches (millimeters) unless otherwise noted
16-Lead Small Outline Integrated Circuit (SOIC), JEDEC MS-012, 0.150" Narrow Body Package Number M16A
16-Lead Small Outline Integrated Circuit (SOIC), JEDEC MS-013, 0.300" Wide Body Package Number M16B
www.fairchildsemi.com
10
CD4538BC Dual Precision Monostable
Physical Dimensions inches (millimeters) unless otherwise noted (Continued)
16-Lead Plastic Dual-In-Line Package (PDIP), JEDEC MS-001, 0.300" Wide Package Number N16E
LIFE SUPPORT POLICY FAIRCHILD'S PRODUCTS ARE NOT AUTHORIZED FOR USE AS CRITICAL COMPONENTS IN LIFE SUPPORT DEVICES OR SYSTEMS WITHOUT THE EXPRESS WRITTEN APPROVAL OF THE PRESIDENT OF FAIRCHILD SEMICONDUCTOR CORPORATION. As used herein: 2. A critical component in any component of a life support 1. Life support devices or systems are devices or systems device or system whose failure to perform can be reawhich, (a) are intended for surgical implant into the sonably expected to cause the failure of the life support body, or (b) support or sustain life, and (c) whose failure device or system, or to affect its safety or effectiveness. to perform when properly used in accordance with instructions for use provided in the labeling, can be reasonably expected to result in a significant injury to the www.fairchildsemi.com user.
Fairchild does not assume any responsibility for use of any circuitry described, no circuit patent licenses are implied and Fairchild reserves the right at any time without notice to change said circuitry and specifications.


▲Up To Search▲   

 
Price & Availability of CD4538

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X