Part Number Hot Search : 
C1300 AGN2004H 2N3906N CA302000 TVS324SM 4742A 4742A 100E1
Product Description
Full Text Search
 

To Download CD4043 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 CD4043BC * CD4044BC Quad 3-STATE NOR R/S Latches * Quad 3-STATE NAND R/S Latches
October 1987 Revised January 1999
CD4043BC * CD4044BC Quad 3-STATE NOR R/S Latches * Quad 3-STATE NAND R/S Latches
General Description
The CD4043BC are quad cross-couple 3-STATE CMOS NOR latches, and the CD4044BC are quad cross-couple 3STATE CMOS NAND latches. Each latch has a separate Q output and individual SET and RESET inputs. There is a common 3-STATE ENABLE input for all four latches. A logic "1" on the ENABLE input connects the latch states to the Q outputs. A logic "0" on the ENABLE input disconnects the latch states from the Q outputs resulting in an open circuit condition on the Q output. The 3-STATE feature allows common bussing of the outputs.
Features
s Wide supply voltage range: s Low power: 100 nW (typ.) s High noise immunity: 0.45 VDD (typ.) s Separate SET and RESET inputs for each latch s NOR and NAND configuration s 3-STATE output with common output enable 3V to 15V
Applications
* Multiple bus storage * Strobed register * Four bits of independent storage with output enable * General digital logic
Ordering Code:
Order Number CD4043BCM CD4043BCN CD4044BCM CD4044BCSJ CD4044BCN Package Number M16A N16E M16A M16D N16E Package Description 16-Lead Small Outline Integrated Circuit (SOIC), JEDEC MS-012, 0.150" Narrow Body 16-Lead Plastic Dual-In-Line Package (PDIP), JEDEC MS-001, 0.300" Wide 16-Lead Small Outline Integrated Circuit (SOIC), JEDEC MS-012, 0.150" Narrow Body 16-Lead Small Outline Package (SOP), EIAJ TYPE II, 5.3mm Wide 16-Lead Plastic Dual-In-Line Package (PDIP), JEDEC MS-001, 0.300" Wide
Devices also available in Tape and Reel. Specify by appending the suffix letter "X" to the ordering code.
Connection Diagrams
Pin Assignments for DIP, SOIC and SOP CD4043BC Pin Assignments for DIP and SOIC CD4044BC
Top View
Top View
(c) 1999 Fairchild Semiconductor Corporation
DS005967.prf
www.fairchildsemi.com
CD4043BC * CD4044BC
Block Diagrams
CD4043BC CD4044BC
Truth Tables
CD4043BC S X 0 1 0 1 R X 0 0 1 1 E 0 1 1 1 1 Q OC NC 1 0 S X 1 0 1 0 CD4044BC R X 1 1 0 0 E 0 1 1 1 1 Q OC NC 1 0
OC = 3-STATE NC = No change X = Don't care = Dominated by S = 1 input = Dominated by R = 0 input
www.fairchildsemi.com
2
CD4043BC * CD4044BC
Absolute Maximum Ratings(Note 1)
(Note 2) Supply Voltage (VDD) Input Voltage (VIN) Storage Temperature Range (TS) Power Dissipation (PD) Dual-In-Line Small Outline Lead Temperature (TL) (Soldering, 10 seconds) 260C 700 mW 500 mW -0.5V to +18V -0.5V to VDD +0.5V -65C to +150C
Recommended Operating Conditions
(Note 2) Supply Voltage (VDD) Input Voltage (VIN) Operating Temperature Range (TA) CD4043BC, CD4044BC -40C to +85C
Note 1: "Absolute Maximum Ratings" are those values beyond which the safety of the device cannot be guaranteed; they are not meant to imply that the devices should be operated at these limits. The tables of "Recommended Operating Conditions" and "Electrical Characteristics" provide conditions for actual device operation. Note 2: VSS = 0V unless otherwise specified.
3.0V to 15V 0 to VDD V
DC Electrical Characteristics
Symbol IDD Parameter Quiescent Device Current VOL LOW Level Output Voltage
(Note 2)
-40C Min Max 20 40 80 0.05 0.05 0.05 4.95 9.95 14.95 1.5 3.0 4.0 3.5 7.0 11 0.52 1.3 3.6 -0.52 -1.3 -3.6 -0.3 0.3 3.5 7.0 11 0.44 1.1 3.0 -0.44 -1.1 -3.0 0.88 2.2 6.0 -0.32 -0.8 -2.4 -0.3 0.3 4.95 9.95 14.95 Min +25C Typ 0.01 0.01 0.02 0 0 0 5.0 10 15 2.25 4.5 6.75 1.5 3.0 4.0 3.5 7.0 11 0.36 0.9 2.4 -0.36 -0.9 -2.4 -1.0 1.0 Max 20 40 80 0.05 0.05 0.05 4.95 9.95 14.95 1.5 3.0 4.0 +85C Min Max 150 300 600 0.05 0.05 0.05 Units A A A V V V V V V V V V V V V mA mA mA mA mA mA A A
Conditions VDD = 5V, VIN = VDD or VSS VDD = 10V, VIN = VDD or VSS VDD = 15V, VIN = VDD or VSS |IO| 1 A, VIL = 0V, VIH = VDD VDD = 5.0V VDD = 10V VDD = 15V
VOH
HIGH Level Output Voltage
|IO| 1 A, VIL = 0V, VIH = VDD VDD = 5.0V VDD = 10V VDD = 15V
VIL
LOW Level Input Voltage
|IO| 1 A VDD = 5.0V, VO = 0.5V or 4.5V VDD = 10V, VO = 1.0V or 9.0V VDD = 15V, VO = 1.5V or 13.5V
VIH
HIGH Level Input Voltage
|IO| 1 A VDD = 5.0V, VO = 0.5V or 4.5V VDD = 5.0V, VO = 1.0V or 9.0V VDD = 15V, VO = 1.5V or 13.5V
IOL
LOW Level Output Current (Note 3)
VIL = 0V, VIH = VDD VDD = 5.0V, VO = 0.4V VDD = 10V, VO = 0.5V VDD = 15V, VO = 1.5V VIL = 0V, VIH = VDD VDD = 5.0V, VO = 4.6V VDD = 10V, VO = 9.5V VDD = 15V, VO = 13.5V VDD = 15V, VIN = 0V VDD = 15V, VIN = 15V
IOH
HIGH Level Output Current (Note 3)
IIN
Input Current
Note 3: IOH and IOL are tested one output at a time.
3
www.fairchildsemi.com
CD4043BC * CD4044BC
AC Electrical Characteristics
Symbol tPLH, tPHL Parameter Propagation Delay S or R to Q
(Note 4)
Conditions VDD = 5.0V VDD = 10V VDD = 15V Min Typ 175 75 60 115 55 40 100 50 40 100 50 40 80 40 20 5.0 Max 350 175 120 230 110 80 200 100 80 200 100 80 160 80 40 7.5 Units ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns pF
TA = 25C, CL = 50 pF, RL = 200k, input tr = tf = 20 ns, unless otherwise noted
tPZH, tPHZ
Propagation Delay Enable to Q (HIGH)
VDD = 5.0V VDD = 10V VDD = 15V
tPZL, tPLZ
Propagation Delay Enable to Q (LOW)
VDD = 5.0V VDD = 10V VDD = 15V
tTHL, tTLH
Transition Time
VDD = 5.0V VDD = 10V VDD = 15V
tWO
Minimum SET or RESET Pulse Width
VDD = 5.0V VDD = 10V VDD = 15V
CIN
Input Capacitance
Note 4: AC Parameters are guaranteed by DC correlated testing.
Timing Waveforms
CD4043B CD4044B
Enable Timing
www.fairchildsemi.com
4
CD4043BC * CD4044BC
Physical Dimensions inches (millimeters) unless otherwise noted
16-Lead Small Outline Integrated Circuit (SOIC), JEDEC MS-012, 0.150" Narrow Body Package Number M16A
16-Lead Small Outline Package (SOP), EIAJ TYPE II, 5.3mm Wide Package Number M16D
5
www.fairchildsemi.com
CD4043BC * CD4044BC Quad 3-STATE NOR R/S Latches * Quad 3-STATE NAND R/S Latches
Physical Dimensions inches (millimeters) unless otherwise noted (Continued)
16-Lead Plastic Dual-In-Line Package (PDIP), JEDEC MS-001, 0.300" Wide Package Number N16E
LIFE SUPPORT POLICY FAIRCHILD'S PRODUCTS ARE NOT AUTHORIZED FOR USE AS CRITICAL COMPONENTS IN LIFE SUPPORT DEVICES OR SYSTEMS WITHOUT THE EXPRESS WRITTEN APPROVAL OF THE PRESIDENT OF FAIRCHILD SEMICONDUCTOR CORPORATION. As used herein: 2. A critical component in any component of a life support 1. Life support devices or systems are devices or systems device or system whose failure to perform can be reawhich, (a) are intended for surgical implant into the sonably expected to cause the failure of the life support body, or (b) support or sustain life, and (c) whose failure device or system, or to affect its safety or effectiveness. to perform when properly used in accordance with instructions for use provided in the labeling, can be reasonably expected to result in a significant injury to the www.fairchildsemi.com user.
Fairchild does not assume any responsibility for use of any circuitry described, no circuit patent licenses are implied and Fairchild reserves the right at any time without notice to change said circuitry and specifications.


▲Up To Search▲   

 
Price & Availability of CD4043

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X