Part Number Hot Search : 
4HUDL UF5400 06N60E 3843B BR202 4LCX16 USB2230 271401B
Product Description
Full Text Search
 

To Download BUX48C Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 (R)
BUX48C/BUV48C BUV48CFI
HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTORS
s s s
NPN TRANSISTORS HIGH VOLTAGE CAPABILITY FAST SWITCHING SPEED
APPLICATIONS s LINEAR AND SWITCHING INDUSTRIAL EQUIPMENT
1 2
TO-3
2 1
3
TO-218
DESCRIPTION The BUX48C, BUV48C and BUV48CFI are silicon Multiepitaxial Mesa NPN transistors mounted respectively in TO-3 metal case, TO-218 plastic package and ISOWATT218 fully isolated package. They are particulary intended for switching and industrial applications from single and tree-phase mains.
3 2 1
ISOWATT218 INTERNAL SCHEMATIC DIAGRAM
F or T O-3 Package
Others Packages
ABSOLUTE MAXIMUM RATINGS
Symbol V CER V CES V CEO V EBO IC I CM I CP IB I BM P t ot T stg Tj Parameter Collector-Emitter Voltage (R BE = 10) Collector-Emitter Voltage (V BE = 0) Collector-Emitter Voltage (IB = 0) Emitter-Base Voltage (IC = 0) Collector Current Collector Peak Current (tp <5ms) Collector Peak Current non repetitive (t p <20s) Base Current Base Peak Current (tp <5ms) TO-3 Total Dissipation at T c = 25 C Storage Temperature Max. O perating Junction Temperature
o
Value 1200 1200 700 7 15 30 55 4 20 TO -218 125 150 ISOW ATT 218 55 -65 to 150 150 175 200
Un it V V V V A A A A A W
o o
-65 to 200 -65 to 150
C C 1/6
January 2000
BUX48C/BUV48C/BUV48CFI
THERMAL DATA
TO -3 R t hj-ca se Thermal Resistance Junction-case Max 1 T O-218 1 ISOW ATT 218 2.2
o
C/W
ELECTRICAL CHARACTERISTICS (Tcase = 25 oC unless otherwise specified)
Symb ol I CER I CES I CEO I EBO Parameter Collector Cut-off Current (R BE = 10 ) Collector Cut-off Current (V BE = 0) Collector Cut-off Current (I B = 0) Emitter Cut-off Current (I C = 0) Test Cond ition s V CE = 1200 V V CE = 1200 V V CE = 1200 V V CE = 1200 V V CE = V CEO V EB = 6 V I C = 100 mA I C = 0.5 A L = 2 mH IC = 6 A I C = 10 A IC = 6 A I C = 10 A V c la mp = 1200 V IB = 1.5 A IB = 4 A IB = 1.5 A IB = 4 A 700 1200 1.5 3 1.5 2 Tc ase = 125 o C Tc ase = 125 C
o
Min .
Typ.
Max. 500 4 500 3 1 1
Unit A mA A mA mA mA V V V V V V
V CEO( SUS) Collector-Emitter Sustaining Voltage (IB = 0) V CER(SUS) Collector-Emitter Sustaining Voltage (R BE = 10 ) V CE(sat ) V BE(s at) Collector-Emitter Saturation Voltage Base-Emitter Saturation Voltage
Pulsed: Pulse duration = 300 s, duty cycle 1.5 %
RESISTIVE SWITCHING TIMES
Symb ol t on ts tf Parameter Turn-on T ime Storage Time Fall Time Test Cond ition s V CC = 250 V I B1 = - IB2 = 1.5 A IC = 6 A Min . Typ. 0.5 1.5 0.2 Max. 1 3 0.7 Unit s s s
INDUCTIVE SWITCHING TIMES
Symb ol ts tf ts tf Parameter Storage Time Fall Time Storage Time Fall Time Test Cond ition s V CC = 250 V I B1 = - IB2 = 1.5 A V CC = 250 V I B1 = - IB2 = 1.5 A o T C = 125 C IC = 6 A IC = 6 A Min . Typ. 2 0.15 3 0.33 6 0.60 Max. Unit s s s s
2/6
BUX48C/BUV48C/BUV48CFI
TO-3 MECHANICAL DATA
mm MIN. A B C D E G N P R U V 11.00 0.97 1.50 8.32 19.00 10.70 16.50 25.00 4.00 38.50 30.00 TYP. MAX. 13.10 1.15 1.65 8.92 20.00 11.10 17.20 26.00 4.09 39.30 30.30 MIN. 0.433 0.038 0.059 0.327 0.748 0.421 0.649 0.984 0.157 1.515 1.187 inch TYP. MAX. 0.516 0.045 0.065 0.351 0.787 0.437 0.677 1.023 0.161 1.547 1.193
DIM.
P G
A
D
C
U
V
N
O
R
B
P003F
E
3/6
BUX48C/BUV48C/BUV48CFI
TO-218 (SOT-93) MECHANICAL DATA
mm MIN. A C D E F G H L2 L3 L5 L6 R O - 4 3.95 31 12.2 4.1 - 0.157 0.5 1.1 10.8 14.7 - 18 4.15 0.155 1.220 0.480 0.161 4.7 1.17 2.5 0.78 1.3 11.1 15.2 16.2 0.019 0.043 0.425 0.578 - 0.708 0.163 TYP. MAX. 4.9 1.37 MIN. 0.185 0.046 0.098 0.030 0.051 0.437 0.598 0.637 inch TYP. MAX. 0.193 0.054
DIM.
A
C
L5 L3 L2
L6
D
E H F R 1 2 3
P025A
4/6
G
BUX48C/BUV48C/BUV48CFI
ISOWATT218 MECHANICAL DATA
DIM. A C D D1 E F F2 F3 G H L L1 L2 L3 L4 L5 L6 N R DIA mm TYP. inch TYP.
MIN. 5.35 3.30 2.90 1.88 0.75 1.05 1.50 1.90 10.80 15.80 20.80 19.10 22.80 40.50 4.85 20.25 2.1
MAX. 5.65 3.80 3.10 2.08 0.95 1.25 1.70 2.10 11.20 16.20 21.20 19.90 23.60 42.50 5.25 20.75 2.3
MIN. 0.211 0.130 0.114 0.074 0.030 0.041 0.059 0.075 0.425 0.622 0.819 0.752 0.898 1.594 0.191 0.797 0.083
MAX. 0.222 0.150 0.122 0.082 0.037 0.049 0.067 0.083 0.441 0.638 0.835 0.783 0.929 1.673 0.207 0.817 0.091
9
0.354
4.6 3.5 3.7 0.138
0.181 0.146
- Weight : 4.9 g (typ.) - Maximum Torque (applied to mounting flange) Recommended 0.8 Nm; Maximum: 1 Nm : - The side of the dissipator must be flat within 80 m
P025C/A
5/6
BUX48C/BUV48C/BUV48CFI
Information furnished is believed to be accurate and reliable. However, STMicroelectronics assumes no responsibility for the consequences of use of such information nor for any infringement of patents or other rights of third parties which may result from its use. No license is granted by implication or otherwise under any patent or patent rights of STMicroelectronics. Specification mentioned in this publication are subject to change without notice. This publication supersedes and replaces all information previously supplied. STMicroelectronics products are not authorized for use as critical components in life support devices or systems without express written approval of STMicroelectronics. The ST logo is a trademark of STMicroelectronics (c) 2000 STMicroelectronics - Printed in Italy - All Rights Reserved STMicroelectronics GROUP OF COMPANIES Australia - Brazil - China - Finland - France - Germany - Hong Kong - India - Italy - Japan - Malaysia - Malta - Morocco Singapore - Spain - Sweden - Switzerland - United Kingdom - U.S.A. http://www.st.com
6/6


▲Up To Search▲   

 
Price & Availability of BUX48C

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X