Part Number Hot Search : 
B260001 NCP3155A P8242 2SB1220G HMC550 FQP4N90C LT3754 00BC0W
Product Description
Full Text Search
 

To Download BUPD1520 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 BUPD1520 NPN SILICON TRANSISTOR WITH INTEGRATED DIODE
Copyright (c) 1999, Power Innovations Limited, UK MAY 1999 - REVISED SEPTEMBER 1999
G
Designed for Self Oscillating Inverter Applications Rugged 1500 V Planar Construction Integral Free-Wheeling Anti-Parallel Diode
B C E
TO-220 PACKAGE (TOP VIEW)
G G
1 2 3
Pin 2 is in electrical contact with the mounting base.
MDTRACA
device symbol
C
B
E
absolute maximum ratings at 25C case temperature (unless otherwise noted)
RATING Collector-emitter voltage (IB = 0) Collector-emitter voltage (VBE = 0) Emitter-base voltage (IC = 0) Continuous collector current Peak collector current (see Note 1) Continuous base current Peak base current (see Note 1) Continuous device dissipation at (or below) 25C case temperature Operating junction temperature range Storage temperature range Lead temperature 3.2 mm from case for 10 seconds NOTE 1: This value applies for tp = 10 ms, duty cycle 2%. SYMBOL VCEO VCES VEBO IC ICM IB IBM Ptot Tj Tstg TL VALUE 700 1500 11 2 2.5 2 2.5 50 -55 to +125 -55 to +150 300 UNIT V V V A A A A W C C C
PRODUCT
INFORMATION
Information is current as of publication date. Products conform to specifications in accordance with the terms of Power Innovations standard warranty. Production processing does not necessarily include testing of all parameters.
1
BUPD1520 NPN SILICON TRANSISTOR WITH INTEGRATED DIODE
MAY 1999 - REVISED SEPTEMBER 1999
electrical characteristics at 25C case temperature
PARAMETER VCEO VCBO VEBO ICEO ICES IEBO Collector-emitter voltage Collector-base voltage Emitter-base voltage Collector cut-off current Collector-emitter cut-off current Emitter cut-off current Base-emitter saturation voltage Collector-emitter saturation voltage Forward current transfer ratio IC = IC = IEB = 1 mA 100 A 1 mA IB = 0 VBE = 0 IC = 0 IC = 500 mA IC = 1 A IC = 2 A IC = 250 mA IC = 500 mA IC = 10 mA (see Notes 2 and 3) IC = 100 mA IC = 250 mA IC = 500 mA (see Notes 2 and 3) 10 10 10 7 0.3 0.7 21 25 25 18 (see Notes 2 and 3) TEST CONDITIONS MIN 700 1500 11 100 100 1 1.0 1.1 1.2 1.2 3.0 V V TYP MAX UNIT V V V A A mA
VCE = 700 V VCE = 1500 V VEB = 11 V IB = 100 mA IB = 100 mA IB = 400 mA IB = 50 mA IB = 100 mA VCE = 5 V VCE = 5 V VCE = 5 V VCE = 5 V
VBE(sat)
VCE(sat)
hFE
NOTES: 2. These parameters must be measured using pulse techniques, tp = 300 s, duty cycle 2%. 3. These parameters must be measured using voltage-sensing contacts, separate from the current carrying contacts, and located within 3.2 mm from the device body.
thermal characteristics
PARAMETER RJA RJC Junction to free air thermal resistance Junction to case thermal resistance MIN TYP MAX 62.5 2 UNIT C/W C/W
resistive switching characteristics at 25C case temperature
PARAMETER td tr ts tf Delay time Rise time Storage time Fall time IC = 500 mA VCC = 125 V IB(on) = 50 mA IB(off) = 250 mA tp = 300 s Duty cycle = 2% TEST CONDITIONS MIN TYP 0.1 0.6 1.0 0.2 MAX UNIT s s s s
PRODUCT
INFORMATION
2
BUPD1520 NPN SILICON TRANSISTOR WITH INTEGRATED DIODE
MAY 1999 - REVISED SEPTEMBER 1999
TYPICAL CHARACTERISTICS
FORWARD CURRENT TRANSFER RATIO vs COLLECTOR CURRENT
100 VCE = 5 V hFE - Forward Current Transfer Ratio TC = 125C TC = 25C TC = 0C
R3636CHF
10
1*0 0*01
0*1
1*0
10
IC - Collector Current - A
Figure 1.
MAXIMUM SAFE OPERATING REGIONS
MAXIMUM FORWARD-BIAS SAFE OPERATING AREA
10
R3636CFB
MAXIMUM REVERSE-BIAS SAFE OPERATING AREA
3
R3636CRB
TC = 25C
IB(on) = IC / 10 VBE(off) = -5 V TC = 25C IC - Collector Current - A 2
IC - Collector Current - A
1*0
0*1 tp = 100 s tp = 1 ms tp = 10 ms DC Operation 0*01 1*0 10 100 1000
1
0
0
200
400
600
800
1000 1200 1400 1600
VCE - Collector-Emitter Voltage - V
VCE - Collector-Emitter Voltage - V
Figure 2.
Figure 3.
PRODUCT
INFORMATION
3
BUPD1520 NPN SILICON TRANSISTOR WITH INTEGRATED DIODE
MAY 1999 - REVISED SEPTEMBER 1999
MECHANICAL DATA TO-220 3-pin plastic flange-mount package
This single-in-line package consists of a circuit mounted on a lead frame and encapsulated within a plastic compound. The compound will withstand soldering temperature with no deformation, and circuit performance characteristics will remain stable when operated in high humidity conditions. Leads require no additional cleaning or processing when used in soldered assembly.
TO-220 4,70 4,20
o
3,96 3,71
10,4 10,0
2,95 2,54 6,6 6,0 15,32 14,55
1,32 1,23
18,0 TYP.
6,1 5,6
0,97 0,66 1 2 3
1,47 1,07
14,1 12,7
2,74 2,34 5,28 4,68 2,90 2,40
0,64 0,41
ALL LINEAR DIMENSIONS IN MILLIMETERS NOTE A: The centre pin is in electrical contact with the mounting tab.
PRODUCT
INFORMATION
4
BUPD1520 NPN SILICON TRANSISTOR WITH INTEGRATED DIODE
MAY 1999 - REVISED SEPTEMBER 1999
IMPORTANT NOTICE
Power Innovations Limited (PI) reserves the right to make changes to its products or to discontinue any semiconductor product or service without notice, and advises its customers to verify, before placing orders, that the information being relied on is current. PI warrants performance of its semiconductor products to the specifications applicable at the time of sale in accordance with PI's standard warranty. Testing and other quality control techniques are utilized to the extent PI deems necessary to support this warranty. Specific testing of all parameters of each device is not necessarily performed, except as mandated by government requirements. PI accepts no liability for applications assistance, customer product design, software performance, or infringement of patents or services described herein. Nor is any license, either express or implied, granted under any patent right, copyright, design right, or other intellectual property right of PI covering or relating to any combination, machine, or process in which such semiconductor products or services might be or are used. PI SEMICONDUCTOR PRODUCTS ARE NOT DESIGNED, INTENDED, AUTHORIZED, OR WARRANTED TO BE SUITABLE FOR USE IN LIFE-SUPPORT APPLICATIONS, DEVICES OR SYSTEMS.
Copyright (c) 1999, Power Innovations Limited
PRODUCT
INFORMATION
5


▲Up To Search▲   

 
Price & Availability of BUPD1520

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X