Part Number Hot Search : 
V470M 171ED SFAF504 PA61A MC33363 TEA5582 74162 ULN20
Product Description
Full Text Search
 

To Download BFG520W Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 DISCRETE SEMICONDUCTORS
DATA SHEET
book, halfpage
M3D123
BFG520W; BFG520W/X NPN 9 GHz wideband transistors
Product specification Supersedes data of August 1995 1998 Oct 02
Philips Semiconductors
Product specification
NPN 9 GHz wideband transistors
BFG520W; BFG520W/X
FEATURES * High power gain * Low noise figure * High transition frequency * Gold metallization ensures excellent reliability. APPLICATIONS RF front end wideband applications in the GHz range, such as analog and digital cellular telephones, cordless telephones (CT2, CT3, PCN, DECT, etc.), radar detectors, pagers, satellite television tuners (SATV) and repeater amplifiers in fibre-optic systems.
PINNING DESCRIPTION PIN BFG250W 1 2 3 4 collector base emitter emitter BFG250W/X collector emitter base emitter
handbook, halfpage
4
3
DESCRIPTION NPN silicon planar epitaxial transistor in a 4-pin dual-emitter SOT343N plastic package.
1 2
MBK523
MARKING TYPE NUMBER BFG520W BFG520W/X QUICK REFERENCE DATA SYMBOL VCBO VCES IC Ptot hFE Cre fT GUM |S21|2 F PARAMETER collector-base voltage collector current (DC) total power dissipation DC current gain feedback capacitance transition frequency maximum unilateral power gain insertion power gain noise figure Ts 85 C IC = 20 mA; VCE = 6 V IC = 0; VCB = 6 V; f = 1 MHz open emitter collector-emitter voltage RBE = 0 CONDITIONS CODE N3 N4
Top view
Fig.1 Simplified outline SOT343N.
MIN. - - - - 60 - -
TYP. MAX. UNIT - - - - 120 0.35 9 17 17 1.1 20 15 70 500 250 - - - - 1.6 pF GHz dB dB dB V V mA mW
IC = 20 mA; VCE = 6 V; f = 1 GHz; Tamb = 25 C
IC = 20 mA; VCE = 6 V; f = 900 MHz; Tamb = 25 C - IC = 20 mA; VCE = 6 V; f = 900 MHz; Tamb = 25 C 16 s = opt; IC = 5 mA; VCE = 6 V; f = 900 MHz -
1998 Oct 02
2
Philips Semiconductors
Product specification
NPN 9 GHz wideband transistors
BFG520W; BFG520W/X
LIMITING VALUES In accordance with the Absolute Maximum Rating System (IEC 134). SYMBOL VCBO VCES VEBO IC Ptot Tstg Tj Note 1. Ts is the temperature at the soldering point of the collector pin. THERMAL CHARACTERISTICS SYMBOL Rth j-s Note 1. Ts is the temperature at the soldering point of the collector pin. PARAMETER thermal resistance from junction to soldering point CONDITIONS Ts 85 C; note 1 VALUE 180 UNIT K/W PARAMETER collector-base voltage collector-emitter voltage emitter-base voltage collector current (DC) total power dissipation storage temperature junction temperature Ts 85 C; see Fig.2; note 1 RBE = 0 open collector CONDITIONS open emitter - - - - - -65 - MIN. MAX. 20 15 2.5 70 500 +150 175 V V V mA mW C C UNIT
handbook, halfpage
600
MBG248
P tot (mW) 400
200
0 0 50 100 150 T s ( C)
o
200
Fig.2 Power derating curve.
1998 Oct 02
3
Philips Semiconductors
Product specification
NPN 9 GHz wideband transistors
BFG520W; BFG520W/X
CHARACTERISTICS Tj = 25 C unless otherwise specified. SYMBOL V(BR)CBO V(BR)CES V(BR)EBO ICBO hFE Cre fT GUM PARAMETER collector-base breakdown voltage emitter-base breakdown voltage collector leakage current DC current gain feedback capacitance transition frequency maximum unilateral power gain; note 1 CONDITIONS IC =10 A; IE = 0 IE = 10 A; IC = 0 VCB = 6 V; IE = 0 IC = 20 mA; VCE = 6 V; see Fig.3 IC = 0; VCB = 6 V; f = 1 MHz; see Fig.4 IC = 20 mA; VCE = 6 V; f = 1 GHz; Tamb = 25 C; see Fig.5 MIN. 20 15 2.5 - 60 - - TYP. - - - - 120 0.35 9 17 11 17 1.1 1.6 1.85 17 26 275 -50 MAX. - - - 50 250 - - - - - 1.6 2.1 - - - - - pF GHz dB dB dB dB dB dB dBm dBm mV dB UNIT V V V nA
collector-emitter breakdown voltage IC = 10 A; RBE = 0
IC = 20 mA; VCE = 6 V; f = 900 MHz; - Tamb = 25 C IC = 20 mA; VCE = 6 V; f = 2 GHz; Tamb = 25 C -
|S21|2 F
insertion power gain noise figure
IC = 20 mA; VCE = 6 V; f = 900 MHz; 16 Tamb = 25 C s = opt; IC = 5 mA; VCE = 6 V; f = 900 MHz s = opt; IC = 20 mA; VCE = 6 V; f = 900 MHz s = opt; IC = 5 mA; VCE = 6 V; f = 2 GHz - - -
PL1 ITO Vo d2 Notes
output power at 1 dB gain compression third order intercept point output voltage second order intermodulation distortion
IC = 20 mA; VCE = 6 V; f = 900 MHz; - RL = 50 ; Tamb = 25 C note 2 note 3 note 4 - - -
S 21 2 1. GUM is the maximum unilateral power gain, assuming S12 is zero. G UM = 10 log -------------------------------------------------------------- dB. ( 1 - S 11 2 ) ( 1 - S 22 2 ) 2. IC = 20 mA; VCE = 6 V; RL = 50 ; Tamb = 25 C; fp = 900 MHz; fq = 902 MHz; measured at 2fp - fq = 898 MHz and 2fq - fp = 904 MHz. 3. dim = -60 dB (DIN45004B); IC = 20 mA; VCE = 6 V; Vp = Vo; Vq = Vo -6 dB; Vr = Vo -6 dB; RL = 75 ; fp = 795.25 MHz; fq = 803.25 MHz; fr = 805.25 MHz; measured at fp + fq - fr = 793.25 MHz. 4. IC = 20 mA; VCE = 6 V; Vo = 75 mV; RL = 75 ; Tamb = 25 C; fp = 250 MHz; fq = 560 MHz; measured at fp + fq = 810 MHz.
1998 Oct 02
4
Philips Semiconductors
Product specification
NPN 9 GHz wideband transistors
BFG520W; BFG520W/X
MLB807
handbook, halfpage
150
handbook, halfpage
0.6
MLB808
h FE
C re (pF) 0.4
100
50
0.2
0 10 1
0 1 10 I C (mA) 102 0 2.5 5 7.5 VCB (V) 10
VCE = 6 V.
IC = 0; f = 1 MHz.
Fig.3
DC current gain as a function of collector current; typical values.
Fig.4
Feedback capacitance as a function of collector-base voltage; typical values.
handbook, halfpage
12
MLB809
fT (GHz) 8
V CE = 6V 3V
4
0 1 10 I C (mA) 10 2
f = 1 GHz; Tamb = 25 C.
Fig.5
Transition frequency as a function of collector current; typical values.
1998 Oct 02
5
Philips Semiconductors
Product specification
NPN 9 GHz wideband transistors
BFG520W; BFG520W/X
handbook, halfpage
30
MLB810
handbook, halfpage
30
MLB811
gain (dB) 20
gain (dB) 20
MSG
G max G UM
MSG 10 10
G max G UM
0
0
10
20
30 I C (mA)
40
0
0
10
20
30 I C (mA)
40
f = 900 MHz; VCE = 6 V.
f = 2 GHz; VCE = 6 V.
Fig.6
Gain as a function of collector current; typical values.
Fig.7
Gain as a function of collector current; typical values.
handbook, halfpage
50
MLB812
handbook, halfpage
50
MLB813
gain (dB) 40
G UM
gain (dB) 40
G UM MSG
MSG 30 30
20
20 G max 10
10
G max
0 10 10
2
0 10
3
f (MHz)
10
4
10
10
2
10
3
f (MHz)
10
4
IC = 5 mA; VCE = 6 V.
IC = 20 mA; VCE = 6 V.
Fig.8
Gain as a function of frequency; typical values.
Fig.9
Gain as a function of frequency; typical values.
1998 Oct 02
6
Philips Semiconductors
Product specification
NPN 9 GHz wideband transistors
BFG520W; BFG520W/X
handbook, halfpage
30
MLB818
handbook, halfpage
30
MLB819
d im (dB) 40
d2 (dB) 40
50
50
60
60
70 0 10 20 30 I C (mA) 40
70 0 10 20 30 I C (mA) 40
Vo = 275 mV; fp + fq - fr = 793.25 MHz; VCE = 6 V; RL = 75 ; Tamb = 25 C.
Vo = 75 mV; fp + fq = 810 MHz; VCE = 6 V; RL = 75 Tamb = 25 C.
Fig.10 Intermodulation distortion as a function of collector current; typical values.
Fig.11 Second order intermodulation distortion as a function of collector current; typical values.
handbook, halfpage
4
MLB820
handbook, halfpage
20
MLB821
F (dB) 3 f = 2000 MHz
G ass (dB) 15
f = 900 MHz 1000 MHz
2000 MHz 2 1000 MHz 900 MHz 500 MHz 10
1
5
0 1 10 I C (mA)
10 2
0 1 10 I C (mA)
10 2
VCE = 6 V.
VCE = 6 V.
Fig.12 Minimum noise figure as a function of collector current; typical values.
Fig.13 Associated available gain as a function of collector current; typical values.
1998 Oct 02
7
Philips Semiconductors
Product specification
NPN 9 GHz wideband transistors
BFG520W; BFG520W/X
MLB822
handbook, halfpage
4
handbook, halfpage
20
MLB823
F (dB) 3
G ass (dB) 15
I C = 5 mA
20 mA
2 IC = 20 mA 1 5 mA
10
5
0 10 2
10 3
f (MHz)
10 4
0 10 2
10 3
f (MHz)
10 4
VCE = 6 V.
VCE = 6 V.
Fig.14 Minimum noise figure as a function of frequency; typical values.
Fig.15 Associated available gain as a function of frequency; typical values.
1998 Oct 02
8
Philips Semiconductors
Product specification
NPN 9 GHz wideband transistors
BFG520W; BFG520W/X
handbook, full pagewidth
unstable region 135 o
90 o 1.0 1 0.5 2 45 o 0.8 0.6 opt F min = 1.1 dB 0.4 0.2 2 5 0o 0
0.2
5
180 o stability circle
0
0.2
0.5
1 F = 1.5 dB F = 2 dB
0.2 F = 3 dB
5
0.5 135 o 1
2
45 o
MLB824
1.0
f = 900 MHz; VCE = 6 V; IC = 5 mA; Zo = 50 .
90 o
Fig.16 Common emitter noise figure circles; typical values.
90 o
handbook, full pagewidth
1.0 1 135 o 0.5 2 45 o 0.8 0.6 0.4 0.2
(2)
0.2
(3)
(4)
5
180 o
0
0.2
0.5
(1)
1
2
5
0o
0
(5)
(1) (2) (3) (4) (5)
opt; Fmin = 1.85 dB. F = 2 dB. F = 2.5 dB. F = 3 dB. ms; Gmax = 11.8 dB.
0.2
(6) (7)
5
0.5 135 o
(8)
2 1
45 o
MLB825
(6) G = 11 dB. (7) G = 10 dB. (8) G = 9 dB. f = 2 GHz; VCE = 6 V; IC = 5 mA; Zo = 50 .
1.0
90 o
Fig.17 Common emitter noise figure circles; typical values.
1998 Oct 02
9
Philips Semiconductors
Product specification
NPN 9 GHz wideband transistors
BFG520W; BFG520W/X
90 o
handbook, full pagewidth
1.0 1 135 o 0.5 2 45 o 0.8 0.6 0.4 0.2 180 o 0 0.2 0.5 1 2 5 0o 0
0.2
3 GHz
5
40 MHz 0.2 5
0.5 135 o 1
2
45 o
MLB814
1.0
VCE = 6 V; IC = 20 mA; Zo = 50 .
90 o
Fig.18 Common emitter input reflection coefficient (S11); typical values.
90 o
handbook, full pagewidth
135 o
45 o
40 MHz 180 o 3 GHz 50 40 30 20 10 0o
135 o
45 o
90 o VCE = 6 V; IC = 20 mA.
MLB815
Fig.19 Common emitter forward transmission coefficient (S21); typical values.
1998 Oct 02
10
Philips Semiconductors
Product specification
NPN 9 GHz wideband transistors
BFG520W; BFG520W/X
90 o
handbook, full pagewidth
135 o
3 GHz
45 o
180 o 0.25
40 MHz 0.20 0.15 0.10 0.05
0o
135 o
45 o
90 o VCE = 6 V; IC = 20 mA.
MLB816
Fig.20 Common emitter reverse transmission coefficient (S12); typical values.
90 o
handbook, full pagewidth
1.0 1 135 o 0.5 2 45 o 0.8 0.6 0.4 0.2 180 o 0 0.2 0.5 1 2 5 0o 0
0.2
5
40 MHz 0.2 3 GHz 5
0.5 135 o 1
2
45 o
MLB817
1.0
VCE = 6 V; IC = 20 mA; Zo = 50 .
90 o
Fig.21 Common emitter output reflection coefficient (S22); typical values.
1998 Oct 02
11
Philips Semiconductors
Product specification
NPN 9 GHz wideband transistors
BFG520W; BFG520W/X
SPICE parameters for the BFG520W die SEQUENCE No. 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 22 23 24 25 26 27 28 29 30 31 32 33 34 35 (1)
(1) (1)
PARAMETER IS BF NF VAF IKF ISE NE BR NR VAR IKR ISC NC RB IRB RBM RE RC XTB EG XTI CJE VJE MJE TF XTF VTF ITF PTF CJC VJC MJC XCJC TR CJS
VALUE 1.016 220.1 1.000 48.06 510 283 2.035 100.7 0.988 1.692 2.352 24.48 1.022 10.00 1.000 10.00 775.3 2.210 0.000 1.110 3.000 1.245 600.0 0.258 8.616 6.788 1.414 110.3 45.01 447.6 189.2 0.070 0.130 543.7 0.000 - - V
UNIT fA
SEQUENCE No. 36 38 Note
(1)
PARAMETER VJS MJS FC
VALUE 750.0 0.000 0.780 - -
UNIT mV
37 (1)
mA fA - - - V mA aA - A m - eV - pF mV - ps - V mA deg fF mV - - ps F
1. These parameters have not been extracted, the default values are shown.
handbook, halfpage
C cb
L1 B
LB B' E' LE C'
L2 C
C be
Cce
MBC964
L3
E QLB = 50; QLE = 50; QLB,E(f) = QLB,E(f/fc) fc = scaling frequency = 1 GHz.
21 (1)
Fig.22 Package equivalent circuit SOT343N.
List of components (see Fig.22) DESIGNATION Cbe Ccb Cce L1 L2 L3 LB LE 70 50 115 0.34 0.10 0.25 0.40 0.40 VALUE fF fF fF nH nH nH nH nH UNIT
1998 Oct 02
12
Philips Semiconductors
Product specification
NPN 9 GHz wideband transistors
BFG520W; BFG520W/X
PACKAGE OUTLINE Plastic surface mounted package; 4 leads SOT343N
D
B
E
A
X
y
HE e
vMA
4
3
Q
A A1 c
1
b1 e1 bp
2
wM B Lp detail X
0
1 scale
2 mm
DIMENSIONS (mm are the original dimensions) UNIT mm A 1.1 0.8 A1 max 0.1 bp 0.4 0.3 b1 0.7 0.5 c 0.25 0.10 D 2.2 1.8 E 1.35 1.15 e 1.3 e1 1.15 HE 2.2 2.0 Lp 0.45 0.15 Q 0.23 0.13 v 0.2 w 0.2 y 0.1
OUTLINE VERSION SOT343N
REFERENCES IEC JEDEC EIAJ
EUROPEAN PROJECTION
ISSUE DATE 97-05-21
1998 Oct 02
13
Philips Semiconductors
Product specification
NPN 9 GHz wideband transistors
BFG520W; BFG520W/X
DEFINITIONS Data sheet status Objective specification Preliminary specification Product specification Limiting values Limiting values given are in accordance with the Absolute Maximum Rating System (IEC 134). Stress above one or more of the limiting values may cause permanent damage to the device. These are stress ratings only and operation of the device at these or at any other conditions above those given in the Characteristics sections of the specification is not implied. Exposure to limiting values for extended periods may affect device reliability. Application information Where application information is given, it is advisory and does not form part of the specification. LIFE SUPPORT APPLICATIONS These products are not designed for use in life support appliances, devices, or systems where malfunction of these products can reasonably be expected to result in personal injury. Philips customers using or selling these products for use in such applications do so at their own risk and agree to fully indemnify Philips for any damages resulting from such improper use or sale. This data sheet contains target or goal specifications for product development. This data sheet contains preliminary data; supplementary data may be published later. This data sheet contains final product specifications.
1998 Oct 02
14
Philips Semiconductors
Product specification
NPN 9 GHz wideband transistors
NOTES
BFG520W; BFG520W/X
1998 Oct 02
15
Philips Semiconductors - a worldwide company
Argentina: see South America Australia: 34 Waterloo Road, NORTH RYDE, NSW 2113, Tel. +61 2 9805 4455, Fax. +61 2 9805 4466 Austria: Computerstr. 6, A-1101 WIEN, P.O. Box 213, Tel. +43 160 1010, Fax. +43 160 101 1210 Belarus: Hotel Minsk Business Center, Bld. 3, r. 1211, Volodarski Str. 6, 220050 MINSK, Tel. +375 172 200 733, Fax. +375 172 200 773 Belgium: see The Netherlands Brazil: see South America Bulgaria: Philips Bulgaria Ltd., Energoproject, 15th floor, 51 James Bourchier Blvd., 1407 SOFIA, Tel. +359 2 689 211, Fax. +359 2 689 102 Canada: PHILIPS SEMICONDUCTORS/COMPONENTS, Tel. +1 800 234 7381 China/Hong Kong: 501 Hong Kong Industrial Technology Centre, 72 Tat Chee Avenue, Kowloon Tong, HONG KONG, Tel. +852 2319 7888, Fax. +852 2319 7700 Colombia: see South America Czech Republic: see Austria Denmark: Prags Boulevard 80, PB 1919, DK-2300 COPENHAGEN S, Tel. +45 32 88 2636, Fax. +45 31 57 0044 Finland: Sinikalliontie 3, FIN-02630 ESPOO, Tel. +358 9 615800, Fax. +358 9 61580920 France: 51 Rue Carnot, BP317, 92156 SURESNES Cedex, Tel. +33 1 40 99 6161, Fax. +33 1 40 99 6427 Germany: Hammerbrookstrae 69, D-20097 HAMBURG, Tel. +49 40 23 53 60, Fax. +49 40 23 536 300 Greece: No. 15, 25th March Street, GR 17778 TAVROS/ATHENS, Tel. +30 1 4894 339/239, Fax. +30 1 4814 240 Hungary: see Austria India: Philips INDIA Ltd, Band Box Building, 2nd floor, 254-D, Dr. Annie Besant Road, Worli, MUMBAI 400 025, Tel. +91 22 493 8541, Fax. +91 22 493 0966 Indonesia: PT Philips Development Corporation, Semiconductors Division, Gedung Philips, Jl. Buncit Raya Kav.99-100, JAKARTA 12510, Tel. +62 21 794 0040 ext. 2501, Fax. +62 21 794 0080 Ireland: Newstead, Clonskeagh, DUBLIN 14, Tel. +353 1 7640 000, Fax. +353 1 7640 200 Israel: RAPAC Electronics, 7 Kehilat Saloniki St, PO Box 18053, TEL AVIV 61180, Tel. +972 3 645 0444, Fax. +972 3 649 1007 Italy: PHILIPS SEMICONDUCTORS, Piazza IV Novembre 3, 20124 MILANO, Tel. +39 2 6752 2531, Fax. +39 2 6752 2557 Japan: Philips Bldg 13-37, Kohnan 2-chome, Minato-ku, TOKYO 108-8507, Tel. +81 3 3740 5130, Fax. +81 3 3740 5077 Korea: Philips House, 260-199 Itaewon-dong, Yongsan-ku, SEOUL, Tel. +82 2 709 1412, Fax. +82 2 709 1415 Malaysia: No. 76 Jalan Universiti, 46200 PETALING JAYA, SELANGOR, Tel. +60 3 750 5214, Fax. +60 3 757 4880 Mexico: 5900 Gateway East, Suite 200, EL PASO, TEXAS 79905, Tel. +9-5 800 234 7381 Middle East: see Italy Netherlands: Postbus 90050, 5600 PB EINDHOVEN, Bldg. VB, Tel. +31 40 27 82785, Fax. +31 40 27 88399 New Zealand: 2 Wagener Place, C.P.O. Box 1041, AUCKLAND, Tel. +64 9 849 4160, Fax. +64 9 849 7811 Norway: Box 1, Manglerud 0612, OSLO, Tel. +47 22 74 8000, Fax. +47 22 74 8341 Pakistan: see Singapore Philippines: Philips Semiconductors Philippines Inc., 106 Valero St. Salcedo Village, P.O. Box 2108 MCC, MAKATI, Metro MANILA, Tel. +63 2 816 6380, Fax. +63 2 817 3474 Poland: Ul. Lukiska 10, PL 04-123 WARSZAWA, Tel. +48 22 612 2831, Fax. +48 22 612 2327 Portugal: see Spain Romania: see Italy Russia: Philips Russia, Ul. Usatcheva 35A, 119048 MOSCOW, Tel. +7 095 755 6918, Fax. +7 095 755 6919 Singapore: Lorong 1, Toa Payoh, SINGAPORE 319762, Tel. +65 350 2538, Fax. +65 251 6500 Slovakia: see Austria Slovenia: see Italy South Africa: S.A. PHILIPS Pty Ltd., 195-215 Main Road Martindale, 2092 JOHANNESBURG, P.O. Box 7430 Johannesburg 2000, Tel. +27 11 470 5911, Fax. +27 11 470 5494 South America: Al. Vicente Pinzon, 173, 6th floor, 04547-130 SAO PAULO, SP, Brazil, Tel. +55 11 821 2333, Fax. +55 11 821 2382 Spain: Balmes 22, 08007 BARCELONA, Tel. +34 93 301 6312, Fax. +34 93 301 4107 Sweden: Kottbygatan 7, Akalla, S-16485 STOCKHOLM, Tel. +46 8 5985 2000, Fax. +46 8 5985 2745 Switzerland: Allmendstrasse 140, CH-8027 ZURICH, Tel. +41 1 488 2741 Fax. +41 1 488 3263 Taiwan: Philips Semiconductors, 6F, No. 96, Chien Kuo N. Rd., Sec. 1, TAIPEI, Taiwan Tel. +886 2 2134 2865, Fax. +886 2 2134 2874 Thailand: PHILIPS ELECTRONICS (THAILAND) Ltd., 209/2 Sanpavuth-Bangna Road Prakanong, BANGKOK 10260, Tel. +66 2 745 4090, Fax. +66 2 398 0793 Turkey: Talatpasa Cad. No. 5, 80640 GULTEPE/ISTANBUL, Tel. +90 212 279 2770, Fax. +90 212 282 6707 Ukraine: PHILIPS UKRAINE, 4 Patrice Lumumba str., Building B, Floor 7, 252042 KIEV, Tel. +380 44 264 2776, Fax. +380 44 268 0461 United Kingdom: Philips Semiconductors Ltd., 276 Bath Road, Hayes, MIDDLESEX UB3 5BX, Tel. +44 181 730 5000, Fax. +44 181 754 8421 United States: 811 East Arques Avenue, SUNNYVALE, CA 94088-3409, Tel. +1 800 234 7381 Uruguay: see South America Vietnam: see Singapore Yugoslavia: PHILIPS, Trg N. Pasica 5/v, 11000 BEOGRAD, Tel. +381 11 625 344, Fax.+381 11 635 777 Internet: http://www.semiconductors.philips.com
For all other countries apply to: Philips Semiconductors, International Marketing & Sales Communications, Building BE-p, P.O. Box 218, 5600 MD EINDHOVEN, The Netherlands, Fax. +31 40 27 24825 (c) Philips Electronics N.V. 1998
SCA60
All rights are reserved. Reproduction in whole or in part is prohibited without the prior written consent of the copyright owner. The information presented in this document does not form part of any quotation or contract, is believed to be accurate and reliable and may be changed without notice. No liability will be accepted by the publisher for any consequence of its use. Publication thereof does not convey nor imply any license under patent- or other industrial or intellectual property rights.
Printed in The Netherlands
125104/00/03/pp16
Date of release: 1998 Oct 02
Document order number:
9397 750 04464


▲Up To Search▲   

 
Price & Availability of BFG520W

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X