Part Number Hot Search : 
0A120 CAT25C09 2N6073B LC78602 PD70F T2512 8051AH MLL3828
Product Description
Full Text Search
 

To Download BCM94201 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 BCM94201
PRODUCT
(R)
Brief
OF BENEFITS
BCM94201 SATELLITE RECEIVER EVALUATION SYSTEM
BCM94201 universal satellite receiver FEATURES SUMMARY
* Reference design based on the Broadcom BCM4201 * BCM3440 CMOS satellite tuner * Standard MPEG-2 output in DIRECTV or DVB format * 25-pin output connector with on-board line drivers * I C bus interface to PC parallel port for system control * On-chip Bit Error Rate Tester (BERT) to simplify
(R) 2
* The BCM94201 demonstrates the operation of the
(R)
* Fully-compliant with DIRECTV , DigicipherTM II and
DVB specifications tuner/receiver front-end combination operating modes and data rates
BCM4201 satellite receiver using the BCM3440 CMOS tuner
* Simplified design is optimized to provide the lowest cost * Highly integrated system software enables evaluation of all * Supports full 2-85 Mbps, BCM4201 operation * Complete reference design documentation support package * I C bus interface card operates with standard IBM
2
lab tests
* * Low-power operation * Low Noise Block (LNB) control * Easy to use Broadband Studio Software provided for
Glueless interface to external BERT system evaluation
provided including Broadband Studio Software compatible computers
* The system provides a performance benchmark for
application design and software development
BCM94201 Satellite Receiver Evaluation System Reference Design
BCM94201
OVERVIEW
BCM94201 Block Diagram
I RF In BCM3440 CMOS Tuner Q
BCM4201
Satellite Receiver
CLK, DATA
Line Drivers
25 Pin DB Connector
AGC
Control / Status I2C Connector
The BCM94201 Satellite Receiver Evaluation System is intended for use by hardware and software engineers as a benchmark and development tool for accelerating the BCM4201 system design cycle. This evaluation system reference design provides the ideal platform for evaluating the BCM4201 Universal Satellite Receiver, that supports the DigicipherTM II, DIRECTV(R) and DVB standards. This design tool is the first system to demonstrate how lower design costs can be achieved by operating the BCM4201 in combination with the BCM3440 CMOS tuner. This compact, stand-alone system provides a complete development environment for rapid technology integration. The BCM94201 supports variable data rates from 2-85 Mbps. Either serial or parallel output mode may be selected. Onboard line drivers simplify system test and integration. LNB voltage is supplied through the tuner
connector. The BCM3440 tuner interfaces with the BCM4201, minimizing the need for additional components. The BCM94201 is delivered with Windows(R)-based system software that communicates with the evaluation system using I2C protocol via the parallel port. The software contains several screens providing detailed performance and status information contained in the BCM4201. These screens include a constellation display, Signal-to-Noise Ratio (SNR) estimates, Viterbi and Reed-Solomon performance parameters, and Bit Error Ratio (BER) estimates that use the on-chip BERT for simplified lab test set up. Detailed application notes and a user manual describe the software operation. Script files are provided to enable easy configuration of the BCM4201 in every mode of operation. The user manual includes schematics and a bill of materials for the reference design. PCB Gerber files are also provided.
Broadcom(R), the pulse logo(R), QAMLink(R) and Connecting everything(R) are trademarks of Broadcom Corporation and/or its subsidiaries in the United States and certain other countries. DigicipherTM is a trademark of General Instrument (now Motorola). DIRECTV(R) is a registered trademark of DIRECTV, INC., a unit of Hughes Electronics Corporation. All other trademarks are the property of their respective owners.
(R)
BROADCOM CORPORATION 16215 Alton Parkway, P.O. Box 57013 Irvine, California 92619-7013
(c) 2003 by BROADCOM CORPORATION. All rights reserved. 94201-PB02-R-06.25.03
Phone: 949-450-8700 FAX: 949-450-8710 Email: info@broadcom.com Web: www.broadcom.com


▲Up To Search▲   

 
Price & Availability of BCM94201

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X