Part Number Hot Search : 
SP800 X200SG HJ127 TF70T OPB856Z TBA120TN GXAM06 HJ127
Product Description
Full Text Search
 

To Download BCM8021 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 BCM8021
(R)
4-CHANNEL MULTIRATE 1.0-3.2-GBPS TRANSCEIVER WITH HIGH-SPEED REDUNDANCY
FEATURES SUMMARY OF BENEFITS * One device supports a variety of applications including * 4 independent transceivers supporting multiple data rates *
from 1.0 Gbps to 3.2 Gbps including 1.06 Gbps, 1.25 Gbps, 2.12 Gbps, 2.488 Gbps, 2.667 Gbps, 3.125 Gbps, and 3.1875 Gbps Multiconfigurable to support various operating modes * 4 Independent 1.0 to 3.2-Gbps SerDes transceivers * IEEE 802.3ae compliant XAUI to XGMII transceiver * XAUI-to-XAUI retiming Low power dissipation * Less than 300 mW per transceiver channel including I/O SONET/SDH-quality jitter performance * Less than 3 picoseconds rms jitter generation * Exceeds SONET jitter tolerance mask High performance programmable Rx equalization and Tx preemphasis * Tx pre-emphasis for interoperability with CML SerDes * Rx equalization for copper interconnects Enhanced test capability * Full loopback and on-chip PRBS generator/checker * IEEE (1149.1) JTAG Compact 21-mm x 21-mm BGA package * No requirement for heat sink or airflow Gigabit Ethernet, 1x and 2x Fibre Channel, OC-48 SONET (with/without FEC), Infiniband, 10-Gigabit Ethernet, 10Gigabit Fibre Channel, or others. Advanced 0.13- CMOS process technology provides unparalleled performance while achieving the lowest possible power consumption. IEEE 802.3ae 10-Gigabit Ethernet physical coding sublayer (PCS) has a selectable 8B/10B encoding/decoding block onchip that can be configured to support the 10-Gbps Attachment Unit Interface (XAUI). Superior jitter characteristics enable the serializing/ deserializing (SerDes) of data signals transmitted through front panel or backplane networking equipment supporting both primary and protection circuits. Drive PMD devices or backplane directly with no external clean-up circuit required. Simplifies manufacturability with itegrated Built-in self-test (BIST), high-speed and low-speed loopbacks, and programmable PRBS generator/checker. Decreases complexity and reduces board space on multichannel linecard designs.
* *
* * *
*
* * *
* *
Tx
BACKPLANE
BCM8702 Rx BCM8021 ASIC/MAC BCM8021 2x XENPAK Tx 2x XAUI 1x XGMII/TBI 1x XGMII/TBI 2x XAUI BCM8702 Rx
Independent Quad SerDes Application Diagram
OVERVIEW
10G XAUI_0 Channel_0 (1-3.2G) Channel_1 (1-3.2G) Channel_2 (1-3.2G) Channel_3 (1-3.2G) Bus Mux 10G XAUI_1 Channel_3 (TBI, RTBI) Channel_4 (1-3.2G) Channel_5 (1-3.2G) Channel_6 (1-3.2G) Channel_7 (1-3.2G) PBERT (Control/Clocking) 10G XGMII Channel_0 (TBI, RTBI) Channel_1 (TBI, RTBI) Channel_2 (TBI, RTBI)
MDIO/MDC
MGMT
Required: 1.2V, 2.5V, I/O options: 1.5V, 1.8V, 2.5V, or 3.3V
BCM8021
The BCM8021 device integrates 4 independent serializer/deserializer (SerDes) channels leveraging Broadcom's high-performance mixedsignal design experience along with advanced 0.13- CMOS process technology. Combine this with a robust architecture offering the highest degree of flexibility and the result is a highly programmable, lowest power SerDes solution for network line-card and backplane applications. An internal switch connects the parallel and serial ports to enable fully redundant operation. The switch enables an active serial link to be switched to the parallel interface, while a protection serial link can be continuously monitored to insure its condition. In the event of a failure on the active link, the protection link can be instantly switched over through external control to the parallel interface. On the parallel side of the device, transmitters and receivers interface with either 5-bit (RTBI) or 10-bit (TBI) wide data on each channel, or can be configured to interface to 32-bit wide data (XGMII) along with the clock and control signals. The low-speed I/O supports HSTL (1.5V or 1.8V) or SSTL_2 (2.5V) interfaces. On the serial side of the device, transmitters and receivers support serial transmission rates ranging from 1 Gbps to 3.2 Gbps. An on-chip phase lock loop (PLL) synthesizes the supplied reference clock to support the
desired transmit rate, while vlock and data recovery (CDR) units recover the receive rate clock for timing. The interface can support singlechannel (octal) or quad (XAUI) differential CML I/O. For high-speed serial copper connections, the device incorporates both Tx pre-emphasis on the transmit channels and Rx equalization on the receive channels. Transmit pre-emphasis is programmable to improve the overall cable reach and compensate for electrical imperfections associated with traces and connectors. Rx equalization provides optimal performance over a variety of receive interfaces. Highly programmable test capabilities exist within the device to support high-speed and low-speed loopback using generators/checkers that support PRBS 27 to 231 patterns along with IEEE802.3ae defined test patterns. A complete evaluation kit, including an evaluation board, related software, and documentation is available upon request. Applications * 1-Gigabit Ethernet and 10-Gigabit Ethernet LAN, MAN, WAN switches and routers * 1x, 2x, or 10-Gbps Fibre Channel SONET network cards * Advanced Test Equipment (ATE)
Broadcom(R), the pulse logo, and Connecting everything(R) are trademarks of Broadcom Corporation and/ or its subsidiaries in the United States and certain other countries. All other trademarks mentioned are the property of their respective owners.
(R)
BROADCOM CORPORATION 16215 Alton Parkway, P.O. Box 57013 Irvine, California 92619-7013
(c) 2004 by BROADCOM CORPORATION. All rights reserved. 8021-PB02-R 04/14/04
Phone: 949-450-8700 Fax: 949-450-8710 E-mail: info@broadcom.com Web: www.broadcom.com


▲Up To Search▲   

 
Price & Availability of BCM8021

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X