Part Number Hot Search : 
SMF40A IZ8018 QEN62BAB GH80N EV30L 337M0 FM304 UPD2101
Product Description
Full Text Search
 

To Download BCM7110 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 BCM7110
PRODUCT
(R)
Brief
OF BENEFITS
BCM7110 SINGLE-CHIP SET-TOP BOX WITH DOCSIS 1.1 AND PVR
BCM7110 FEATURES SUMMARY variable symbol * Dual 1024/256/64-QAMAnnex A/B/C rate receivers supporting ITU-T J.83 * QPSK out-of-band receiver and a QPSK to 256-QAM upstream burst modulator DOCSIS * (QoS) 1.1 MAC supporting quality of service * DAVIC 1.2/1.5 MAC * Dolby AC-3/Musicam audio decoding * Advanced 2D/3D graphics engine * Dual NTSC/PAL video decoders * NTSC/PAL video encoder * BTSC decoder * External bus interface (EBI) serving as local bus * High-performance 250-MHz RISC MIPS32 processor with 16-KB Icache and 16-KB Dcache * USB host and device (OHCI) * Ethernet 10/100 MAC * Personal video recording (PVR) with IDE controller, 3DES, and dedicated DMA engines * On-board DES/DVB decryption * Single unified memory architecture device drivers supporting multiple operating * Softwareand middlewares systems * BCM7041 dual-MPEG encoder interface peripheral devices include IEEE 1394 interface, * Otherinterface, V.90 Softmodem support, LED and POD
TM TM
back-end the * Integrated front-end andset-top boxresults in withmost cost-effective single-chip solution
* * * * * *
personal video recording (PVR) and DOCSIS 1.1. PVR engine supports time shifting on a program being viewed and recording of another program simultaneously (watch and record). Dual tuner architecture allows for simultaneous viewing of internet and video or two independent program streams for watch and record PVR. DOCSIS 1.1 quality of service (QoS) enables applications requiring minimum bandwidths, such as VoIP and video conferencing. Support for DOCSIS 1.1, DAVIC 1.2/1.5, and DCII enable deployment in virtually all major markets worldwide. Single high-performance RISC processor is capable of supporting today's demanding set-top box operating systems, applications, and cable modem traffic. External QAM demodulator support for simultaneous DOCSIS and PVR watch and record.
UARTs
BCM7110 Single-Chip Set-top Box with DOCSISTM 1.1 and PVR System Block Diagram
SDRAM
Flash
ROM
BCM3415 CMOS Tuner BCM3415 CMOS Tuner
Data Channel S Video/Composite/RGB Video Channel
BCM7110
SPDIF/Analog L/R RF 3/4
BCM7041 Dual MPEG Encoder
BCM4413 Ethernet HPNA 1/2
ISO-7816 (2X)
POD (PCMCIA)
RS-232
HDD
BCM7110
OVERVIEW
POD I/F
ISO
7816 (2x)
I/O (EBI)
ROM
DDR SDRAM FLASH (16 or 32)
36/44 MHz
or
BB analog
Broadcom Front-end Technology Dual 1024/256/64-QAM In-Band Demods with 10-Bit A/D Dual NTSC/PAL Analog Video Dec Out-Of-Band QPSK Demod with 6-Bit A/D
POD/CA I/F DVB/DES Descrambler ICAM DAVIC 1.2/1.5 DOCSIS 1.1 MACs EuroDOCSIS IB/OOB DC2/DVB Transport with PVR
Arbiter/Memory Control
PaxelTM Vector RISC Coprocessor Broadcom 2D Graphics with Filters, Scaler BTSC Decoder
RF 3/4 Remod with Sound Trap NTSC/PAL Video Encoder with DAC
RF 3/4 Remod Output Composite S Video RGB
MPEG 2/DC2 Video Decoder Musicam/ Dolby AC3/ Audio Decoder V.90 Modem I/F
70-130 MHz
0- 65 MHz
Power Amp/ Image Reject Filter
Burst QPSK to 256-QAM Mod with 10-Bit A/D
MIPS32 250-MHz 16KB I, 16KB D cache MMU USB Host and Device
PCM Audio Engine with Stereo DAC
R L SPDIF Audio In
Peripherals:
IR RX/TX GPIO IRDA LED UART (X3) Keypad Counters (X3) SPII and IIC Master
transport Remux
FEC SRAM
Transport Ports (1394, External CA)
Ethernet MAC
Ultra DMA IDE
MII
DAA/ CODEC
HDD
USB peripherals
The BCM7110 is a single-chip set-top box device that combines the key aspects required for the next generation of set-top boxes including cost-effective single-chip design, personal video recording (PVR), broadband communication via DOCSISTM 1.1 cable modem, and support of all major global standards for worldwide deployment. The BCM7110 includes dual 1024/256/64-QAM receivers, an out-of-band QPSK receiver and a QPSK to 256-QAM upstream burst modulator. All major physical layer standards are supported for deployment worldwide. The device includes a complete DOCSIS 1.1 MAC (including QoS) for broadband interactive services and DAVIC 1.2/1.5 MAC. The BCM7110 also includes a standard definition MPEG-2 video decoder and 2D/3D graphics subsystem. This allows for the display of studio quality text/graphics and 3D effects. The DVB/DCII transport of the device supports PVR. This support includes time shifting on the program being viewed and recording of another program, simultaneously.
A full PCM audio engine for mixing sounds into the main audio stream is also on-chip. Outputs include left and right analog and SPDIF. The BCM7110 also contains a high-performance MIPS32 RISC processor with 16 KB I cache and 16 KB D cache. The BCM7110 includes a number of peripherals required for next-generation set-top boxes, including USB host and device, Ethernet, IDE controller for connection to disk drives, POD interface for external conditional access, PCMCIA interface, and a glueless IEEE 1394 interface. The BCM7110 also contains support for the Broadcom V.90 softmodem. On-board descrambling supports all major conditional access systems and includes 3DES encryption/decryption for PVR. The BCM7110 represents the most integrated, cost-effective settop box single-chip solution incorporating next-generation requirements. It is built on the previous generation of Broadcom silicon and software to offer a low risk and quick time-to-market for interactive broadband set-top boxes.
Broadcom(R), the pulse logo, PaxelTM, and Connecting everything(R) are trademarks of Broadcom Corporation and/or its subsidiaries in the United States and certain other countries. MIPS32TM is a trademark of MIPS Technologies. DOCSISTM is a trademark of Cable Television Laboratories, Inc. All other trademarks are the property of their respective owners.
(R)
BROADCOM CORPORATION 16215 Alton Parkway, P.O. Box 57013 Irvine, California 92619-7013
(c) 2003 by BROADCOM CORPORATION. All rights reserved. 7110-PB06-R-06.13.03
Phone: 949-450-8700 FAX: 949-450-8710 Email: info@broadcom.com Web: www.broadcom.com


▲Up To Search▲   

 
Price & Availability of BCM7110

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X