Part Number Hot Search : 
ELM410P EER3810 4FCT2 74F65 AEL1203 TFS174 UPD44 600BR
Product Description
Full Text Search
 

To Download BCM7100 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 BCM7100
PRODUCT
(R)
Brief
OF BENEFITS
BCM7100 SINGLE-CHIP CABLE SET-TOP BOX SYSTEM
BCM7100 FEATURES SUMMARY
* Audio/video subsystem
* MPEG2/DC2/DVB transport * MPEG2/DC2 video decoder * MUSICAM/Dolby AC-3 audio decoder * Studio-quality text and graphics * NTSC/PAL analog video decoder/encoder * System bus bridge with DMA cable set-top box transceiver * In-band and out-of-band demodulators * Burst upstream transmitter
(R)
* A fully featured analog and digital video cable settop box feature set in a single chip reduces overall system cost dramatically. production-available technology.
* Advanced 2D/3D graphics subsystem * QAMLink
* Subsystems are based on Broadcom's field-proven * Can be used in cable systems worldwide with DVB,
DAVIC, and ITU standards compatibility.
* Broadcom developed device drivers enable rapid
software development cycle with support of industry-standard operating systems.
* Advanced graphics system allows applications such * Includes dual analog and digital (MPEG-2) video
system.
* MIPS-based microprocessor subsystem * On-board DAVIC 1.2/1.5 MAC * Key system peripherals * POD support including DVS 213 DES descrambler
as internet browsers and electronic program guides to deliver studio-quality text and graphics on television monitors.
* Supports DVS POD requirements.
BCM7100 Single-Chip Set-Top Box System on a Chip
POD CA Smart Card
BCM7100 Single-Chip Set-Top Box
R3000 CPU 4KI and 4KD 85 MIPS
PA
Diplex Filter
BCM3120 QAM Receiver with Forward Error Correction (FEC) and OOB Receiver with FEC and Upstream QPSK/16-QAM Modulator
DAVIC MAC Ver 1.2/1.5
Silicon Tuner
Analog NTSC
BCM7014 Graphics Engine with NTSC Encoder / Decoder/ System Controller
ROM Flash I/O
SDRAM
I/O: DUART, LEDs, IRDA, IR RX/TX, SPI/I2S
BCM7010 MPEG A/V and Transport and Audio DACs
Audio Input
Analog Audio Out Video Out
BCM7100
OVERVIEW
POD
ISO 7816
SDRAM (16)
I/O (MPC)
ROM FLASH SDRAM (16/32)
Broadcom Front--end Technology
QAM/Video Input
POD/CA I/F DVB and DES Descrambler
SDRAM Controller
Arbiter/ Memory Control Broadcom 2D Graphics with Filters, Scaler
Paxel Vector RISC Accelerator NTSC/PAL Video Encoder with Triple DAC
Composite
256 QAM In-Band Demod with 10-Bit A/D DAVIC MAC NTSC Analog Video Decoder
MPEG 2 / DC2 Video Decoder
S Video
OOB Input
Out-Of-Band QPSK Demod with 6-Bit A/D Burst QPSK/QAM Mod with 10-Bit D/A
IB/OOB DC2/DVB Transport
MUSICAM/ Dolby AC3 Audio Decoder
Peripherals:
IR RX/TX IRDA UART (X3) Counters (X3) SPI & IIC Master GPIO LED Keypad
PCM Audio Engine with Stereo DAC
R L SPDIF
PCM Audio
Upstream
MIPS32 Microprocessor
The BCM7100 is a cable set-top box system on a single chip, integrating Broadcom's field-proven BCM3120 cable transceiver technology, BCM7010 MPEG/AC-3 decoder technology, BCM7014 advanced 2D/3D graphics and system integration technology, BCM3310 MIPS microprocessor technology, all key interfaces to external memory and I/O, and the necessary peripherals for set-top box applications. The BCM7100 integrates Broadcom's field-proven and industryadopted QAMLink technology. This includes an in-band 256QAM demodulator with universal FEC supporting a picture IF input and a 10-bit ADC, a QPSK out-of-band demodulator with universal FEC and 6-bit ADC, and a burst QPSK/QAM modulator with universal FEC encoding and 10-bit DAC. Also included in the BCM7100 is a DAVIC 1.2/1.5 MAC able to communicate at downstream and upstream rates of up to 3 Mbps. This DAVIC MAC includes AAL5 and SAR functionality. The BCM7100 back-end technology is derived from the BCM7010 MPEG/Dolby Decoder and the BCM7014 Advanced 2D/3D Graphics Controller.
The BCM7100 features an MPEG-2 DVB-compliant transport demultiplexer with advanced section filtering capability, DVB descrambler, DES descrambler, MPEG-2/DC2 video decoder, Dolby AC3/MUSICAM audio decoder with analog and SPDIF outputs, NTSC/PAL video encoder with MacrovisionTM and analog output, NTSC analog video decoder with comb filtering and time-base correction. The DES descrambler is compliant with the DVS 213 requirements for the transport stream POD interface. In addition, the BCM7100 includes Broadcom's advanced 2D/3D graphics engine, offering true studio-quality text and graphics with extremely efficient use of memory and bandwidth. The BCM7100 also incorporates a complete MIPS32-based microprocessor subsystem, including caches with bridging to memory and a local bus, where external peripherals can be attached. Peripherals included in the BCM7100 are UARTs, two ISO7816 smart card interfaces, counter/timers, GPIO, a POD interface, keypad, LED, IR Tx/Rx, IRDA, I2C and SPI controllers.
Broadcom(R), the pulse logo, QAMLink(R) and Connecting everything(R) are trademarks of Broadcom Corporation and/or its subsidiaries in the United States and certain other countries. Dolby(R) is a trademark of Dolby Laboratories Licensing Corporation. MacrovisionTM is a trademark of Macrovision Corporation. All other trademarks are the property of their respective owners.
(R)
BROADCOM CORPORATION 16215 Alton Parkway, P.O. Box 57013 Irvine, California 92619-7013
(c) 2003 by BROADCOM CORPORATION. All rights reserved. 7100-PB08-R-06.13.03
Phone: 949-450-8700 FAX: 949-450-8710 Email: info@broadcom.com Web: www.broadcom.com


▲Up To Search▲   

 
Price & Availability of BCM7100

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X