Part Number Hot Search : 
LTC2348 E2001 E2001 IR3Y48A1 ISP206 ICM7211 IRF9Z34L BDY25
Product Description
Full Text Search
 

To Download BCM7021 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 BCM7021
(R)
HIGH-DEFINITION VIDEO PCI SUBSYSTEM WITH 2D GRAPHICS
FEATURES * ATSC-compliant, All-Format MP@HL MPEG-2 video SUMMARY OF BENEFITS * Provides a cost-effective solution for high-definition and
decoder * Decodes up to four MP@ML video streams * Standard-definition output with reduced memory requirements * Simultaneous analog high-definition/standard-definition output * Dolby Digital (AC-3)/MPEG multichannel audio decoder with SPDIF output * Dual I2S bidirectional audio ports * Stereo audio DACs
* * * * * *
* Advanced 2D/3D-effects graphics engine
* Studio-quality text and graphics at HD resolution * Supports multiple layers and windows * NTSC analog video decoder * NTSC/PAL/HD video encoder
* PCI 2.1 compliant * POD support including DVS 213 DES descrambler * DVB and DC2-compliant transport demux with DVB and DES
descramblers
* * PCI interface provides bi-endian support and up to 3 bus
masters for maximum system design flexibility. SuperI/O devices
standard-definition video and graphics systems common to cable and satellite applications. * Includes standard definition with reduced memory mode Simultaneous high-definition and standard-definition analog output for watch and record capability. Advanced 2D graphics system allows applications such as internet browsers and electronic program guides to deliver studio-quality text and graphics on television monitors 3D effects create studio-quality screen transitions and add a whole new dimension to electronic program guides. Personal video recorder capability supports VCR-like functions via a hard disk. High-performance DMA capability can be used for cable modem traffic Broadcom-developed device drivers enable rapid software development cycle Supports DVS POD requirements
* Simultaneous CCIR-656 inputs and outputs * Support for PIDs and 64 section filters
* PCI interface allows for direct connection of cost-effective
BCM7021 Advanced Video, Graphics, and Audio Subsystem
Dual Smart Card Ch3/4 RF Out S-Video Comp-Vid RGB In/Out YCrCb L/R Audio In/Out SPDIF Audio RJ11 DVI DAA BCM4100 Video Condition ISO 7816 Analog video BCM7501 10/100 BaseTx
BCM7021 HD Video/Graphics
Rx1
BCM4413 HPNA/V.90 PCI Bus
Ethernet MAC/PHY PCI Slot
Video Data To Cable Dual Tuner with Diplex filter OOB Upstream
BCM3250 Dual QAMlink (R) QPSK OOB QPSK transmitter DOCSIS 1.1 DAVIC 1.2 VoIP DSP
BCM7014 Graphics Engine with NTSC Encoder / Decoder/ System Controller BCM7010 MPEG A/V, Transport and Audio DACs
SDRAM
SDRAM
Bridge Chip
USB
RS-232
Rx2
PCI Bus
Rx3 CXD3204R IEEE1394 1394 (dual)
MIPS CPU
Printer
IDE
PCMCIA POD I/F
IR remote and keyboard
OVERVIEW
PCI
64-bit SDRAM
Analog Video In
Composite Video A/D Decoder and TBC
PCI Interface
SDRAM Controller
DMA Engine Video Scaler
Graphics and Video Display Engine HD Display and Format Conversion
Dual Composite Video Encoder and HD DACs
HD/SD analog video SD analog video
HD/Dual SD MPEG-2 Video Decoder In band 0 In band 1 In band 2
MPEG-2 Transport Processor with DVB Descrambler
Dual PVR Engine
Paxel 2D/3D Graphics Processor
Dolby and MPEG Audio Decoder
PCM Audio
Stereo Audio DACs
PCM Audio In Dual I2S L R SPDIF Audio Out
SPDIF
Dual ISO 7861 Interface
The BCM7021 Advanced High-Definition Video and Graphics Subsystem supports the requirements of television and set-top box systems that require high-definition or standard-definition decoding of MPEG-2 streams with simultaneous high-definition and standarddefinition outputs. For systems that require only standard-definition output, a reduced-memory mode substantially reduces the amount of memory needed for the video decompressions process. The video decoder also supports multiple stream standard-definition decoding, providing both tiled video and PIP capability. The BCM7021 graphics are based on Broadcom's advanced video/ graphics technology that allows studio-quality text and graphics to be displayed on television-based systems. The graphics compositing engine allows for many windows of graphics and video to be layered with blending and antialiasing, creating high-quality, rich display capability. An on-board vector RISC processor provides 2D graphics, antialiased text, and 3D effects.
A MPEG-2 DVB/DC2-compliant transport demux with three transport stream inputs has advanced section filtering capability, DVB descrambler, DES descrambler with ECB/CCB capability, and two ISO7816 smart card interfaces. The DES descrambler is compliant with the DVS 213 requirements for the transport stream POD interface. The transport engine is designed to support personal video recorder (PVR) functions, allowing the set-top box to support VCR-like functions, such as fast forward/reverse, pause, and record. The BCM702 1 supp orts up to 2 reco rd a nd 2 p la ybac k stream s simultaneously. The BCM7021 decodes both Dolby Digital (AC-3) and MPEG multichannel compressed streams. Audio output is provided over stereo DACs or SPDIF. A PCM audio engine mixes separate audio streams generated from the MPEG2/Dolby audio decompression circuitry, PCM audio generated from the CPU, or PCM audio input via a baseband audio input. These streams can be resampled and mixed together with volume control. The BCM7021 is an ideal solution where maximum system design flexibility and performance is key. Its bi-endian architecture and full DMA capability work with any CPU and PCI system configuration.
Broadcom(R), the pulse logo, and Connecting everything(R) are trademarks of Broadcom Corporation and/ or its subsidiaries in the United States and certain other countries. All other trademarks mentioned are the property of their respective owners.
(R)
BROADCOM CORPORATION 16215 Alton Parkway, P.O. Box 57013 Irvine, California 92619-7013
(c) 2004 by BROADCOM CORPORATION. All rights reserved. 7021-PB03-R 07/06/04
Phone: 949-450-8700 Fax: 949-450-8710 E-mail: info@broadcom.com Web: www.broadcom.com


▲Up To Search▲   

 
Price & Availability of BCM7021

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X