Part Number Hot Search : 
88W8964 LC7823N XKD11306 10310 R6020FNX CX4CSM5 MSAU125 NL2063T
Product Description
Full Text Search
 

To Download BCM5721 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 BCM5721
(R)
10/100/1000BASE-T CONTROLLER WITH INTEGRATED TRANSCEIVER
FEATURES * Single-chip device for server LAN-on-Motherboard (LOM) or *
network interface card (NIC) applications Integrated 10/100/1000BASE-T transceiver * 10/100/1000BASE-T triple-speed MAC * High-speed RISC core with 24-KB cache * SMBus 2.0 controller * On-chip voltage regulation * Wake-on-LAN (WOL) power switching circuit PCI Express host interface * 1x lane * Four-pin interface * Functionality identical to PCI Performance features * TCP, IP, and UDP checksum * Microsoft(R) Large Send Offload * Large burst read * Interrupt coalescing Industry-compliant manageability features * IPMI 1.5 support * Standards-compliant WOL * Innovative out-of-box mode WOL * Hardware power switching 3.3V I/Os (5V tolerant)
SUMMARY OF BENEFITS * Wirespeed performance increases user performance
* PCI Express provides wirespeed non-blocking throughput * TCP/IP offloads significantly reduce utilization of CPU * TCP/IP offloads significantly increase throughput to enable faster downloads of large files * Industry's smallest GbE form factor enables easier motherboard design * Innovative design reduces footprint to 67% smaller than competing solutions * 15 x 15-mm package * Integrated WOL switching eliminates external power switching components * IPMI 1.5 remote manageability reduces IT costs * Support for standards-based manageability allows IT managers to receive automatic alerts when PC support issues occur * Remote power-on/off features allow IT managers to power cycle PCs to address issues
*
*
*
* * JTAG
OVERVIEW
RX 10/100/1000 PHY TX
10/100/1000 MAC
Buffer Memory Memory Controller
Processor
PCI Express 25 MHz PLL Memory
PCI Express Bus
LED Control
SMBus
EEPROM Control
PLL
PCI Clk
LED Signals
SMB Interface EEPROM Interface
The BCM5721 is a fully integrated 10/100/1000BASE-T Gigabit Ethernet media access control and physical layer transceiver solution for high-performance network applications. The BCM5721 combines a triple-speed, IEEE 802.3 compliant media access controller (MAC), PCI Express bus interface, on-chip buffer memory, and integrated physical layer transceiver in a single device. The BCM5721 is fabricated in a lowvoltage silicon process, providing an ultra-low power solution. By itself, the BCM5721 provides a complete single-chip Gigabit Ethernet NIC or LOM solution. The BCM5721 includes a 10/100/1000-Mbps Ethernet MAC with fullduplex and half-duplex capability at all speeds. Support for the following 802.3 functions is featured in the MAC: * VLAN tagging * Layer 2 priority encoding * Full-duplex flow control The transceiver is fully compatible with the IEEE 802.3 standard for auto-negotiation of speed. Additionally, several Plug-and-Play enhancements are included to make the device even more user-friendly. A unique integrated cable analyzer feature allows a user to self-diagnose any issues with the network cabling that could affect the host machine. A link quality indicator LED and a GUI application give installers an instant visual indication of problems. This includes physical wiring defects or channel conditions, such as excessive cable length, return loss, crosstalk, echo, and noise.
Broadcom's remote cable management and diagnostics software can be used with the device to provide remote management of the cable and a first level of diagnostics and fault isolation. Target applications of the BCM5721: * Server PC NIC * Server PC LOM Software drivers available: * Windows NT(R), 2000, XP, and 2003 * Linux(R) 2.2 and 2.4 * NetWare(R) * SolarisTM x86 * UNIX(R)
Broadcom(R), the pulse logo, and Connecting everything(R) are trademarks of Broadcom Corporation and/ or its subsidiaries in the United States and certain other countries. All other trademarks mentioned are the property of their respective owners.
(R)
BROADCOM CORPORATION 16215 Alton Parkway, P.O. Box 57013 Irvine, California 92619-7013
(c) 2003 by BROADCOM CORPORATION. All rights reserved. 5721-PB00-R 10/21/03
Phone: 949-450-8700 Fax: 949-450-8710 E-mail: info@broadcom.com Web: www.broadcom.com


▲Up To Search▲   

 
Price & Availability of BCM5721

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X