Part Number Hot Search : 
74LVC1G1 SG2012 MFM65 GFKE1 MFM65 1062246 MN512K TSOP6156
Product Description
Full Text Search
 

To Download BCM5705 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 BCM5705
(R)
10/100/1000BASE-T CONTROLLER WITH INTEGRATED TRANSCEIVER
FEATURES * Single chip device for desktop LAN on Motherboard (LOM) or
Network Interface Card (NIC) applications * Integrated 10/100/1000BASE-T transceiver * 10/100/1000BASE-T triple-speed MAC * PCI v2.2, 32-bit/33-MHz host interface * High-speed RISC core with 24-KB caches * SMBus 2.0 controller * On-chip power circuit controller and Wake-on LAN power switching circuit Advanced power management--ACPI compliance *
SUMMARY OF BENEFITS * Ultra-low power for small form factor PCs
* 0.13 CMOS design allows industry's lowest power * Advanced power management Enables desktop PC products for all segments--Allows one board layout for both Gigabit and Fast Ethernet applications Completely backward compatible, with existing: * 10/100 network infrastructure * PCI-based desktop and mobile platforms Future-proof with flexible firmware architecture * Flexible firmware adapts to changing standards * Wirespeed custom packet filtering via on-board CPUs Power optimized through reduced CPU utilization * Adaptive interrupts minimizes calls to the PC's CPU * TCP/IP offloads reduce CPU burden significantly * Reduces power consumption of PC processor * Allows use of lower power/performance PC processor Cable analyzer tests for network cable issues * Customers can field-test using self-diagnostics * Dramatically reduces customer calls, returns, and costs Robust and highly manageable * PXE 2.0, ACPI 1.1, Wake-on LAN * Integrated cable testing--Link quality, length, pair skew, pair polarity, and pair swap * Flexible ASF 1.0 Space savings for LOM * 196-pin HBGA package * No external memory * Integrated power circuitry reduces BOM costs
* *
*
* Performance features
* TCP, IP, and UDP checksum * Microsoft(R) Large Send * TCP segmentation * CPU task offload * Adaptive interrupts * Robust manageability * Wake-on LAN * Out-of-Box mode Wake-on LAN * PXE 2.0 remote boot * Alert Specification Forum (ASF) 1.0 support * Statistic Gathering (SNMP MIB II, Ethernet-like MIB, and Ethernet MIB [802.3x, clause 30]) * Comprehensive diagnostic and configuration software suite * ACPI 1.1a complaint--multiple power modes * Advanced network features * Virtual LANs--802.1q VLAN tagging that supports 64 VLANs * 802.3x flow control * Cable analyzer features detect cabling problems * 3.3V I/Os (5V tolerant)
*
*
*
*
* JTAG * Industry's smallest 10/100/1000 MAC+PHY solution
* Optimized for desktop LOM and NIC applications * Enables small form factor PCs
OVERVIEW
RX 10/100/1000 PHY TX
10/100/1000 MAC
Buffer Memory Memory Controller
Processor
PCI 25 MHz PLL Memory PCI Bus
LED Control
SMBus
EEPROM Control
PLL
PCI Clk
LED Signals
SMB Interface EEPROM Interface
The BCM5705 is a fully integrated 10/100/1000BASE-T Gigabit Ethernet Media Access Control and Physical Layer Transceiver solution for high-performance network applications. The BCM5705 combines a triple-speed, IEEE 802.3 compliant media access controller (MAC), a PCI bus interface, an on-chip buffer memory, and an integrated physical layer transceiver in a single device. The BCM5705 is fabricated in a lowvoltage 0.13 CMOS process, providing an ultra-low power solution. By itself, the BCM5705 provides a complete single-chip Gigabit Ethernet NIC or LOM solution. The BCM5705 includes a 10/100/1000-Mbps Ethernet MAC with full/ half-duplex capability at all speeds. Support for the following 802.3 functions is featured in the MAC: * VLAN tagging * Layer 2 priority encoding * Link aggregation * Full-duplex flow control The device provides a PCI v2.2 bus interface and integrated on-chip buffer memory for a stand-alone operation. An embedded highperformance processor enables custom frame processing features, including TCP segmentation.
The transceiver is fully compatible with the IEEE 802.3 standard for auto-negotiation of speed. Additionally, several Plug and Play enhancements are included to make the device even more user-friendly. A unique integrated Cable Analyzer feature allows a user to selfdiagnose any issues with the network cabling that could affect the host machine. A link quality indicator LED and a GUI application give installers an instant visual indication of problems. This includes physical wiring defects or channel conditions, such as excessive cable length, return loss, crosstalk, echo, and noise. Broadcom's remote cable management and diagnostics software can be used with the device to provide remote management of the cable and a first level of diagnostics and fault isolation. The BCM5705 continually monitors various channel conditions. The optional wire-speed capability allows the BCM5705 to force auto-negotiation to be automatically limited by the speed that the channel can reliably support rather than the performance of the end equipment. Target Applications of the BCM5705 * Desktop PC NIC * Desktop PC LOM Software Drivers Available * Windows 98, NT, 2000, XP * Linux 2.2, 2.4
Broadcom(R), the pulse logo, and Connecting everything(R) are trademarks of Broadcom Corporation and/ or its subsidiaries in the United States and certain other countries. All other trademarks mentioned are the property of their respective owners.
(R)
BROADCOM CORPORATION 16215 Alton Parkway, P.O. Box 57013 Irvine, California 92619-7013
(c) 2003 by BROADCOM CORPORATION. All rights reserved. 5705-PB04-R 10/02/03
Phone: 949-450-8700 Fax: 949-450-8710 E-mail: info@broadcom.com Web: www.broadcom.com


▲Up To Search▲   

 
Price & Availability of BCM5705

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X