Part Number Hot Search : 
ISL6224 C20T10Q UF100 OM7650 SCHIP SR4D4040 21000 R3040
Product Description
Full Text Search
 

To Download BCM5690 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 BCM5690
PRODUCT
(R)
Brief
OF BENEFITS
SCALABLE 12-PORT GIGABIT ETHERNET MULTILAYER SWITCH
BCM5690 FEATURES SUMMARY 12 10/100/1000 Mbps Ethernet * copper and fiber connections ports supporting both high-performance SerDes * *IntegratedGbps XAUI HiGig expansion port Single 10 32 million packets/second (line rate) aggregate * switching capacity * Supports 8 classes of service (CoS) per port * Scalable upto 32 BCM5690 switches in a system Port trunking * switches and mirroring supported across stacked * Fully integrated data and address memory on chip * Advanced packet flow control: * Head of line blocking prevention
* Gigabit Ethernet SerDes per port * 4-pin per port SGMII interface to Gigabit Ethernet PHYs
* System vendors can build scalable high-performance, * Multiple classes of service (CoS) and very low latency * Built-in high-speed serial interfaces with Broadcomhigh port density Gigabit Ethernet LAN switches in several form factors. enable the support of VoIP and other voice, video, and data applications. unique SerDes technology eases and accelerates system design, while reducing cost and conserving board space.
* Broadcom switch API compatability enables software reuse and faster time-to-market * Small package and low power enables cost-effective
and high-performance system design TARGET APPLICATIONS
* *ContentAware network processing per port Line rate multifield packet classification
TM
* Full-duplex flow control (802.3x compatible)
* Support for jumbo Frames of up to 9 KB * Advanced diagnostic features including IEEE1149.1 JTAG boundary scan and BIST functionality * Low power, enhanced thermal 480-pin EBGA package
* Supports IEEE802.1p, TOS/DiffServ, rate limiting, policing, priority tagging, and remapping
* Multilayer switch in modular Gigabit Ethernet switches * High port count stand-alone or stackable Gigabit Ethernet switches * Chassis and in-server switch blade applications
12-Port Gigabit Ethernet Multilayer Switch with HiGigTM
10 Gbps HiGigTM Interface SerDes/ SGMII SerDes/ SGMII SerDes/ SGMII SerDes/ SGMII SerDes/ SGMII SerDes/ SGMII
PCI I2C
IPIC
GPIC FFP
GPIC FFP
GPIC FFP
GPIC FFP
GPIC FFP
GPIC FFP
CMIC
L2 Table
L3 Table
MMU
VLAN Table GPIC FFP GPIC FFP GPIC FFP GPIC FFP GPIC FFP GPIC FFP IPMC Table
CBP
SerDes/ SGMII SerDes/ SGMII SerDes/ SGMII SerDes/ SGMII SerDes/ SGMII SerDes/ SGMII
BCM5690
OVERVIEW
BCM5690 Block Diagram
HiGigTM 10 Gbps XAUI Interface
HiGigTM XAUI
Layer 27 Traffic Classification
PCI 32/66 MHz CPU Interface
HiGigTM
CPU/IO FFP ARL SRAM
High speed on-chip memory
Packet Buffer
MAC(s)
Built-in SerDes with SGMII support
The BCM5690 network switch is a scalable, modular chip solution with 12 ports. Each of these flexible ports supports Gigabit Ethernet or 10/100 Mbps Ethernet. Additionally, the BCM5690 supports both copper and fiber physical interfaces. The BCM5690 has a fully integrated SerDes functionality consisting of a 10 Gbps XAUI HiGig Port, Gigabit Ethernet or a SGMII PHY interface. The 10 Gbps HiGig Expansion port supports explicit priority, port trunking, and mirroring functions across switch elements. The HiGig port can be used to interconnect upto 32 BCM5690s making it extremely useful for highly-scalable network switch applications. The advanced fast filter processor (FFP) provides ContentAwareTM network processing per port. The FFP supports ToS/DiffServ, rate limiting, policing, priority tagging, and remapping. The advanced packet filtering and classification functions of the BCM5690 make it ideal for cutting-edge VoIP and firewall applications.
Broadcom(R), the pulse logo, ContentAwareTM, and Connecting everything(R) are trademarks of Broadcom Corporation and/or its subsidiaries in the United States and certain other countries. All other trademarks are the property of their respective owners.
The BCM5690 supports advanced packet flow control such as head-of-line blocking prevention and IEEE 802.3x compatible full-duplex control. Moreover, the BCM5690 supports a fullyintegrated data and address memory. The BCM5690 switch supports an I2C controller for communicating with external devices such as serial EEPROM, flash memories, and parallel port devices. The modular switching architecture of the BCM5690 embodies the scalability, integration and performance features that a next generation switch requires. Additional information The system design kits available are BCM95690K24 and BCM95690K24s which include supporting documentation and software. Please contact your local sales representative for more information.
(R)
BROADCOM CORPORATION 16215 Alton Parkway, P.O. Box 57013 Irvine, California 92619-7013
(c) 2003 by BROADCOM CORPORATION. All rights reserved. 5690-PB04-R-06.13.03
Phone: 949-450-8700 FAX: 949-450-8710 Email: info@broadcom.com Web: www.broadcom.com


▲Up To Search▲   

 
Price & Availability of BCM5690

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X