Part Number Hot Search : 
TC1766 41010 XN06543 D27C4001 100MA 24006 87006 DG418LDY
Product Description
Full Text Search
 

To Download BCM5673 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 BCM5673
PRODUCT
(R)
Brief
OF BENEFITS
1 0 G I G A B I T E T H E R N E T / H I G I G TM M U LT I L AY E R S W I T C H
BCM5673 FEATURES SUMMARY
* Single 10-Gbps IEEE802.3ae compliant Ethernet port * Single 10-Gbps HiGig Uplink/Expansion port used for
stacking applications
* Enables system vendors to build scalable high-
performance switches with 10 Gigabit Ethernet support family of switches to interface with the service provider VLAN applications, such as video and audio conferencing, web training sensitive applications, such as VoIP and video applications
* Integrated 512 KB packet buffer memory on-chip * Integrated Layer 2/Layer 3 tables on-chip * Supports Line-rate switching for all packet sizes,
including jumbo frames (64 - 9216 bytes)
* Built-in Double Tagging Engine enables the StrataXGS * Provides hardware support for a number of multicast * Multiple CoSs enable the switch to prioritize latency* Built-in 10 Gigabit Ethernet/XAUI SerDes in addition * Broadcom Switch API compatibility enables software
re-use and faster time to market
* * Supports eight Classes of Service (CoS) * Supports advanced packet flow control:
* Head of Line Blocking prevention * Full-duplex flow control (802.3x compatible)
Supports wire-speed Layer 2 and Layer 3 switching
* ContentAwareTM network processing per port: *
* Line rate deep packet classification * Supports IEEE802.1p, TOS/DiffServ, rate limiting, policing, priority tagging, and re-mapping
to integrated data and address memory reduces overall system cost and design complexity
Provides hardware support for IP multicasting and IP multicast replication
* Small package and low-power enables cost effective
and high-performance system design TARGET APPLICATIONS
* Built-in Double Tagging Engine with loopback feature * Scalable up to 32 StrataXGSTM modules * Supports Port Trunking and mirroring across the
stack
* Low power ~4 W
High performance 10 Gigabit Ethernet Multi-layer switching applications targeting the following types of systems:
* * * * Standalone systems Stackable systems Modular chassis systems High-end server blades
BCM5673
OVERVIEW
10 Gbps Ethernet
XPIC FFP
PCI 66 MHz I2C
CMIC
ARL
MMU
CPS Bus IPIC XGXS
10 Gbps HiGig
The BCM5673 10 Gigabit Ethernet switch is a scalable, multi-layer switch-on-chip member of the StrataXGS family. The BCM5673 is a dual port switch, which supports a 10 Gigabit Ethernet (IEEE802.3ae) port and a HiGigTM uplink port. The 10 Gigabit Ethernet port can be used to interface to the XENPAK module via the XAUI interface. The HiGig uplink expansion port supports explicit priority, port trunking, and mirroring functions across the stack. The HiGig port can be used to interconnect up to 32 switching devices, which enable highport density switching applications. The BCM5673 supports VLAN double tagging. The built-in Double Tagging Engine provides double tagging support to the entire StrataXGS family of products. The switch can also be used in loopback mode enabling double tagging support for the Gigabit Ethernet ports on the BCM5690. The built-in Fast Filter Processor (FFP) provides ContentAware network processing. The FFP supports functions such as TOS/DiffServ mapping, rate limiting , policing, priority tagging, and metering functions. The enhanced packet classification feature of the FFP enables cutting edge applications, such as VoIP and firewall. The BCM5673 provides hardware support for IP multicasting as well as IP multicast replication. This enables a number of multicast applications, such as webtraining and audio/video conferencing. The BCM5673 supports advanced packet flow control, such as headof-line blocking prevention and IEEE802.3x compatible full-duplex control. For additional information on the BCM5673, please contact your local sales representative.
Broadcom(R), the pulse logo, BroadVoiceTM, and Connecting everything(R) are trademarks of Broadcom Corporation and/or its subsidiaries in the United States and certain other countries. All other trademarks are the property of their respective owners.
(R)
BROADCOM CORPORATION 16215 Alton Parkway, P.O. Box 57013 Irvine, California 92619-7013
(c) 2003 by BROADCOM CORPORATION. All rights reserved. 5673-PB02-R-6.13.03
Phone: 949-450-8700 FAX: 949-450-8710 Email: info@broadcom.com Web: www.broadcom.com


▲Up To Search▲   

 
Price & Availability of BCM5673

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X