Part Number Hot Search : 
BY2000 DE01600 18F87 MBRF10 AD7482 WE331 AOZ102 K4S5616
Product Description
Full Text Search
 

To Download BCM3520 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 BCM3520
(R)
ConnecTVTM Plug and Play DTV Receiver
FEATURES * Integrated VSB/QAM QAMLink(R) receiver
12-bit A/D converter with internal AGC amplifier Full equalizer architecture spans up to -35 to 49 s delays Direct IF sampled architecture reduces system cost Single IF signal path for QAM/VSB/NTSC to reduce system costs - ITU-T J.83 Annex A/B/C FEC modes - MPEG-2 transport output (serial/parallel) - All-digital clock and carrier recovery - Integrated PLLs to minimize external components - All acquisition times typically less than 50 ms * QPSK out-of-band receiver - 100-200 MHz receiver LO with input AGC and 6-bit A/D - Variable symbol rate QPSK receiver - Digital demodulator, Nyquist filters, tracking loops, and four-tap adaptive equalizer - DVS-167 (Davic)/DVS-178 (DigiCipherII) FEC decoder * NTSC/PAL IF Demodulator - Adjacent channel rejection filters - Programmable digital audio trap filter - Programmable group delay compensation filter - Analog Composite Video Baseband Signal (CVBS) output - FM demod output supports internal BTSC stereo decoder, external BTSC stereo decoder (baseband or IF input), or external Zweiton M decoder * Integrated acquisition controller -
SUMMARY OF BENEFITS * Complete DTV single chip receiver solution * FCC VSB and Plug and Play functionality * Superior performance under both static and dynamic multipath channel conditions
* Integrated NTSC demodulator * BTSC decoder on chip * Direct interface to CMOS and discrete DTV tuners * Reduces system costs through direct IF sampling * Single IF path for QAM/VSB/NTSC simplifies board design * Smart antenna support * Automatic NTSC co-channel interference and RFI rejection
filters
* Integrated de-interleaver RAM for VSB FEC, and QAM for
modes up to J=4 reduces system costs
* Analog stereo, mono, or SAP outputs * I2S or baseband multiplexed audio output * On-chip stereo audio DACs * BSC master to control peripherals
* EIA/CEA-909 antenna interface * 144-pin LQFP package
Plug and Play DTV System Solution
BCM3419
LNA Tuner
MPEG Transport Serial/Parallel
BCM3520
VSB/QAM OOB/POD
OOB Tuner
EIA/CEA-909 Smart Antenna Interface
Composite Video Audio: I2S, L/R, multiplex baseband, IF audio Out-of-band Transport
OVERVIEW Functional Block Diagram
BSC/SPI Host Interface Interrupt
BSC/SPI Slave Interface
HAB
Acquisition Processor
Internal Bus To All Blocks
Master PLL
54 MHz 3rd Overtone Crystal
Inband Tuner Inband AFE PGA 12 bit A/D AGC Control
ATSC 8/16 VSB Advanced Receiver
ATSC FEC Output Interface MPEG Transport
Inband AGT Inband AGI Inband AFT
16-1024 QAM Advanced Receiver
ITU-T J.83 Annex A/B/C FEC
10 Bit D/A OOB Tuner OOB AGC OOB VCO OOB AFE PGA 6 bit A/D AGC Control VCO NTSC IF DEMODULATOR 10 Bit D/A
Compostie NTSC IF Audio I2S
BTSC Decoder OOB QPSK Receiver DVS-167 FEC DVS-178 FEC
HiFi DAC
L/R Audio or Multiplexed Baseband Audio OOB Transport for CableCard/ POD
OOB Output Interface BSC Master Interface GPIO/GPO Interface EIA/CEA-909 Interface JTAG Interface
Tuner/Peripheral Control
GPIO
GPO
Antenna Control
JTAG Controller
The BCM3520 is a Plug and Play DTV receiver. It contains a digital receiver compatible with both North American digital cable television and digital terrestrial broadcast television standards. This receiver is capable of receiving all standard-definition and high-definition digital formats (SDTV/HDTV). It also contains an IF demodulator compatible with the NTSC video standard. The output of the IF demodulator can be directed to an external BTSC or Zweiton M decoder, or can be sent to an on-chip audio decoder. The on-chip audio decoder is fully compliant with the BTSC audio standard. An out-of-band QPSK receiver is also contained to meet the needs of the CableCard specification. The BCM3520's digital receiver and NTSC demodulator accepts an analog signal centered at the standard television IF frequencies. It amplifies and digitizes this signal with an integrated programmable gain amplifier and 12-bit A/D converter. The output of the A/D is sent to the receiver and demodulator. The digital receiver consists of a QAM demodulator and a VSB demodulator. Each demodulator contains adaptive filters that remove multi-path propagation effects, NTSC cochannel interference, and RFI interference. The output of the VSB
demodulator goes to an ATSC A/53 coding Forward Error Corrector (FEC), with integrated trellis and Reed Solomon decoder. The output of the QAM demodulator goes to an ITU-T J.83 Annex A/B/C coding FEC. The output of either QAM or VSB FEC is delivered in either parallel or serial MPEG-2 transport format. The NTSC demodulator filters and demodulates the analog NTSC and FM audio signals and delivers a composite output via an on-chip 10-bit DAC. An IF modulated audio output is also provided via a second on-chip 10-bit DAC. An on-chip BTSC decoder handles the decoding of the base-band multiplexed audio from the IF demod, providing an stereo left/right, mono, or SAP output via a pair of high precision HiFiDACs. All gain, clock, and carrier, acquisition, and tracking loops are integrated on-chip as are the necessary phase-locked loops, referenced to a single external crystal. Chip configuration, channel acquisition, and performance monitoring functions are conducted by the on-chip acquisition processor using Broadcom-provided software.
Broadcom(R), the pulse logo, and Connecting everything(R), and QAMLink(R) are trademarks of Broadcom Corporation and/or its subsidiaries in the United States and certain other countries. All other trademarks mentioned are the property of their respective owners.
(R)
BROADCOM CORPORATION 16215 Alton Parkway, P.O. Box 57013 Irvine, California 92619-7013
(c) 2003 by BROADCOM CORPORATION. All rights reserved. 3520-PB01-R 04/02/03
Phone: 949-450-8700 Fax: 949-450-8710 E-mail: info@broadcom.com Web: www.broadcom.com


▲Up To Search▲   

 
Price & Availability of BCM3520

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X