Part Number Hot Search : 
24C164 PHP129N ILX524KA 1N4007 TG2006F MAN6460 NSHU550A 1SZ57
Product Description
Full Text Search
 

To Download BCM3345 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 BCM3345
PRODUCT
(R)
Brief
OF BENEFITS
QAMLINK(R) HIGH-PERFORMANCE, SINGLE-CHIP CABLE MODEM
BCM3345 FEATURES SUMMARY State-of-the-art, single-chip DOCSIS/EuroDOCSIS * 1.0/1.1 cable modem providing unprecedented levels of Results in simplified BOM--reduces component * improves assembly process and results in lowest count,
* * Advanced QAMLink
integration and performance The BCM3345 integrates:
* Advanced RF and control interface to silicon tuner for DOCSIS/EuroDOCSIS solutions * EJTAG embedded ICE support * On-chip support for Propane packet acceleration * 1.8/3.3 volt operation * 312-pin PBGA package
TM
(R) transceiver supporting Annex A/B/C operation * DOCSIS/EuroDOCSIS 1.0/1.1 MAC * High-performance, 140-MHz MIPS-32 CPU * Advanced QAMLink downstream demodulator, supporting 4/16/32/64/128/256 QAM * Advanced QAMLink upstream modulator, supporting 2/4/8/16 QAM * Upstream power amplifier * 10/100 Ethernet MAC/PHY with MII interface * Single 28MHz reference crystal * USB 1.1 slave port with integrated transceiver * 100-MHz SDRAM interface
* * * * * * *
overall system cost for DOCSIS/ EuroDOCSIS 1.0/1.1 cable modem. DOCSIS/EuroDOCSIS 1.0/1.1 MAC is compatible with existing Cable Modem application code, resulting in minimum time to market. 140-MHz MIPS-32 CPU provides 66% improvement in packet throughput over prior generations. Advanced QAMLinkTM modulator/demodulator provides superior performance in noisy plant environments. On-chip Propane supports DOCSIS/EuroDOCSIS based packet acceleration. Integrated 10/100 Ethernet MAC/PHY with MII eliminates the need for external Ethernet support. Fully USB 1.1 compliant interface enables simple Plug and Play installations. EJTAG embedded ICE support is compatible with existing MIPS32 development tools, improving software development and testing.
High-Performance, Single-Chip DOCSIS/EuroDOCSIS 1.1 Cable Modem
SDRAM
Diplexer
Silicon Tuner
SAW
BCM3345
High Performance Single Chip DOCSIS/EuroDOCSIS 1.1 Cable Modem
10/100 Ethernet
USB 1.1
FLASH
BCM3345
OVERVIEW
802.3u MII 100BASE-TX USB 1.1
RF
10/100Mb Enet Transceiver USB 1.1 Transceiver Upstream Power Amp QPSK/16QAM Upstream Modulator 802.3u Ethernet MAC USB 1.1 MAC 100MHz Internal System Bus 16-bit Flash Interface 4-MB FLASH
Filter
Coax
Tuner
DOCSIS/ EuroDOCSIS 1.0/1.1 MAC with BPI+
DMA
Interrupt Control GPIO
IF Tuner Ctl
64/256QAM Downstream Demodulator
Peripheral Bus
PB Bridge
LEDs/ Misc
UART
Clock Generation JTAG
8KB I-Cache 4KB D-Cache
140-MHz MIPS32 Core with MMU
Timers 16-bit SDRAM Interface
BCM3345
64-MB 100-MHz SDRAM
The BCM3345 combines an advanced QAM receiver; an advanced QAM transmitter; a complete DOCSIS/EuroDOCSIS Media Access Controller (MAC); a 140-MHz MIPS32 communication processor; a 16-bit, 100-MHz SDRAM interface; 10/100 Ethernet MAC with integrated transceiver and MII interface; and a USB 1.1 controller with integrated transceiver. The QAM receiver directly samples a tuner output with a 10-bit A/D converter and input ACG amplifier. The receiver digitally resamples and demodulates the signal with recovered clock and carrier timing, filters and equalizes the data, and passes soft decisions to an ITU-T J.83 Annex A/B/C compatible decoder. A 40-tap adaptive decision feedback equalizer is implemented. The receiver supports variable symbol rate 64/256 QAM FEC decoding. The final received data stream is delivered in a serial MPEG-2 transport format. All gain, clock, and carrier, acquisition and tracking loops are integrated in the QAM receiver. The upstream transmitter takes burst or continuous data, provides FEC encoding and pre-equalization for DOCSIS/EuroDOCSIS applications, filters and applies QPSK or QAM16 modulation to the data stream, amplifies the signal through the integrated upstream power amplifier, and provides a direct 0-65 MHz analog output.
Broadcom(R), the pulse logo, QAMLink(R), and Connecting everything(R) are trademarks of Broadcom Corporation and/or its subsidiaries in the United States and certain other countries. All other trademarks are the property of their respective owners.
The BCM3345 Media Access Controller (MAC) includes all the features required for full DOCSIS/EuroDOCSIS 1.0/1.1 compliance, including full support for baseline privacy (BPI+) encryption and decryption. Single user support includes four SIDS in downstream, four DA perfect match filters, a 64-entry CAM for multicast/unicast hash filter, and four independent upstream queues for simultaneous support of QoS and BE traffic. To enhance operational support, the BCM3345 provides extended Network Management MIB/Diagnostic features, as well as immediate UCC (on-the-fly) using independent resets for downstream and upstream and both individual queue reset/flush for upstream queues. The BCM3345 uses advanced Propane techniques to provide packet acceleration to significantly improve upstream channel utilization. With the incorporation of an upstream power amplifier, the BCM3345 allows a complete cable modem to be assembled with a minimal set of external components. When used with the silicon tuner, Broadcom offers the lowest price solution for a high-performance, single user Cable Modem. Ordering information: BCM3345KPB DOCSIS/EuroDOCSIS applications
(R)
BROADCOM CORPORATION 16215 Alton Parkway, P.O. Box 57013 Irvine, California 92619-7013
(c) 2002 by BROADCOM CORPORATION. All rights reserved. 3345-PB03-403-R 11.22.02
Phone: 949-450-8700 FAX: 949-450-8710 Email: info@broadcom.com Web: www.broadcom.com


▲Up To Search▲   

 
Price & Availability of BCM3345

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X