Part Number Hot Search : 
A114Y 92315 MAX15022 025NL DL0365R DTC115T 1H470 AIC2003
Product Description
Full Text Search
 

To Download BCM3341 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 BCM3341
PRODUCT
(R)
Brief
BROADBAND
OF
SINGLE-CHIP
BCM3341
2-LINE
VoIP
IC
FEATURES
SUMMARY
BENEFITS
* The BCM3341 broadband VoIP DSP solution provides * The BCM3341 integrates: DSP and dual world * High-performance 240-MIPS
a seamless interface with Broadcom's PacketCableTM cable and DSL modem ICs, providing the industry with the lowest cost, modular VoIP system solution.
of integration: * *Highest levelreduces VoIP cable modem BOM Significantly
* Significantly reduces part count, increasing reliability * Significantly reduces power consumption
* Enhanced reliability of voice services through
features
linecard programmable codec * Internal memory supports G.711+ 1 complex vocoder (2 lines of either/or simultaneously) * Supports all ITU G.7xx narrow-band vocoders, plus T.38 fax relay * Complex vocoder, fax and modem relay memory Expansion bus (128Kx16) memory expansion (32Kx16, or 64Kx16) * World linecard support * G.168 (2000) compliant echo canceler * Extensive chip power management * Integrated HVG circuit switch mode controller Eliminates dual switching power controller for Low Bat(-24V) and Hi Bat(-48V) power supplies * Supports both narrow-band BroadVoiceTM16 and wideband BroadVoiceTM32 * Integrated battery sensing * Single 3.3V power supply * 0 to 70C operation
* Enhances voice quality through advanced system
* Patented PacketSyncTM minimizes VoIP packet delays * Power management engine reduces overall consumption * DSL NTR clock recovery
powerful DSP engine and voice algorithms deployed in millions of ports worldwide.
to additional Broadcom silicon * *Seamless interfaceVoIP cable modem BCM3348 low-cost
* BCM3360 VoIP residential gateway and MDU apps * BCM3370 wireless VoIP residential gateway * BCM6345 low-cost VoIP DSL modem * BCM6350 xDSL communications processor * BCM1101, SMTA and IP phone solution
system solution including: * *Part of a comprehensivewith extensive documentation Low-cost reference design
* Certifiable PacketCable 1.0 CablexChangeTM software * Proven DSLXchangeTM software
BCM3341 PacketCableTM
SDRAM
Silicon Tuner
Single-Chip BCM3348 BCM3360 BCM3370
Interface
USB 1.1
10/100 Ethernet
HI Bat Low Bat CLK
Flash
PS Dual SLICS
BCM3341 Dual Line VoIP
BCM3341
OVERVIEW
JTAG (5)
DSP Inteface (3)
SRAM Interface (46)
JTAG HVG Controller 1.8V Converter DSP Port Interface DSP/PB Interface 120-MHz 240-MIPS DSP
Program SRAM Data SRAM
Grant Sync Clock Generation Module
Grant_Syncn (1) Reference In (4)
HVG Control(4) 3.3V
Hook detect (2) PCM HWY DSP/ISN Interface Timers ADM PCM HWY (4)
DPI(19)
APM
4-wire Differential Audio (8 + 4 = 12) SLIC Control (10) GPIO (1) INT/GPIO (5) External SLAC Control (5)
Interrupt Control
GPIO 2 ch
BCM3341
PB Bridge
MPI/ SPI
The BCM3341 offers the industry a highly integrated, cost effective approach to developing PacketCableTM or DSL VoIP solutions for the delivery of primary or secondary line telephony. The BCM3341 provides a seamless interface with multiple Broadcom cable, DSL and IP phone products. This includes the BCM3348, BCM3360 and BCM3370 cable modem IC solutions, the BCM6350, BCM6352, BCM6345 DSL IC solutions, and the BCM1101 SMTA and IP phone solutions. Key modules integrated into the BCM3341 include: * 240-MIPS VoIP DSP with patented PacketSyncTM, supports 2 primary lines of compressed voice packets plus T.38 fax relay. It can simultaneously support two secondary lines of G.711 for various class of service such as three way calling and caller ID. * Integrated 2-line FlexiVoiceTM voice codec with individual line programmable filter coefficients, providing optimum performance for both V.92 modem and voice applications. * Grant synchronization engine: A voice packetization scheduler that synchonizes the voice packets with the DOCSIS grant slots, potentially saving 10-20 ms of VoIP packet delay, providing higher voice quality.
* Integrated DOCSISTM system clock synchronization provides clock synchronization in the entire voice path for a slip free voice. (CODEC<>DSP<>DOCSISMAC<>DOCSIS CMTS) Solutions without such synchronization incur voice packet slips that lower the quality of voice calls. * Complex vocoder, fax and modem relay memory expansion bus (128Kx16 memory expansion (32Kx16, or 64Kx16)). * PCM IOM2 interface for connecting external devices supporting applications such as DECT wireless handsets. Ordering Information BCM3341 Single-Chip 2-line VoIP Broadband IC
Broadcom(R), the pulse logo, PacketSyncTM, CablexChangeTM, BroadVoiceTM, FlexiVoiceTM, and Connecting everything(R) are trademarks of Broadcom Corporation and/or its subsidiaries in the United States and certain other countries. All other trademarks are the property of their respective owners.
(R)
BROADCOM CORPORATION 16215 Alton Parkway, P.O. Box 57013 Irvine, California 92619-7013
(c) 2002 by BROADCOM CORPORATION. All rights reserved. 3341-PB01-403-R 11.20.02
Phone: 949-450-8700 FAX: 949-450-8710 Email: info@broadcom.com Web: www.broadcom.com


▲Up To Search▲   

 
Price & Availability of BCM3341

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X