Part Number Hot Search : 
SES5001 NTE140A TA0733A M32C8B MHW7222 XWXX7 XFVOIP HC407
Product Description
Full Text Search
 

To Download BCM1115 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 BCM1115
PRODUCT
(R)
Brief
OF BENEFITS
BCM1115 SINGLE-PORT ENTERPRISE IP PHONE CHIP
BCM1115 FEATURES SUMMARY
* In IP phone applications: - H.323, H.248/Megaco, SIP and MGCP - G.711, G.726, G.729A/AB/E, G.723.1/A, G.728, G.722.1 and BroadVoiceTM - Half- and full-duplex speakerphone operation - Two- and three-channel conferencing (G.711 vocoder) - Paging (via a G.711 channel) * In VoIP Gateway applications: - H.323, H.248/Megaco, SIP and MGCP - G.711, G.726, G.729A/AB/E, G.723.1/A and G.728 - Fax relay (T.38, V.17, V.29, V27ter) - Two voice channels, or one voice channel and one fax channel, and a third channel limited to G.711 voice * In PacketCable SMTA applications: - PacketCable NCS - G.711, G.729E, and G.728 - Two voice channels with complex vocoders
* The BCM1115 is the most highly integrated silicon * The BCM1115 integrates:
solution for 1-Port Voice over IP Enterprise Phone and Ethernet Residential Gateway applications.
* 100-MHz MIPS32 CPU and 108-MHz DSP Support
* 100-MHz MIPS32 CPU (110 DMIPS) with 8 KB of I-cache and 4 KB of D-cache * Superscalar 108 MHz ZSP DSP with dual-MAC (216 MIPS), 48 KB of instruction RAM and 32 KB of data RAM * One 10/100BASE-T Ethernet PHY with in-line power over Ethernet support * Two wideband audio DACs and ADCs * 9x9 keyscan controller * Ethernet status LED driver * TDM IOM-2 port
(R)
* Two UARTs * Two high-speed serial ports * General purpose I/O * Interrupt control unit * DMA support unit * SDRAM interface * External Bus Interface * IEEE 1149.1 (JTAG)
*
10/100BASE-T Ethernet MAC and PHY
* Integrates support for Modified Link Pulse in-line power specification * Compliant with 802.3af power over Ethernet standard * Provides auto-MDI/MDIX, enabling the use of straight or crossover cables in either port * Enables support of emerging wideband vocoding standards
* 0.18 process technology, 1.8/3.3 V * 0.95W peak, 0.3-0.8W standby modes * 256-pin PBGA package enables 4-layer PCB designs * Pin-compatible with BCM1101
* Wideband Audio CODECS
AFE devices
* Glueless Interface to BCM4210/4100 HPNA MAC and
* Enables low-cost, home-networking IP phone
HARDWARE
PLATFORMS
* BCM91101 Reference Platform * BCM91101SMTA Reference Platform
* PacketCable SMTA reference design * Complete Ethernet IP phone reference design in phone plastics * Ethernet Residential Gateway reference design
BCM1115
OVERVIEW
Master SPI Port
Uart 0
Uart 1
18 GPIOs
External Interrupt Controller
Keypad Scan Controller [or 18 GPIOs] IPB Bridge
Peripheral Bus Watchdog Timers Timer MIPS JTAG Analog Processor Module CODEC Channel 2 CODEC Channel 1 16 bit D/A 16 bit A/D 48 KB Program Memory 32 KB Data Memory MIPS32 CPU + 8K I-Cache + 4K D-Cache
High Speed Serial Port 2 High Speed Serial Port 1 TDM IOM-2 Port 50 MHz External Bus Interface SDRAM Interface Flash/ EPROM
ZSP JTAG
ZSP DSP
10BT/100BT Auto-MDIX Phy
10/100BT Ethernet MAC 802.1p/Q support
100 MHz CPU System Bus
SDRAM
Ethernet LED Driver
DMA Arbiter
The Broadcom BCM1115 is designed for use in cost-sensitive, single Ethernet port, Enterprise IP Phone products. The BCM1115 is complementary to the BCM1101 VoIP CPE engine, which is ideally suited for higher-end, two-port Ethernet VoIP products that require an integrated Ethernet switch and a second Ethernet port. Key modules integrated in the BCM1115 include: * MIPS32 100-MHz processor with 8K 2-way set associative Icache and a 4K 2-way associative D-cache. This MCU supports the VoIP protocol stacks, jitter buffer management, and application program. Programming is done in C, on top of Broadcom's object-oriented signal processing API. * ZSP 108-MHz DSP with 48 KB of instruction RAM and 32 KB of data RAM. The DSP supports a wide range of vocoders and a variety of telephony algorithms (e.g., DTMF
and Call Progress Tones.) * Analog codecs. Two DACs and two ADCs are integrated, eliminating the need for an analog switch to allow the sharing of a codec between multiple interfaces. * 10/100BASE-T Media Access Controller and Transceiver. The Media Access Controller (MAC) supports 802.1p prioritization of voice packets and 802.1Q VLAN support for segmenting physical networks into multiple logical networks. The transceiver performs all of the functions for 100BASE-T Ethernet in full- or half-duplex mode over Category (CAT) 5 twisted pair cabling and 10BASE-T Ethernet in full- or halfduplex mode over CAT 3, 4, or 5 twisted-pair cable. The PHY also supports auto-MDI/MDIX detection to allow the use of any cable type. The transceiver integrates support for in-line powering over Ethernet.
Broadcom(R), the pulse logo and Connecting everything(R) are trademarks of Broadcom Corporation and/or its subsidiaries in the United States and certain other countries. All other trademarks are the property of their respective owners.
(R)
BROADCOM CORPORATION 16215 Alton Parkway, P.O. Box 57013 Irvine, California 92619-7013
(c) 2003 by BROADCOM CORPORATION. All rights reserved. 1115-PB03-RI-06.13.03
Phone: 949-450-8700 FAX: 949-450-8710 Email: info@broadcom.com Web: www.broadcom.com


▲Up To Search▲   

 
Price & Availability of BCM1115

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X