|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
Features * Low-Voltage and Standard-Voltage Operation - 5.0 (VCC = 4.5V to 5.5V) - 2.7 (VCC = 2.7V to 5.5V) - 2.5 (VCC = 2.5V to 5.5V) 3-Wire Serial Interface 2 MHz Clock Rate (5V) Compatibility Self-Timed Write Cycle (10 ms max) High Reliability - Endurance: 1 Million Write Cycles - Data Retention: 100 Years - ESD Protection: > 4,000V Automotive Grade and Extended Temperature Devices Available 8-Pin PDIP, 8-Pin JEDEC SOIC, and 8-Pin TSSOP Packages * * * * * * 3-Wire Serial EEPROM 1K (64 x 16) Description The AT93C46A provides 1024 bits of serial electrically erasable programmable read only memory (EEPROM) organized as 64 words of 16 bits each. The device is optimized for use in many industrial and commercial applications where low power and low voltage operation are essential. The AT93C46A is available in space saving 8-pin PDIP, 8-pin JEDEC, and 8-Pin TSSOP packages. The AT93C46A is enabled through the Chip Select pin (CS), and accessed via a 3wire serial interface consisting of Data Input (DI), Data Output (DO), and Shift Clock (SK). Upon receiving a READ instruction at DI, the address is decoded and the data is clocked out serially on the data output pin DO. The WRITE cycle is completely selftimed and no separate ERASE cycle is required before WRITE. The WRITE cycle is only enabled when the part is in the ERASE/WRITE ENABLE state. When CS is brought "high" following the initiation of a WRITE cycle, the DO pin outputs the READY/BUSY status of the part. AT93C46A Pin Configurations Pin Name CS SK DI DO GND VCC NC DC Function Chip Select Serial Data Clock Serial Data Input Serial Data Output Ground Power Supply No Connect Don't Connect CS SK DI DO CS SK DI DO 8-Pin PDIP 1 2 3 4 8 7 6 5 VCC DC NC GND 3-Wire, 1K Serial E2PROM 8-Pin SOIC 1 2 3 4 8 7 6 5 VCC DC NC GND 8-Pin TSSOP CS SK DI DO 1 2 3 4 8 7 6 5 VCC DC NC GND Rev. 0539C-07/98 1 The AT93C46A is available in 4.5V to 5.5V, 2.7V to 5.5V, and 2.5V to 5.5V versions. Absolute Maximum Ratings* Operating Temperature .................................. -55C to +125C Storage Temperature ..................................... -65C to +150C Voltage on Any Pin with Respect to Ground .....................................-1.0V to +7.0V Maximum Operating Voltage........................................... 6.25V DC Output Current........................................................ 5.0 mA *NOTICE: Stresses beyond those listed under "Absolute Maximum Ratings" may cause permanent damage to the device. This is a stress rating only and functional operation of the device at these or any other conditions beyond those indicated in the operational sections of this specification is not implied. Exposure to absolute maximum rating conditions for extended periods may affect device reliability. Block Diagram Pin Capacitance(1) Applicable over recommended operating range from TA = 25C, f = 1.0 MHz, VCC = +5.0V (unless otherwise noted). Test Conditions COUT CIN Note: Output Capacitance (DO) Input Capacitance (CS, SK, DI) 1. This parameter is characterized and is not 100% tested. Max 5 5 Units pF pF Conditions VOUT = 0V VIN = 0V 2 AT93C46A AT93C46A DC Characteristics Applicable over recommended operating range from: TAI = -40C to +85C, VCC = +2.5V to +5.5V, TAC = 0C to +70C, VCC = +2.5V to +5.5V (unless otherwise noted). Symbol VCC1 VCC2 VCC3 VCC4 ICC Parameter Supply Voltage Supply Voltage Supply Voltage Supply Voltage Supply Current VCC = 5.0V READ at 1.0 MHz WRITE at 1.0 MHz ISB1 ISB2 ISB3 IIL IOL VIL1(1) VIH1(1) VIL2(1) VIH2(1) VOL1 VOH1 VOL2 VOH2 Note: Standby Current Standby Current Standby Current Input Leakage Output Leakage Input Low Voltage Input High Voltage Input Low Voltage Input High Voltage Output Low Voltage Output High Voltage Output Low Voltage Output High Voltage VCC = 2.5V VCC = 2.7V VCC = 5.0V VIN = 0V to VCC VIN = 0V to VCC 4.5V VCC 5.5V 1.8V VCC 2.7V 4.5V VCC 5.5V 1.8V VCC 2.7V IOL = 2.1 mA IOH = -0.4 mA IOL = 0.15 mA IOH = -100 A VCC - 0.2 2.4 0.2 -0.6 2.0 -0.6 VCC x 0.7 CS = 0V CS = 0V CS = 0V Test Condition Min 1.8 2.5 2.7 4.5 0.5 0.5 14.0 14.0 35.0 0.1 0.1 Typ Max 5.5 5.5 5.5 5.5 2.0 2.0 20.0 20.0 50.0 1.0 1.0 0.8 VCC + 1 VCC x 0.3 VCC + 1 0.4 Units V V V V mA mA A A A A A V V V V V V 1. VIL min and VIH max are reference only and are not tested. AC Characteristics Applicable over recommended operating range from TA = -40C to + 85C, VCC = +2.5V to + 5.5V, CL = 1 TTL Gate and 100 pF (unless otherwise noted). Symbol Parameter Test Condition 4.5V VCC 2.7V VCC 2.5V VCC 1.8V VCC 4.5V VCC 2.7V VCC 2.5V VCC 1.8V VCC 4.5V VCC 2.7V VCC 2.5V VCC 1.8V VCC 4.5V VCC 2.7V VCC 2.5V VCC 1.8V VCC 5.5V 5.5V 5.5V 5.5V 5.5V 5.5V 5.5V 5.5V 5.5V 5.5V 5.5V 5.5V 5.5V 5.5V 5.5V 5.5V Min 0 0 0 0 250 250 500 1000 250 250 500 1000 250 250 500 1000 Typ Max 2 1 0.5 0.25 Units fSK SK Clock Frequency MHz tSKH SK High Time ns tSKL SK Low Time ns tCS Minimum CS Low Time ns 3 AC Characteristics (Continued) Applicable over recommended operating range from TA = -40C to + 85C, VCC = +2.5V to + 5.5V, CL = 1 TTL Gate and 100 pF (unless otherwise noted). Symbol Parameter Test Condition 4.5V VCC 2.7V VCC 2.5V VCC 1.8V VCC 4.5V VCC 2.7V VCC 2.5V VCC 1.8V VCC 5.5V 5.5V 5.5V 5.5V 5.5V 5.5V 5.5V 5.5V Min 50 50 100 200 100 100 200 400 0 4.5V VCC 2.7V VCC 2.5V VCC 1.8V VCC 4.5V VCC 2.7V VCC 2.5V VCC 1.8V VCC 4.5V VCC 2.7V VCC 2.5V VCC 1.8V VCC 4.5V VCC 2.7V VCC 2.5V VCC 1.8V VCC 4.5V VCC 2.7V VCC 2.5V VCC 1.8V VCC 5.5V 5.5V 5.5V 5.5V 5.5V 5.5V 5.5V 5.5V 5.5V 5.5V 5.5V 5.5V 5.5V 5.5V 5.5V 5.5V 5.5V 5.5V 5.5V 5.5V 0.1 tWP Endurance(1) Write Cycle Time 4.5V VCC 5.5V 1M 1 100 100 200 400 250 250 500 1000 250 250 500 1000 250 250 500 1000 100 100 200 400 10 Typ Max Units tCSS CS Setup Time Relative to SK ns tDIS DI Setup Time Relative to SK ns tCSH CS Hold Time Relative to SK ns tDIH DI Hold Time Relative to SK ns tPD1 Output Delay to `1' AC Test ns tPD0 Output Delay to `0' AC Test ns tSV CS to Status Valid AC Test ns tDF CS to DO in High Impedance AC Test CS = VIL ns ms ms Write Cycle 5.0V, 25C, Page Mode Note: 1. This parameter is characterized and is not 100% tested. Instruction Set for the AT93C46A Address Instruction READ EWEN ERASE WRITE ERAL WRAL EWDS SB 1 1 1 1 1 1 1 Op Code 10 00 11 01 00 00 00 x 16 A5 - A0 11XXXX A5 - A0 A5 - A0 10XXXX 01XXXX 00XXXX Comments Reads data stored in memory, at specified address. Write enable must precede all programming modes. Erase memory location An - A0. Writes memory location An - A0. Erases all memory locations. Valid only at VCC = 4.5V to 5.5V. Writes all memory locations. Valid only at VCC = 4.5V to 5.5V. Disables all programming instructions. 4 AT93C46A AT93C46A Functional Description The AT93C46A is accessed via a simple and versatile three-wire serial communication interface. Device operation is controlled by seven instructions issued by the host processor. A valid instruction starts with a rising edge of CS and consists of a Start Bit (logic `1') followed by the appropriate Op Code and the desired memory Address location. READ (READ): The Read (READ) instruction contains the Address code for the memory location to be read. After the instruction and address are decoded, data from the selected memory location is available at the serial output pin DO. Output data changes are synchronized with the rising edges of serial clock SK. It should be noted that a dummy bit (logic `0') precedes the 16-bit data output string. ERASE/WRITE (EWEN): To assure data integrity, the part automatically goes into the Erase/Write Disable (EWDS) state when power is first applied. An Erase/Write Enable (EWEN) instruction must be executed first before any programming instructions can be carried out. Please note that once in the Erase/Write Enable state, programming remains enabled until an Erase/Write Disable (EWDS) instruction is executed or VCC power is removed from the part. ERASE (ERASE): The Erase (ERASE) instruction programs all bits in the specified memory location to the logical `1' state. The self-timed erase cycle starts once the ERASE instruction and address are decoded. The DO pin outputs the READY/BUSY status of the part if CS is brought high after being kept low for a minimum of 250 ns (tCS). A logic `1' at pin DO indicates that the selected memory location has been erased, and the part is ready for another instruction. WRITE (WRITE): The Write (WRITE) instruction contains the 16 bits of data to be written into the specified memory location. The self-timed programming cycle, tWP, starts after the last bit of data is received at serial data input pin DI. The DO pin outputs the READY/BUSY status of the part if CS is brought high after being kept low for a minimum of 250 ns (tCS). A logic `0' at DO indicates that programming is still in progress. A logic `1' indicates that the memory location at the specified address has been written with the data pattern contained in the instruction and the part is ready for further instructions. A READY/BUSY status cannot be obtained if the CS is brought high after the end of the self-timed programming cycle, tWP. ERASE ALL (ERAL): The Erase All (ERAL) instruction programs every bit in the memory array to the logic `1' state and is primarily used for testing purposes. The DO pin outputs the READY/BUSY status of the part if CS is brought high after being kept low for a minimum of 250 ns (tCS). The ERAL instruction is valid only at VCC = 5.0V 10%. WRITE ALL (WRAL): The Write All (WRAL) instruction programs all memory locations with the data patterns specified in the instruction. The DO pin outputs the READY/BUSY status of the part if CS is brought high after being kept low for a minimum of 250 ns (tCS). The WRAL instruction is valid only at VCC = 5.0V 10%. ERASE/WRITE DISABLE (EWDS): To protect against accidental data disturb, the Erase/Write Disable (EWDS) instruction disables all programming modes and should be executed after all programming operations. The operation of the READ instruction is independent of both the EWEN and EWDS instructions and can be executed at any time. 5 Timing Diagrams Synchronous Data Timing Note: 1. This is the minimum SK period. 6 AT93C46A AT93C46A Organization Key for Timing Diagrams AT93C46A I/O AN DN x 16 A5 D15 READ Timing SK tCS CS DI 11 0 AN A0 DO 0 DN D0 EWEN Timing(1) SK tCS CS DI 1 00 1 1 Note: 1. Requires a minimum of nine clock cycles. EWDS Timing(1) SK tCS CS DI 1 0 0 0 0 Note: 1. Requires a minimum of nine clock cycles. 7 WRITE Timing CS tCS SK DI 1 0 1 AN A0 DN D0 DO HIGH IMPEDANCE BUSY tWP READY WRAL Timing(1)(2) CS tCS SK DI 1 0 0 0 1 DN D0 BUSY READY tWP DO HIGH IMPEDANCE Notes: 1. 2. Valid only at VCC = 4.5V to 5.5V. Requires a minimum of nine clock cycles. 8 AT93C46A AT93C46A ERASE Timing CS SK DI DO TERAL Timing(1) tWP Note: 1. Valid only at VCC = 4.5V to 5.5V. 9 Ordering Information tWP (max) (ms) 10 ICC (max) (A) 2000 ISB (max) (A) 50.0 fMAX (kHz) 2000 Ordering Code AT93C46A-10PC AT93C46A-10SC AT93C46A-10TC AT93C46A-10PI AT93C46A-10SI AT93C46A-10TI AT93C46A-10PC-2.7 AT93C46A-10SC-2.7 AT93C46A-10TC-2.7 AT93C46A-10PI-2.7 AT93C46A-10SI-2.7 AT93C46A-10TI-2.7 AT93C46A-10PC-2.5 AT93C46A-10SC-2.5 AT93C46A-10TC-2.5 AT93C46A-10PI-2.5 AT93C46A-10SI-2.5 AT93C46A-10TI-2.5 Package 8P3 8S1 8T 8P3 8S1 8T 8P3 8S1 8T 8P3 8S1 8T 8P3 8S1 8T 8P3 8S1 8T Operation Range Commercial (0C to 70C) Industrial (-40C to 85C) Commercial (0C to 70C) Industrial (-40C to 85C) Commercial (0C to 70C) Industrial (-40C to 85C) 10 2000 50.0 2000 10 800 20.0 1000 10 800 20.0 1000 10 600 20.0 500 10 600 20.0 500 Package Type 8P3 8S1 8T 8-Lead, 0.300" Wide, Plastic Dual Inline Package (PDIP) 8-Lead, 0.150" Wide, Plastic Gull Wing Small Outline (JEDEC SOIC) 8-Lead, 0.170" Wide, Thin Small Outline Package (TSSOP) Options Blank -2.7 -2.5 -1.8 Standard Device (4.5V to 5.5V) Low Voltage (2.7V to 5.5V) Low Voltage (2.5V to 5.5V) Low Voltage (1.8V to 5.5V) 10 AT93C46A AT93C46A Packaging Information 8P3, 8-Lead, 0.300" Wide, Plastic Dual Inline Package (PDIP)Dimensions in Inches and (Millimeters) JEDEC STANDARD MS-001 BA 8S1, 8-Lead, 0.150" Wide, Plastic Gull Wing Small Outline (JEDEC SOIC) Dimensions in Inches and (Millimeters) .400 (10.16) .355 (9.02) PIN 1 .280 (7.11) .240 (6.10) .037 (.940) .027 (.690) .020 (.508) .013 (.330) PIN 1 .157 (3.99) .150 (3.81) .244 (6.20) .228 (5.79) .300 (7.62) REF .050 (1.27) BSC .210 (5.33) MAX SEATING PLANE .150 (3.81) .115 (2.92) .070 (1.78) .045 (1.14) .015 (.380) MIN .022 (.559) .014 (.356) .100 (2.54) BSC .196 (4.98) .189 (4.80) .068 (1.73) .053 (1.35) .325 (8.26) .300 (7.62) .012 (.305) .008 (.203) 0 REF 15 .430 (10.9) MAX .010 (.254) .004 (.102) 0 REF 8 .050 (1.27) .016 (.406) .010 (.254) .007 (.203) 8T, 8-Lead, 0.170" Wide, Thin Small Outline Package (TSSOP) Dimensions in Millimeters and (Inches)* PIN 1 6.50 (.256) 6.25 (.246) 0.30 (.012) 0.19 (.008) 1.05 (.041) 0.80 (.033) 3.10 (.122) 2.90 (.114) 1.20 (.047) MAX .65 (.026) BSC 0.15 (.006) 0.05 (.002) 4.5 (.177) 4.3 (.169) 0.20 (.008) 0.09 (.004) 0.75 (.030) 0.45 (.018) 0 REF 8 11 |
Price & Availability of AT93C46A |