Part Number Hot Search : 
MC3379 39421 TP2502 2SK22 470MM SAA7173 016CU UTC514
Product Description
Full Text Search
 

To Download ADS944 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 (R)
(R)
ADS-944
14-Bit, 5MHz Sampling A/D Converters
FEATURES
* * * * * * * * * 14-bit resolution 5MHz minimum sampling rate No missing codes over full military temperature range Edge-triggered, no pipeline delay Low power, 2.95 Watts Small, 32-pin, ceramic TDIP package SMT package available Excellent dynamic performance MIL-STD-883 screening or DESC SMD available
INPUT/OUTPUT CONNECTIONS GENERAL DESCRIPTION
The low-cost ADS-944 is a high-performance, 14-bit, 5MHz sampling A/D converter. This device accurately samples fullscale input signals up to Nyquist frequencies with no missing codes. The dynamic performance of the ADS-944 has been optimized to achieve a THD of -77dB and a SNR of 76dB. Packaged in a small, 32-pin TDIP, the functionally complete ADS-944 contains a fast-settling sample-hold amplifier, a subranging (two-pass) A/D converter, an internal reference, timing and control logic, three-state outputs, and errorcorrection circuitry. Digital input and output levels are TTL. Requiring 15V, +5V and -5.2V supplies, the ADS-944 typically dissipates 2.95 Watts. The unit is offered with a bipolar input range of 1.25V. Models are available for use in either commercial (0 to +70C) or military (-55 to +125C) operating temperature ranges. Typical applications include radar signal analysis, medical/graphic imaging, and FFT spectrum analysis.
PIN 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 FUNCTION +5V ANALOG SUPPLY -5.2V DIGITAL SUPPLY ANALOG INPUT ANALOG GROUND OFFSET ADJUST ANALOG GROUND GAIN ADJUST COMP. BITS OUTPUT ENABLE +5V DIGITAL SUPPLY ANALOG GROUND +15V SUPPLY -15V SUPPLY -5.2V ANALOG SUPPLY DIGITAL GROUND EOC PIN 32 31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 FUNCTION START CONVERT BIT 1 (MSB) BIT 1 (MSB) BIT 2 BIT 3 BIT 4 BIT 5 BIT 6 BIT 7 BIT 8 BIT 9 BIT 10 BIT 11 BIT 12 BIT 13 BIT 14 (LSB)
BUFFER ANALOG INPUT 3 - S/H + FLASH ADC 1
31 BIT 1 (MSB) 30 BIT 1 (MSB) 29 BIT 2 DIGITAL CORRECTION LOGIC 3-STATE OUTPUT REGISTER 28 BIT 3 27 BIT 4 26 BIT 5 25 BIT 6 24 BIT 7 23 BIT 8 22 BIT 9 21 BIT 10 20 BIT 11 19 BIT 12 18 BIT 13 17 BIT 14 (LSB)
GAIN ADJUST 7
GAIN CIRCUIT
REF
DAC
OFFSET ADJUST 5
OFFSET CIRCUIT
AMP
FLASH ADC 2
START CONVERT 32 EOC 16
TIMING AND CONTROL LOGIC
9 OUTPUT ENABLE
1 +5V ANALOG SUPPLY
2 -5.2V DIGITAL SUPPLY
4, 6, 11 ANALOG GROUND
10 +5V DIGITAL SUPPLY
12 +15V SUPPLY
14 -5.2V ANALOG SUPPLY
15 DIGITAL GROUND
8 COMP. BITS
Figure 1. ADS-944 Functional Block Diagram
DATEL, Inc., 11 Cabot Boulevard, Mansfield, MA 02048-1151 (U.S.A.) * Tel: (508) 339-3000 Fax: (508) 339-6356 * For immediate assistance: (800) 233-2765
(R)
(R)
ADS-944
ABSOLUTE MAXIMUM RATINGS
PARAMETERS +15V Supply (Pins 12) -15V Supply (Pin 13) +5V Supply (Pins 1, 10) -5V Supply (Pin 2, 14) Digital Input (Pin 8, 9, 32) Analog Input (Pin 3) Lead Temperature (10 seconds) LIMITS 0 to +16 0 to -16 0 to +6 0 to -6 -0.3 to +VDD +0.3 -5 to +5 +300 UNITS Volts Volts Volts Volts Volts Volts C
PHYSICAL/ENVIRONMENTAL
PARAMETERS Operating Temp. Range, Case ADS-944MC ADS-944MM/883 Thermal Impedance jc ca Storage Temperature Range Package Type Weight MIN. 0 -55 -- -- -65 TYP. -- -- 7 21 -- MAX. +70 +125 -- -- +150 UNITS C C C/Watt C/Watt C
32-pin, metal-sealed, ceramic TDIP or SMT 0.46 ounces (13 grams)
FUNCTIONAL SPECIFICATIONS
(TA = +25C, VCC = 15V, +VDD = +5V,Vdd = -5.2V, 5MHz sampling rate, and a minimum 3 minute warmup unless otherwise specified.) +25C ANALOG INPUT Input Voltage Range Input Resistance Input Capacitance DIGITAL INPUT Logic Levels Logic "1" Logic "0" Logic Loading "1" Logic Loading "0" Start Convert Positive Pulse Width STATIC PERFORMANCE Resolution Integral Nonlinearity (fin = 10kHz) Differential Nonlinearity (fin = 10kHz) Full Scale Absolute Accuracy Bipolar Zero Error (Tech Note 2) Bipolar Offset Error (Tech Note 2) Gain Error (Tech Note 2) No Missing Codes (fin = 10kHz) DYNAMIC PERFORMANCE Peak Harmonics (-0.5dB) dc to 100kHz 100kHz to 1MHz 1MHz to 2.5MHz Total Harmonic Distortion (-0.5dB) dc to 100kHz 100kHz to 1MHz 1MHz to 2.5MHz Signal-to-Noise Ratio (w/o distortion, -0.5dB) dc to 100kHz 100kHz to 1MHz 1MHz to 2.5MHz Signal-to-Noise Ratio (& distortion, -0.5dB) dc to 100kHz 100kHz to 1MHz 1MHz to 2.5MHz Noise Two-tone Intermodulation Distortion (fin = 2.45MHz, 1.975MHz, fs = 5MHz, -0.5dB) Input Bandwidth (-3dB) Small Signal (-20dB input) Large Signal (-0.5dB input) Feedthrough Rejection (fin = 2.5MHz) Slew Rate Aperture Delay Time Aperture Uncertainty -- -- -- -- -- -- 73 73 73 71 70 68 -- -- -- -- -- -- -- -- -85 -78 -75 -82 -77 -73 76 76 75 75 73 71 135 -82 20 13 90 110 +10 3 -77 -71 -70 -76 -70 -68 -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- 73 73 73 71 69 66 -- -- -- -- -- -- -- -- -85 -78 -75 -82 -77 -73 76 76 75 75 73 71 135 -82 20 13 90 110 +10 3 -75 -70 -68 -74 -70 -65 -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- 71 71 71 68 65 62 -- -- -- -- -- -- -- -- -81 -75 -71 -78 -73 -70 75 75 75 73 71 69 135 -82 20 13 90 110 +10 3 -71 -67 -61 -70 -65 -60 -- -- -- -- -- -- -- -- -- -- -- -- -- -- dB dB dB dB dB dB dB dB dB dB dB dB Vrms dB MHz MHz dB V/s ns ps rms -- -- -0.95 -- -- -- -- 14 14 0.75 0.5 0.15 0.1 0.2 0.2 -- -- -- +1.2 0.4 0.3 0.4 0.4 -- -- -- -0.95 -- -- -- -- 14 14 0.75 0.5 0.15 0.1 0.2 0.2 -- -- -- +1.2 0.4 0.3 0.4 0.4 -- -- -- -0.95 -- -- -- -- 14 14 1.0 0.5 0.4 0.3 0.3 0.4 -- -- -- +1.5 0.8 0.6 0.9 1.5 -- Bits LSB LSB %FSR %FSR %FSR % Bits +2.0 -- -- -- 40 -- -- -- -- 80 -- +0.8 +20 -20 -- +2.0 -- -- -- 40 -- -- -- -- 80 -- +0.8 +20 -20 -- +2.0 -- -- -- 40 -- -- -- -- 80 -- +0.8 +20 -20 -- Volts Volts A A ns MIN. -- 500 -- TYP. 1.25 550 6 MAX. -- -- 15 MIN. -- 500 -- 0 to +70C TYP. 1.25 550 6 MAX. -- -- 15 MIN. -- 500 -- -55 to +125C TYP. 1.25 550 6 MAX. -- -- 15 UNITS Volts pF
2
(R)
(R)
ADS-944
+25C DYNAMIC PERFORMANCE cont. S/H Acquisition Time ( to 0.003%FSR, 2.5V step) Overvoltage Recovery Time A/D Conversion Rate DIGITAL OUTPUTS Logic Levels Logic "1" Logic "0" Logic Loading "1" Logic Loading "0" Delay, Edge of ENABLE to Output Data Valid/Invalid Output Coding POWER REQUIREMENTS Power Supply Ranges +15V Supply -15V Supply +5V Supply -5V Supply Power Supply Currents +15V Supply -15V Supply +5V Supply -5.2V Supply Power Dissipation Power Supply Rejection +14.25 -14.25 +4.75 -4.95 -- -- -- -- -- -- +15.0 -15.0 +5.0 -5.2 +36 -55 +155 -167 2.95 -- +15.75 -15.75 +5.25 -5.45 +45 -65 +168 -175 3.3 0.05 +14.25 -14.25 +4.75 -4.95 -- -- -- -- -- -- +15.0 -15.0 +5.0 -5.2 +36 -55 +155 -167 2.95 -- +15.75 -15.75 +5.25 -5.45 +45 -65 +168 -175 3.3 0.05 +14.25 -14.25 +4.9 -5.1 -- -- -- -- -- -- +15.0 -15.0 +5.0 -5.2 +36 -55 +155 -167 2.95 -- +15.75 -15.75 +5.25 -5.45 +45 -65 +168 -175 3.3 0.05 Volts Volts Volts Volts mA mA mA mA Watts %FSR/%V +2.4 -- -- -- -- -- -- -- -- -- -- +0.4 -4 +4 +2.4 -- -- -- -- -- -- -- -- +0.4 -4 +4 +2.4 -- -- -- -- -- -- -- -- +0.4 -4 +4 10 Volts Volts mA mA ns MIN. -- -- 5 TYP. 85 200 -- MAX. 90 -- -- MIN. -- -- 5 0 to +70C TYP. 85 200 -- MAX. 90 -- -- MIN. -- -- 5 -55 to +125C TYP. 85 200 -- MAX. 90 -- -- UNITS ns ns MHz
10 -- -- 10 -- -- Offset Binary, Complementary Offset Binary, Two's Complement
Footnotes:
All power supplies should be on before applying a start convert pulse. All supplies and the clock (start convert pulses) must be present during warmup periods. The device must be continuously converting during this time. When COMP. BITS (pin 8) is low, logic loading "0" will be -350A for this pin. An 80ns wide start convert pulse is used for all production testing. The start convert pulse should be between 40 - 80ns or 130 - 160ns to ensure proper operations. The latter range could be used for those applications requiring less than a 5MHz sampling rate. Effective bits is equal to:
(SNR + Distortion) - 1.76 + 20 log 6.02
This is the time required before the A/D output is valid after the analog input is back within its range. The minimum supply voltages of +4.9V and -5.1V for VDD are required for -55C operations only. The minimum limits are +4.75V and -4.95V when operating at +125C. Typical +5V and -5.2V current drain breakdowns are as follows: +5VAnalog = +85mA +5VDigital = +70mA +5VTotal = +155mA -5.2VAnalog = -114mA -5.2VDigital = -53mA -5.2VTotal = -167mA
Full Scale Amplitude Actual Input Amplitude
TECHNICAL NOTES
1. Obtaining fully specified performance from the ADS-944 requires careful attention to pc-card layout and power supply decoupling. The device's analog and digital ground systems are not connected to each other internally. For optimal performance, tie all ground pins (4, 6, 11, and 15) directly to a large analog ground plane beneath the package. Bypass all power supplies to ground with 4.7F tantalum capacitors in parallel with 0.1F ceramic capacitors. It is very important that the bypass capacitors be located as close to the unit as possible. Inductors or ferrite beads can also be used to improve the power supply filtering. Refer to Figure 4, the ADS-944 Evaluation Board Schematic, for more details. 2. The ADS-944 achieves its specified accuracies without the need for external calibration. If required, the device's small initial offset and gain errors can be reduced to zero using the adjustment circuitry shown in Figure 2. When using this circuitry, or any similar offset and gain-calibration hardware, make adjustments following warmup. To avoid interaction, always adjust offset before gain. 3. Pin 8 (COMP. BITS) selects the ADS-944's digital output coding. When a logic "1" is applied to pin 8, the output coding is complementary offset binary. When pin 8 has a logic "0" applied, the output coding becomes offset binary. The MSB output (pin 31) may be used under these conditions to achieve two's complement coding. Pin 8 is TTLcompatible and can be driven with digital logic for those who want dynamic control of its function. There is an internal pull-up resistor on this pin, allowing pin 8 to be either connected to +5V or left open when a logic "1" is needed. 4. To enable the three-state outputs, apply a logic "0" (low) to OUTPUT ENABLE (pin 9). To disable, apply a logic "1" (high) to pin 9.
3
(R)
(R)
ADS-944
TECHNICAL NOTES CONT.
5. Applying a start convert pulse while a conversion is in progress (EOC = logic "1") initiates a new and inaccurate conversion cycle. Data for the interrupted and subsequent conversions will be invalid. 6. A passive bandpass filter is used at the input of the A/D for all production testing. 7. Though the ADS-944's digital outputs are capable of driving multiple LSTTL or HCT loads, we recommend the output bits and the EOC line each drive only a single gate. These gates should be located as close to the unit as possible. If they can not, 33 resistors placed in series with each output can aid in isolating pc run inductances. The ADS-944 digital outputs should not be connected directly to noisy digital busses. 8. Do not enable/disable or complement the output bits during the conversion process (from the falling edge of START CONVERT to the falling edge of EOC). For the ADS-944, offset adjusting is normally accomplished at the point where the MSB is a 1 and all other output bits are 0's and the LSB just changes from a 0 to a 1. This digital output transition ideally occurs when the applied analog input is +1/2 LSB (+76.3V). Gain adjusting is accomplished when all bits are 1's and the LSB just changes from a 1 to a 0. This transition ideally occurs when the analog input is at +full scale minus 11/2 LSB's (+1.249771) . Note: Due to inherent system noise, the averaging of several conversions may be needed to accurately adjust both offset and gain to 1LSB of accuracy. Zero/Offset Adjust Procedure 1. Apply a train of pulses to the START CONVERT input (pin 32) so the converter is continuously converting. 2. Apply +76.3V to the ANALOG INPUT (pin 3). 3. Adjust the offset potentiometer until the output bits are 10 0000 0000 0000 and the LSB flickers between 0 and 1 with pin 8 tied low (offset binary) or between 01 1111 1111 1111 and 01 1111 1111 1110 with pin 8 tied high (complementary offset binary). 4. Two's complement coding requires using BIT 1 (MSB) (pin 31). With pin 8 tied low, adjust the trimpot until the code flickers between 00 0000 0000 0000 and 00 0000 0000 0001. Gain Adjust Procedure 1. Apply +1.249771V to the ANALOG INPUT (pin 3). 2. Adjust the gain potentiometer until all output bits are 1's and the LSB flickers between 1 and 0 with pin 8 tied low (offset binary) or until all bits are 0's and the LSB flickers between 1 and 0 with pin 8 tied high (complementary offset binary). 3. Two's complement coding requires using pin 31. With pin 8 tied low, adjust the gain trimpot until the output code flickers equally between 01 1111 1111 1110 and 01 1111 1111 1111. 4. To confirm proper operation of the device, vary the applied input voltage to obtain the output coding listed in Table 1.
31 BIT 1 (MSB) + +5V 4.7F + 10 DIGITAL SUPPLY 0.1F 15 2 DIGITAL SUPPLY 1 ANALOG SUPPLY 0.1F + 4, 6 ANALOG 14 SUPPLY 12 0.1F + 11 START CONVERT 32 COMP. BITS +15V 20k -15V 0.1F OFFSET 5 ADJUST GAIN ADJUST 7 0.1F -15V 2 +15V 20k 30 BIT 1 (MSB) 29 BIT 2 28 BIT 3 27 BIT 4 26 BIT 5 25 BIT 6 24 BIT 7 23 BIT 8 22 BIT 9 21 BIT 10 20 BIT 11 19 BIT 12
CALIBRATION PROCEDURE
(Refer to Figure 2 and Table 1) Note: Connect pin 5 to ANALOG GROUND (pin 6) for operation without zero/offset adjustment. Connect pin 7 to ANALOG GROUND (pin 6) for operation without gain adjustment. Any offset and/or gain calibration procedures should not be implemented until devices are fully warmed up. To avoid interaction, offset must be adjusted before gain. The ranges of adjustment for the circuit in Figure 2 are guaranteed to compensate for the ADS-944's initial accuracy errors and may not be able to compensate for additional system errors. A/D converters are calibrated by positioning their digital outputs exactly on the transition point between two adjacent digital output codes. This can be accomplished by connecting LED's to the digital outputs and adjusting until certain LED's "flicker" equally between on and off. Other approaches employ digital comparators or microcontrollers to detect when the outputs change from one code to the next.
4.7F -5.2V
0.1F
4.7F
4.7F -5.2V
+ 0.1F
+5V
ADS-944
4.7F
+
+15V
18 BIT 13 17 BIT 14 (LSB) 7 OVERFLOW 16 EOC 9 OUTPUT ENABLE 3 ANALOG INPUT
Figure 2. ADS-944 Connection Diagram
4.7F -15V 13
4
(R)
(R)
ADS-944
Table 1. Output Coding OUTPUT CODING MSB LSB MSB 00 0000 0000 0000 00 1111 1111 1111 00 1111 1111 1111 01 1111 1111 1111 10 1111 1111 1111 11 0111 1111 1111 11 1111 1111 1110 11 1111 1111 1111 COMP. OFF. BIN. INPUT RANGE 1.25V +1.249847 +0.937500 +0.625000 0.000000 -0.625000 -0.937500 -1.249847 -1.250000 BIPOLAR SCALE +FS -1 LSB +3/4 FS +1/2FS 0 -1/2FS -3/4FS -FS +1 LSB -FS
MSB
LSB
LSB
11 1111 1111 1111 11 1000 0000 0000 11 0000 0000 0000 10 0000 0000 0000 01 0000 0000 0000 00 1000 0000 0000 00 0000 0000 0001 00 0000 0000 0000 OFF. BINARY
01 1111 1111 1111 01 1000 0000 0000 01 0000 0000 0000 00 0000 0000 0000 11 0000 0000 0000 10 1000 0000 0000 10 0000 0000 0001 10 0000 0000 0000 TWO'S COMP.
TIMING
The ADS-944 is an edge-triggered device. A conversion is initiated by the rising edge of the start convert pulse and no additional external timing signals are required. The device does not employ "pipeline" delays to increase its throughput rate. It does not require multiple start convert pulses to bring valid digital data to its output pins. Approximately 10ns after the rising edge of the start convert signal, the ADS-944's internal sample-hold amplifier is driven into the hold mode by the internal S/H control line. After a 35ns delay to allow for S/H output transient settling, the conversion process begins, and the EOC line (pin 16) is driven high. The complete A/D conversion requires approximately 150ns. The falling of EOC signals that the conversion is now complete and digital output data is now valid. This device actually guarantees that digital output data will be valid for 10ns prior to the falling edge of EOC. Therefore, EOC can be used to latch data into external registers that have appropriate setup times. Any other available timing edges, including a delayed EOC or the rising edge of the next EOC pulse, can also be used for this purpose. The falling edge of the start convert pulse, though irrelevant to device timing, can cause conversion errors if it occurs at certain times. Therefore, the recommended start convert pulse width is between 40 and 80ns or between 130 and 160ns. DATEL performs ADS-944 production testing at the full 5MHz sampling rate using 80ns start convert pulses.
START CONVERT N 80ns typ.
THERMAL REQUIREMENTS
All DATEL sampling A/D converters are fully characterized and specified over operating temperature (case) ranges of 0 to +70C and -55 to +125C. All room-temperature (TA = +25C) production testing is performed without the use of heat sinks or forced-air cooling. Thermal impedance figures for each device are listed in their respective specification tables. These devices do not normally require heat sinks, however, standard precautionary design and layout procedures should be used to ensure devices do not overheat. The ground and power planes beneath the package, as well as all pcb signal runs to and from the device, should be as heavy as possible to help conduct heat away from the package. Electrically-insulating, thermally-conductive "pads" may be installed underneath the package. Devices should be soldered to boards rather than "socketed", and of course, minimal air flow over the surface can greatly help reduce the package temperature. In more severe ambient conditions, the package/junction temperature of a given device can be reduced dramatically (typically 35%) by using one of DATEL's HS Series heat sinks. See Ordering Information for the assigned part number. See page 1-183 of the DATEL Data Acquisition Components Catalog for more information on the HS Series. Request DATEL Application Note AN-8, "Heat Sinks for DIP Data Converters", or contact DATEL directly, for additional information.
N+1
10ns typ. INTERNAL S/H 115ns typ. Hold
Acquisition Time 90ns max. Hold 60ns typ., 10ns
35ns typ. Conversion Time EOC 150ns typ., 160ns max.
50ns typ., 60ns max. OUTPUT DATA DATA (N-1) VALID
INVALID DATA
140ns min., 150ns typ. DATA N VALID
Note: Scale is approximately 10ns per division. START CONVERT pulse width: 40 to 80ns or 130 to 160ns.
Figure 3. ADS-944 Timing Diagram
5
(R)
(R)
ADS-944
PH vs. Input Frequency
90 80 70 90 80 70 60
THD vs. Input Frequency
Peak Harmonic (-dB)
60 50 40 30 20 10 0 1 10 100 1000 10000
THD (-dB)
50 40 30 20 10 0 1 10 100 1000 10000
Frequency (kHz)
Frequency (kHz)
SNR vs. Input Frequency
80 70 60 80 70 60
SNR+D vs. Input Frequency
SNR (dB)
50 40 30 20 10 0 1 10 100 1000 10000
SNR+D (dB)
50 40 30 20 10 0 1 10 100 1000 10000
Frequency (kHz)
Frequency (kHz)
Figure 4. Typical ADS-944 Dynamic Performance vs. Input Frequency at +25C
+0.33
0 -10 Amplitude Relative to Full Scale (dB) -20 -30 -40 -50 -60 -70 -80 -90 -100 -110 -120 -130 -140 0 250 kHz 500 kHz 750 kHz 1 MHz 1.25 MHz 1.5 MHz 1.75 MHz 2.0 MHz 2.25 MHz 2.5 MHz
DNL (LSB's)
0
Number of Occurences
-0.55 0
Digital Output Code
16,384
Frequency (fin = 2.45MHz, fs = 5MHz, Vin = -0.5dB, 16,384 points)
0
Digital Output Code
16,384
Figure 5. ADS-944 FFT
Figure 6. ADS-944 Histogram and Differential Nonlinearity
6
(R)
OPTION +15V +5VA
SG5
SG6
R3 OPTION 4 - U4 5 + 6 +5VF +5VF C17 0.1MFD CLC402 HI2541 OPTION +5VF C24 0.1MFD 10 11 P3 START CONV.
C18 0.1MFD OPTION
P4
(R)
ANALOG IN
ANA. IN
SG7 SG8 SG9 14 -5VA -15V X1 5MHZ 7 1 3 U5 74HCT86 2.2MFD 2 15PF + C22 8 +5VF
C19 0.1MFD OPTION
L1
20MHY
+
+
C1 2.2MFD +15V 3 OFFSET 2 -15V SG4 +15V +5V +5VA U1 ADS-944 20K START CONV. R1 1 C27 0.1MFD
C8 0.01MFD C28 2.2MFD
C25 + U6 HCT7474 14 2.2MFD 4 PR +5V JPR3 2 5 Q D 1 3 3 6 2 CK Q 1 CLR R4 7 GND 3.2K C26
L2
20MHY C9 0.01MFD -5V +5V ANA. IN C21 0.1MFD C23 + 2.2MFD
+
C2 2.2MFD
L3
20 2 19 1D +5V Q1 3 18 2D Q2 17 4 3D Q3 5 16 4D Q4 6 15 U3 5D Q5 14 7 74HCT 6D 573 Q6 8 13 7D Q7 9 12 Q8 8D 11 1 LE OE GND 10 +5VF
20MHY C10 0.01MFD +15V 3 COMP 1 GAIN 2 -15V JPR1 20K 32 R2 1
+
C3 2.2MFD
L4
+
+
+
SG3
+
7
C11 -5VA 0.01MFD C20 0.1MFD -5V -15V C12 0.01MFD -15V +15V -5VA C13 0.01MFD +5VA 9 10 U5 8 74HCT86 C14 0.01MFD
C16 0.1MFD
20MHY
C4 2.2MFD
1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 +5VA -5V AIN GNDA OFF GNDA GAIN COMP ENA +5V GNDA +15V -15V -5VA GNDD EOC ST BIT1 BIT1 BIT2 BIT3 BIT4 BIT5 BIT6 BIT7 BIT8 BIT9 BIT10 BIT11 BIT12 BIT13 BIT14
32 31 30 29 28 27 26 25 24 23 22 21 20 19 18 17
(MSB) B1 (MSB) B1 B2 B3 B4 B5 B6 B7 B8 B9 B10 B11 B12 B13 (LSB) B14 JPR4 1 2 3
34 32 30 28 26 24 22 20 18 16 14 12 10 8 6 4 2 P1
33 31 29 27 25 23 21 19 17 15 13 11 9 7 5 3 1
L5
20MHY
26 24 22 20 18 16 14 12 10 8 6 4 2
25 23 21 19 17 15 13 11 9 7 5 3 1
C5 2.2MFD
20 2 1D +5V Q1 3 2D Q2 4 3D Q3 5 4D Q4 6 U2 5D Q5 7 74HCT 6D 573 Q6 8 7D Q7 9 Q8 8D 11 LE OE GND 10
19 18 17 16 15 14 13 12 1
P2
L6
20MHY
C6 2.2MFD
SG1
L7
SG2
20MHY
C7 2.2MFD
SG10
NOTES:
1. UNLESS OTHERWISE SPECIFIED ALL CAPACITORS ARE 50V. C1 - C6 ARE 20V. ALL RESISTORS ARE IN OHMS.
2. CLOSE SG1-SG3, SG9, SG10.
ADS-944
Figure 7. ADS-944 Evaluation Board Schematic
(R)
(R)
ADS-944
MECHANICAL DIMENSIONS INCHES (mm)
1.72 MAX. (43.69)
32
17
Dimension Tolerances (unless otherwise indicated): 2 place decimal (.XX) 0.010 (0.254) 3 place decimal (.XXX) 0.005 (0.127) Lead Material: Kovar alloy
1.11 MAX. (28.19)
Lead Finish: 50 microinches (minimum) gold plating over 100 microinches (nominal) nickel plating
1
16
0.235 MAX. (5.969)
0.100 TYP. (2.540) 1.500 (38.100) 0.200 MAX. (5.080)
0.010 -0.001 (0.254) 0.190 MAX. (4.826) 0.018 0.002 (0.457) 0.100 (2.540) 0.040 (1.016) SEATING PLANE 0.025 (0.635)
+0.002
0.900 0.010 (22.860)
0.100 (2.540)
9000
8000
The histogram in Figure 8 represents the typical peak-to-peak noise (including quantization noise) associated with the ADS-944. 16.384 conversions were processed with the input to the ADS-944 tied to analog ground.
7000
ORDERING INFORMATION
6000
Occurences
MODEL NUMBER 5000 ADS-944MC ADS-944MM ADS-944/883
OPERATING TEMP. RANGE 0 to +70C -55 to +125C -55 to +125C
4000
3000
Contact DATEL for availability of surface-mount (J-lead) packaging or for MIL-STD-883 or DESC SMD product specifications. ACCESSORIES
2000
ADS-B944 HS-32
Evaluation Board (without ADS-944) Heat sink for ADS-944 DDIP models
1000
0 Digital Output Code Figure 8. ADS-944 Grounded Input Histogram
Receptacles for PC board mounting can be ordered through AMP Inc., Part # 3-331272-8 (Component Lead Socket), 24 required.
ISO 9001
R E G I S T E R E D
DS-0240B
6/97
DATEL, Inc. 11 Cabot Boulevard, Mansfield, MA 02048-1151 Tel: (508) 339-3000 (800) 233-2765 Fax: (508) 339-6356 Internet: www.datel.com E-mail:sales@datel.com Data Sheet Fax Back: (508) 261-2857
DATEL (UK) LTD. Tadley, England Tel: (01256)-880444 DATEL S.A.R.L. Montigny Le Bretonneux, France Tel: 1-34-60-01-01 DATEL GmbH Munchen, Germany Tel: 89-544334-0 DATEL KK Tokyo, Japan Tel: 3-3779-1031, Osaka Tel: 6-354-2025
DATEL makes no representation that the use of its products in the circuits described herein, or the use of other technical information contained herein, will not infringe upon existing or future patent rights. The descriptions contained herein do not imply the granting of licenses to make, use, or sell equipment constructed in accordance therewith. Specifications are subject to change without notice. The DATEL logo is a registered DATEL, Inc. trademark.


▲Up To Search▲   

 
Price & Availability of ADS944

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X