Part Number Hot Search : 
27S55G BR1020 2000673 SMB2K40 TDA8705A 4924F IRHM4054 4924F
Product Description
Full Text Search
 

To Download AD8614 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 a
FEATURES Unity Gain Bandwidth: 5.5 MHz Low Voltage Offset: 1.0 mV Slew Rate: 7.5 V/ s Single-Supply Operation: 5 V to 18 V High Output Current: 70 mA Low Supply Current: 800 A/Amplifier Stable with Large Capacitive Loads Rail-to-Rail Inputs and Outputs APPLICATIONS LCD Gamma and VCOM Drivers Modems Portable Instrumentation Direct Access Arrangement
Single and Quad +18 V Operational Amplifiers AD8614/AD8644
PIN CONFIGURATIONS 5-Lead SOT-23 (RT Suffix)
OUT A 1 V 2 5 V+
AD8614
4 IN
+IN 3
14-Lead TSSOP (RU Suffix)
OUT A IN A IN A V IN B IN B OUT B 1 14 OUT D IN D IN D V IN C IN C OUT C
7
8
GENERAL DESCRIPTION
AD8644
The AD8614 (single) and AD8644 (quad) are single-supply, 5.5 MHz bandwidth, rail-to-rail amplifiers optimized for LCD monitor applications. They are processed using Analog Devices high voltage, high speed, complementary bipolar process--HV XFCB. This proprietary process includes trench isolated transistors that lower internal parasitic capacitance which improves gain bandwidth, phase margin and capacitive load drive. The low supply current of 800 A (typ) per amplifier is critical for portable or densely packed designs. In addition, the rail-to-rail output swing provides greater dynamic range and control than standard video amplifiers provide. These products operate from supplies of 5 V to as high as 18 V. The unique combination of an output drive of 70 mA, high slew rates, and high capacitive drive capability makes the AD8614/AD8644 an ideal choice for LCD applications. The AD8614 and AD8644 are specified over the temperature range of -20C to +85C. They are available in 5-lead SOT-23, 14-lead TSSOP and 14-lead SOIC surface mount packages in tape and reel.
14-Lead Narrow Body SO (R Suffix)
OUT A 1 -IN A 2 +IN A 3 V+ 4 +IN B 5 -IN B 6 OUT B 7
14 13 12
OUT D -IN D +IN D V- +IN C -IN C OUT C
AD8644
11 10 9 8
REV. 0
Information furnished by Analog Devices is believed to be accurate and reliable. However, no responsibility is assumed by Analog Devices for its use, nor for any infringements of patents or other rights of third parties which may result from its use. No license is granted by implication or otherwise under any patent or patent rights of Analog Devices. One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A. Tel: 781/329-4700 World Wide Web Site: http://www.analog.com Fax: 781/326-8703 (c) Analog Devices, Inc., 1999
AD8614/AD8644-SPECIFICATIONS
ELECTRICAL CHARACTERISTICS (5 V V 18 V, V
S CM
= VS/2, TA = 25 C unless otherwise noted)
Min Typ 1.0 80 5 0 60 10 75 150 Max 2.5 3 400 500 100 200 VS Unit mV mV nA nA nA nA V dB V/mV V mV mA mA dB mA mA V/s MHz Degrees s nV/Hz nV/Hz pA/Hz
Parameter INPUT CHARACTERISTICS Offset Voltage Input Bias Current Input Offset Current Input Voltage Range Common-Mode Rejection Ratio Voltage Gain OUTPUT CHARACTERISTICS Output Voltage High Output Voltage Low Output Short Circuit Current POWER SUPPLY PSRR Supply Current / Amplifier DYNAMIC PERFORMANCE Slew Rate Gain Bandwidth Product Phase Margin Settling Time NOISE PERFORMANCE Voltage Noise Density Current Noise Density
NOTE All typical values are for VS = 18 V. Specifications subject to change without notice.
Symbol VOS IB IOS CMRR AVO VOH VOL ISC
Conditions
-20C TA +85C -20C TA +85C -20C TA +85C VCM = 0 V to V S VOUT = 0.5 V to VS -0.5 V, RL = 10 k ILOAD = 10 mA ILOAD = 10 mA -20C TA +85C VS = 2.25 V to 9.25 V -20C TA +85C CL = 200 pF 0.01%, 10 V Step f = 1 kHz f = 10 kHz f = 10 kHz
VS -0.15 65 35 70 30 80 110 0.8
150
PSRR Isy
1.1 1.5
SR GBP o tS en en in
7.5 5.5 65 3 12 11 1
ABSOLUTE MAXIMUM RATINGS
1
Supply Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 20 V Input Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . GND to VS Storage Temperature Range . . . . . . . . . . . . -65C to +150C Operating Temperature Range . . . . . . . . . . . -20C to +85C Junction Temperature Range . . . . . . . . . . . . -65C to +150C Lead Temperature Range (Soldering, 60 sec) . . . . . . . . 300C
NOTES 1 Stresses above those listed under Absolute Maximum Ratings may cause permanent damage to the device. This is a stress rating only; functional operation of the device at these or any other conditions above those listed in the operational sections of this specification is not implied. Exposure to absolute maximum rating conditions for extended periods may affect device reliability.
Package Type 5-Lead SOT-23 (RT) 14-Lead TSSOP (RU) 14-Lead SOIC (R)
1 JA
JC
Unit C/W C/W C/W
230 180 120
140 35 56
NOTE 1 JA is specified for worst-case conditions, i.e., JA is specified for device soldered onto a circuit board for surface mount packages.
ORDERING GUIDE
Model
Temperature Range
Package Description
Package Option
AD8614ART1 -20C to +85C AD8644ARU2 -20C to +85C AD8644AR2 -20C to +85C
NOTES 1 Available in 3,000 or 10,000 piece reels. 2 Available in 2,500 piece reels only.
5-Lead SOT-23 RT-5 14-Lead TSSOP RU-14 14-Lead SOIC R-14
CAUTION ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily accumulate on the human body and test equipment and can discharge without detection. Although the AD8614/AD8644 features proprietary ESD protection circuitry, permanent damage may occur on devices subjected to high energy electrostatic discharges. Therefore, proper ESD precautions are recommended to avoid performance degradation or loss of functionality.
WARNING!
ESD SENSITIVE DEVICE
-2-
REV. 0
Typical Performance Characteristics - AD8614/AD8644
50
SMALL SIGNAL OVERSHOOT - %
V
45 40 35 30 25 20 15 10 5 0
VS = 18V RL = 2k TA = 25 C
12 80 8 0.1% 0.01% 40 GAIN - dB 20 0 5V VS 18V RL = 1M CL = 40pF TA = 25 C 90 135 180 PHASE SHIFT - Degrees 60 45
OUTPUT SWING FROM 0 TO
4
0
4
+OS OS
0.1%
0.01%
8
10
100 1k CAPACITANCE - pF
10k
12
0
0.5
1.0 1.5 2.0 2.5 SETTLING TIME - s
3.0
3.5
1k
10k
100k 1M 10M FREQUENCY - Hz
100M
Figure 1. Small Signal Overshoot vs. Load Capacitance
Figure 2. Settling Time
Figure 3. Open-Loop Gain and Phase vs. Frequency
7.5 6.5 5.5 VOLTAGE - 1V/Div 4.5 3.5 2.5 1.5 0.5 0.5 1.5 2.5
29 VS = 5V RL = 2k CL = 200pF AV = 1 TA = 25 C 25 21 VOLTAGE - 4V/Div 17 13 9 5 1 3 7 11 TIME - 1 s/Div TIME - 1 s/Div TIME - 500ns/Div VS = 18V RL = 2k CL = 200pF AV = 1 TA = 25 C
VOLTAGE - 50mV/Div
VS 2 VS = 5V VS RL = 2k CL = 200pF AV = 1 TA = 25 C 18V
Figure 4. Large Signal Transient Response
Figure 5. Large Signal Transient Response
Figure 6. Small Signal Transient Response
10k SUPPLY CURRENT/AMPLIFIER - A 5V VS 18V TA = 25 C OUTPUT VOLTAGE - mV 1k
1,000 900 800 700 600 500 400 300 200 100 0 0 1 23 45 678 SUPPLY VOLTAGE - Volts 9 10 TA = 25 C
INPUT BIAS CURRENT - nA
400 300 VS = 200 100 0 100 200 300 400 2.5 1.5 0.5 0.5 1.5 COMMON-MODE VOLTAGE - Volts 2.5 2.5V
100
SINK 10 SOURCE
1 0.001
0.01 0.1 1 10 LOAD CURRENT - mA
100
Figure 7. Output Voltage to Supply Rail vs. Load Current
Figure 8. Supply Current vs. Supply Voltage
Figure 9. Input Bias Current vs. Common-Mode Voltage
REV. 0
-3-
AD8614/AD8644
400 300 INPUT BIAS CURRENT - nA VS = 200 100 0 100 200 300 400 9 75 3 101 3 5 7 COMMON-MODE VOLTAGE - Volts 9 9V QUANTITY - Amplifiers 180 SUPPLY CURRENT/AMPLIFIER - mA 160 140 120 100 80 60 40 20 0 2 1.5 1 0.5 0 0.5 1 1.5 INPUT OFFSET VOLTAGE - mV 2 2.5V VS TA = 25 C 9V 1.0 VS = 18V 0.9
0.8
0.7 VS = 5V 0.6
0.5
35
15
5 25 45 TEMPERATURE - C
65
85
Figure 10. Input Bias Current vs. Common-Mode Voltage
Figure 11. Input Offset Voltage Distribution
Figure 12. Supply Current vs. Temperature
6
20 18
300 5V VS 18V TA = 25 C 240
VS = 18V AVCL = 1 RL = 2k TA = 25 C
5 OUTPUT SWING - V p-p
OUTPUT SWING - V p-p
IMPEDANCE -
4
VS = 5V AVCL = 1 RL = 2k TA = 25 C
16 14 12 10 8 6 4 2
180
3
120
2
1 0 100
60 AV = 100
1k 10k 100k FREQUENCY - Hz 1M 10M
AV = 10
AV = 1
1k
10k 100k FREQUENCY - Hz
1M
10M
0 100
0
1k
10k
100k 1M FREQUENCY - Hz
10M
Figure 13. Maximum Output Swing vs. Frequency
Figure 14. Maximum Output Swing vs. Frequency
Figure 15. Closed-Loop Output Impedance vs. Frequency
140 120 100 80 60 40 20 0 100 POWER-SUPPLY REJECTION - dB COMMON-MODE REJECTION - dB 5V VS 18V TA = 25 C 40 5V VS 18V TA = 25 C
100 VS = 18V TA = 25 C 80
GAIN - dB
20
60 PSRR+ 40 PSRR 20
0
1k
10k
100k 1M 10M FREQUENCY - Hz
100M
1k
10k 100k FREQUENCY - Hz
1M
10M
0 100
1k
10k 100k FREQUENCY - Hz
1M
10M
Figure 16. Closed-Loop Gain vs. Frequency
Figure 17. Common-Mode Rejection vs. Frequency
Figure 18. Power-Supply Rejection vs. Frequency
-4-
REV. 0
AD8614/AD8644
9 VOLTAGE NOISE DENSITY - nV Hz 8 7 SLEW RATE - V/ s 6 SR 5 4 3 2 1 0 0 AV = 1 RL = 2k CL = 200pF TA = 25 C 2 4 6 8 10 12 14 16 18 SUPPLY VOLTAGE - V 20 SR+ 100 VOLTAGE NOISE DENSITY - nV Hz VS = 5V TA = 25 C 100 VS = 18V TA = 25 C
10
10
1
10
100 1k FREQUENCY - Hz
10k
1
10
100 1k FREQUENCY - Hz
10k
Figure 19. Slew Rate vs. Supply Voltage
Figure 20. Voltage Noise Density vs. Frequency
Figure 21. Voltage Noise Density vs. Frequency
APPLICATIONS SECTION Theory of Operation
The AD8614/AD8644 are processed using Analog Devices' high voltage, high speed, complementary bipolar process--HV XFCB. This process includes trench isolated transistors that lower parasitic capacitance. Figure 22 shows a simplified schematic of the AD8614/AD8644. The input stage is rail-to-rail, consisting of two complementary differential pairs, one NPN pair and one PNP pair. The input stage is protected against avalanche breakdown by two back-to-back diodes. Each input has a 1.5 k resistor that limits input current during over-voltage events and furnishes phase reversal protection if the inputs are exceeded. The two differential pairs are connected to a double-folded cascode. This is the stage in the amplifier with the most gain. The double folded cascode differentially feeds the output stage circuitry. Two complementary common emitter transistors are used as the output stage. This allows the output to swing to within 125 mV from each rail with a 10 mA load. The gain of the output stage, and thus the open loop gain of the op amp, depends on the load resistance.
VCC
The AD8614/AD8644 have no built-in short circuit protection. The short circuit limit is a function of high current roll-off of the output stage transistors and the voltage drop over the resistor shown on the schematic at the output stage. The voltage over this resistor is clamped to one diode during short circuit voltage events.
Output Short-Circuit Protection
To achieve a wide bandwidth and high slew rate, the output of the AD8614/AD8644 is not short-circuit protected. Shorting the output directly to ground or to a supply rail may destroy the device. The typical maximum safe output current is 70 mA. In applications where some output current protection is needed, but not at the expense of reduced output voltage headroom, a low value resistor in series with the output can be used. This is shown in Figure 23. The resistor is connected within the feedback loop of the amplifier so that if VOUT is shorted to ground and VIN swings up to 18 V, the output current will not exceed 70 mA. For 18 V single supply applications, resistors less than 261 are not recommended.
1.5k
1.5k
+ VCC VCC VOUT
VEE
Figure 22. Simplified Schematic
REV. 0
-5-
AD8614/AD8644
18V
The power dissipated by the device can be calculated as: PDISS = ILOAD x (VS - VOUT) where: ILOAD is the AD86x4 output load current;
VOUT
VIN
261
AD86x4
VS is the AD86x4 supply voltage; and VOUT is the AD86x4 output voltage. Figure 24 provides a convenient way to see if the device is being overheated. The maximum safe power dissipation can be found graphically, based on the package type and the ambient temperature around the package. By using the previous equation, it is a simple matter to see if PDISS exceeds the device's power derating curve. To ensure proper operation, it is important to observe the recommended derating curves shown in Figure 24.
1.5
MAXIMUM POWER DISSIPATION - Watts
Figure 23. Output Short-Circuit Protection
Input Overvoltage Protection
As with any semiconductor device, whenever the condition exists for the input to exceed either supply voltage, attention needs to be paid to the input overvoltage characteristic. As an overvoltage occurs, the amplifier could be damaged, depending on the voltage level and the magnitude of the fault current. When the input voltage exceeds either supply by more than 0.6 V, internal pin junctions energize, allowing current to flow from the input to the supplies. Observing Figure 22, the AD8614/AD8644 has 1.5 k resistors in series with each input, which helps limit the current. This input current is not inherently damaging to the device as long as it is limited to 5 mA or less. If the voltage is large enough to cause more than 5 mA of current to flow, an external series resistor should be added. The size of this resistor is calculated by dividing the maximum overvoltage by 5 mA and subtracting the internal 1.5 k resistor. For example, if the input voltage could reach 100 V, the external resistor should be (100 V/5 mA) - 1.5 k = 18.5 k. This resistance should be placed in series with either or both inputs if they are subjected to the overvoltages. For more information on general overvoltage characteristics of amplifiers refer to the 1993 System Applications Guide, available from the Analog Devices Literature Center.
Output Phase Reversal
14-LEAD SOIC PACKAGE JA = 120 C/W 1.0 14-LEAD TSSOP PACKAGE JA = 180 C/W
0.5 5-LEAD SOT-23 PACKAGE JA = 230 C/W
0 -35
-15
5 25 45 AMBIENT TEMPERATURE - C
65
85
Figure 24. Maximum Power Dissipation vs. Temperature for 5-Lead and 14-Lead Package Types
Unused Amplifiers
The AD8614/AD8644 is immune to phase reversal as long as the input voltage is limited to within the supply rails. Although the device's output will not change phase, large currents due to input overvoltage could result, damaging the device. In applications where the possibility of an input voltage exceeding the supply voltage exists, overvoltage protection should be used, as described in the previous section.
Power Dissipation
It is recommended that any unused amplifiers in the quad package be configured as a unity gain follower with a 1 k feedback resistor connected from the inverting input to the output, and the noninverting input tied to the ground plane.
Capacitive Load Drive
The maximum power that can be safely dissipated by the AD8614/AD8644 is limited by the associated rise in junction temperature. The maximum safe junction temperature is 150C, and should not be exceeded or device performance could suffer. If this maximum is momentarily exceeded, proper circuit operation will be restored as soon as the die temperature is reduced. Leaving the device in an "overheated" condition for an extended period can result in permanent damage to the device. To calculate the internal junction temperature of the AD86x4, the following formula can be used: TJ = PDISS x JA + TA where: TJ = AD86x4 junction temperature; PDISS = AD86x4 power dissipation; JA = AD86x4 package thermal resistance, junction-toambient; and TA = Ambient temperature of the circuit.
The AD8614/AD8644 exhibits excellent capacitive load driving capabilities. Although the device is stable with large capacitive loads, there is a decrease in amplifier bandwidth as the capacitive load increases. When driving heavy capacitive loads directly from the AD8614/ AD8644 output, a snubber network can be used to improve the transient response. This network consists of a series R-C connected from the amplifier's output to ground, placing it in parallel with the capacitive load. The configuration is shown in Figure 25. Although this network will not increase the bandwidth of the amplifier, it will significantly reduce the amount of overshoot.
5V
AD86x4
VIN RX CX CL
VOUT
Figure 25. Snubber Network Compensation for Capacitive Loads
-6-
REV. 0
AD8614/AD8644
The optimum values for the snubber network should be determined empirically based on the size of the capacitive load. Table I shows a few sample snubber network values for a given load capacitance.
Table I. Snubber Networks for Large Capacitive Loads
LEFTOUT 35 5V VDD VDD 28 2 U1-A 4 3 5 5V 10 1 R1 2k C1 100 F R3 20
Load Capacitance (CL) 0.47 nF 4.7 nF 47 nF
Direct Access Arrangement
Snubber Network (RS, CS) 300 , 0.1 F 30 , 1 F 5 , 1 F
AD1881 (AC'97)
6 RIGHTOUT 36 VSS 8 NOTE: ADDITIONAL PINS OMITTED FOR CLARITY 7 U1-B 9 C2 100 F R2 2k R4 20
Figure 26 shows a schematic for a 5 V single supply transmit/receive telephone line interface for 600 transmission systems. It allows full duplex transmission of signals on a transformer-coupled 600 line. Amplifier A1 provides gain that can be adjusted to meet the modem output drive requirements. Both A1 and A2 are configured to apply the largest possible differential signal to the transformer. The largest signal available on a single 5 V supply is approximately 4.0 V p-p into a 600 transmission system. Amplifier A3 is configured as a difference amplifier to extract the receive information from the transmission line for amplification by A4. A3 also prevents the transmit signal from interfering with the receive signal. The gain of A4 can be adjusted in the same manner as A1's to meet the modem's input signal requirements. Standard resistor values permit the use of SIP (Single In-Line Package) format resistor arrays. Couple this with the AD8644 14-lead SOIC or TSSOP package and this circuit can offer a compact solution.
P1 Tx GAIN ADJUST TO TELEPHONE LINE 1:1 ZO 600 T1 MIDCOM 671-8005 6.2V 6.2V R6 10k 6 7 A2 5 10 F R9 10k 2 R11 10k R12 10k 3 A3 1 R10 10k R13 10k R14 14.3k 6 A1, A2 = 1/2 AD8644 A3, A4 = 1/2 AD8644 5 A4 R5 10k
U1 = AD8644
Figure 27. A PC-99 Compliant Headphone/Line Out Amplifier
If gain is required from the output amplifier, four additional resistors should be added as shown in Figure 28. The gain of the AD8644 can be set as: AV =
5V VDD VDD 38 LEFTOUT 35 R5 10k 2 U1-A 4 3 5V 10 1 R1 2k C1 100 F R3 20 R6 20k
R6 R5
R2 9.09k 2 A1 3 R1 10k C1 0.1 F TRANSMIT TxA VREF 27
5
R3 360
2k 1
5V DC R7 10k R8 10k
AD1881 (AC97)
R5 10k RIGHTOUT 36 VSS 7
6 C2 100 F U1-B 8 R6 20k 9 R2 2k R4 20
U1 = AD8644
R6 R5 = +6dB WITH VALUES SHOWN
P2 Rx GAIN ADJUST 2k 7
RECEIVE RxA
NOTE: ADDITIONAL PINS OMITTED FOR CLARITY
AV =
C2 0.1 F
Figure 28. A PC-99-Compliant Headphone/Speaker Amplifier with Gain
Figure 26. A Single-Supply Direct Access Arrangement for Modems
A One-Chip Headphone/Microphone Preamplifier Solution
Input coupling capacitors are not required for either circuit as the reference voltage is supplied from the AD1881. R4 and R5 help protect the AD8644 output in case the output jack or headphone wires are accidentally shorted to ground. The output coupling capacitors C1 and C2 block dc current from the headphones and create a high-pass filter with a corner frequency of: f -3dB = 1 2C1(R4 + RL )
Because of its high output current performance, the AD8644 makes an excellent amplifier for driving an audio output jack in a computer application. Figure 27 shows how the AD8644 can be interfaced with an ac codec to drive headphones or speakers
Where RL is the resistance of the headphones.
REV. 0
-7-
AD8614/AD8644
The remaining two amplifiers can be used as low voltage microphone preamplifiers. A single AD8614 can be used as a stand-alone microphone preamplifier. Figure 29 shows this implementation.
SPICE Model Availability
AV = 20dB 1k MIC 1 IN 21
2.2k 1F
MIC 1 10k AV = +20dB
AD1881 (AC'97)
5V 2.2k 1k 1F
MIC 2 IN 22
MIC 2
VREF 27
Figure 29. Microphone Preamplifier
OUTLINE DIMENSIONS
Dimensions shown in inches and (mm).
5-Lead SOT-23 (RT Suffix)
0.1181 (3.00) 0.1102 (2.80)
0.0669 (1.70) 0.0590 (1.50) PIN 1
5 1 2
4 3
0.1181 (3.00) 0.1024 (2.60)
0.0374 (0.95) BSC 0.0748 (1.90) BSC 0.0512 (1.30) 0.0354 (0.90) 0.0059 (0.15) 0.0019 (0.05) 0.0197 (0.50) 0.0138 (0.35) 0.0571 (1.45) 0.0374 (0.95) SEATING PLANE 10 0
0.0079 (0.20) 0.0031 (0.08)
0.0217 (0.55) 0.0138 (0.35)
14-Lead TSSOP (RU Suffix)
0.201 (5.10) 0.193 (4.90)
14 8 14 1
14-Lead Narrow SOIC (R Suffix)
0.3444 (8.75) 0.3367 (8.55)
8 7
0.177 (4.50) 0.169 (4.30)
0.256 (6.50) 0.246 (6.25)
0.1574 (4.00) 0.1497 (3.80)
0.2440 (6.20) 0.2284 (5.80)
PIN 1 0.0098 (0.25) 0.0040 (0.10)
1
7
0.0688 (1.75) 0.0532 (1.35)
0.0196 (0.50) x 45 0.0099 (0.25)
PIN 1 0.006 (0.15) 0.002 (0.05) 0.0433 (1.10) MAX 0.0256 (0.65) BSC 0.0118 (0.30) 0.0075 (0.19) 0.0079 (0.20) 0.0035 (0.090) 0.0500 SEATING (1.27) PLANE BSC 8 0 0.028 (0.70) 0.020 (0.50) 0.0192 (0.49) 0.0138 (0.35) 0.0099 (0.25) 0.0075 (0.19)
8 0
0.0500 (1.27) 0.0160 (0.41)
SEATING PLANE
-8-
REV. 0
PRINTED IN U.S.A.
C3735-8-10/99
10k
5V
The SPICE model for the AD8614/AD8644 amplifier is available and can be downloaded from the Analog Devices' web site at http://www.analog.com. The macro-model accurately simulates a number of AD8614/AD8644 parameters, including offset voltage, input common-mode range, and rail-to-rail output swing. The output voltage versus output current characteristic of the macro-model is identical to the actual AD8614/AD8644 performance, which is a critical feature with a rail-to-rail amplifier model. The model also accurately simulates many ac effects, such as gain bandwidth product, phase margin, input voltage noise, CMRR and PSRR versus frequency, and transient response. Its high degree of model accuracy makes the AD8614/AD8644 macro-model one of the most reliable and true-to-life models available for any amplifier.


▲Up To Search▲   

 
Price & Availability of AD8614

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X