Part Number Hot Search : 
SIG55 FZT956 T495X P2512 TC647 P1010 TPS813 P1010
Product Description
Full Text Search
 

To Download 2SD882S Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 UTC 2SD882S
NPN EPITAXIAL SILICON TRANSISTOR
MEDIUM POWER LOW VOLTAGE TRANSISTOR
FEATURES
*High current output up to 3A *Low saturation voltage *Complement to 2SB772S
APPLICATIONS
* Audio power amplifier * DC-DC convertor * Voltage regulator
1
TO-92
1:EMITTER 2:COLLECTOR 3:BASE
ABSOLUTE MAXIMUM RATINGS (Ta=25C ,unless otherwise specified )
PARAMETERS
Collector-base voltage Collector-emitter voltage Emitter-base voltage Collector dissipation( Ta=25C) Collector current(DC) Collector current(PULSE) Base current Junction Temperature Storage Temperature
SYMBOL
VCBO VCEO VEBO Pc Ic Ic IB Tj TSTG
RATING
40 30 5 0.5 3 7 0.6 150 -55 ~ +150
UNIT
V V V W A A A C C
ELECTRICAL CHARACTERISTICS (Ta=25C,unless otherwise specified)
PARAMETER
Collector cut-off current Emitter cut-off current DC current gain(note 1)
SYMBOL
TEST CONDITIONS
VCB=30V,IE=0 VEB=3V,Ic=0 VCE=2V,Ic=20mA VCE=2V,Ic=1A Ic=2A,IB=0.2A Ic=2A,IB=0.2A VCE=5V,Ic=0.1A VCB=10V,IE=0,f=1MHz
MIN
TYP
MAX
1000 1000
UNIT
nA nA
ICBO IEBO hFE1 hFE2 Collector-emitter saturation voltage VCE(sat) Base-emitter saturation voltage VBE(sat) Current gain bandwidth product fT Output capacitance Cob Note 1:Pulse test:PW<300s,Duty Cycle<2%
30 100
200 150 0.3 1.0 80 45
400 0.5 2.0
V V MHz pF
CLASSIFICATION OF hFE2
RANK RANGE Q 100-200 P 160-320 E 200-400
UTC
UNISONIC TECHNOLOGIES CO. LTD
1
QW-R201-024,A
UTC 2SD882S
Fig.1 Static characteristics
NPN EPITAXIAL SILICON TRANSISTOR
Fig.2 Derating curve of safe operating areas
150 12
TYPICAL PARAMETERS PERFORMANCE
Fig.3 Power Derating
-Ic,Collector current(A)
1.6
1.2
-IB=6mA -IB=5mA
100
Power Dissipation(W)
150 200
- Ic Derating(%)
-IB=9mA -IB=8MA -IB=7mA
S/ b
8
0.8
lim ite d
D pa si is
-IB=4mA -IB=3mA -IB=2mA -IB=1mA
50
4
n tio
0.4
lim d ite
0 0 4 8 12 16 20
0 -50 0 50 100
0 -50 0 50 100 150 200
-Collector-Emitter voltage(V)
Tc,Case Temperature(C)
Tc,Case Temperature(C)
Fig.4 Collector Output capacitance
3 10 3 10
Fig.5 Current gainbandwidth product
1 10
Fig.6 Safe operating area
Ic(max),Pulse Ic(max),DC
10 mS 1m S
S 1m 0.
Output Capacitance(pF)
FT(MHz), Current gainbandwidth product
2 10
IE=0 f=1MHz
VCE=5V
2 10
-Ic,Collector current(A)
0 1 10
10
0
IB=8mA
1 10
1 10
-1 10
0 10 10
0
-1 10
-2 10
-3 10
0 10
-2 10
-1 10
-2 10 10
10
0
1 10
2 10
-Collector-Base Voltage(v)
Ic,Collector current(A)
Collector-Emitter Voltage
Fig.7 DC current gain
3 10 4 10
Fig.8 Saturation Voltage
VCE=-2V -Saturation Voltage(mV)
DC current Gain,H FE
3 10
VBE(sat)
2 10
2 10
1 10
VCE(sat)
1 10
0 10 0 10 1 10 2 10 3 10 4 10
0 10
0 10
1 10
2 10
3 10
4 10
-Ic,Collector current(mA)
-Ic,Collector current(mA)
UTC assumes no responsibility for equipment failures that result from using products at values that exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges, or other parameters) listed in products specifications of any and all UTC products described or contained herein. UTC products are not designed for use in life support appliances, devices or systems where malfunction of these products can be reasonably expected to result in personal injury. Reproduction in whole or in part is prohibited without the prior written consent of the copyright owner. The information presented in this document does not form part of any quotation or contract, is believed to be accurate and reliable and may be changed without notice.
UTC
UNISONIC TECHNOLOGIES CO. LTD
2
QW-R201-024,A


▲Up To Search▲   

 
Price & Availability of 2SD882S

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X