Part Number Hot Search : 
BCM53 ISL12032 30N20D TEA1024 477M00 STPS6 1545CTG MPS651
Product Description
Full Text Search
 

To Download 2SD862 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 2SD862
GENERAL DESCRIPTION
Silicon Epitaxial Planar Transistor
Silicon NPN high frequency, Low Vce(sat) middle power transistors in a plastic envelope, primarily for use in audio and general purpose
QUICK REFERENCE DATA
SYMBOL
TO-126
CONDITIONS VBE = 0V TYP
VCESM VCEO IC ICM Ptot VCEsat VF tf
PARAMETER Collector-emitter voltage peak value Collector-emitter voltage (open base) Collector current (DC) Collector current peak value Total power dissipation Collector-emitter saturation voltage Diode forward voltage Fall time
Tmb 25 IC = 1.5A; IB = 0.15A IF = 1.5A
1.5
MAX 20 20 2 10 0.5 2.0 -
UNIT V V A A W V V s
LIMITING VALUES
SYMBOL
VCESM VCEO VEBO IC IB Ptot Tstg Tj
PARAMETER Collector-emitter voltage peak value Collector-emitter voltage (open base) Emitter-base oltage (open colloctor) Collector current (DC) Base current (DC) Total power dissipation Storage temperature Junction temperature
CONDITIONS VBE = 0V
MIN -55 -
Tmb 25
MAX 20 20 6 2 0.5 10 150 150
UNIT V V V A A W
ELECTRICAL CHARACTERISTICS
SYMBOL
ICBO IEBO V(BR)CEO VCEsat hFE fT Cc ton ts tf
PARAMETER Collector-base cut-off current Emitter-base cut-off current Collector-emitter breakdown voltage Collector-emitter saturation voltages DC current gain Transition frequency at f = 5MHz Collector capacitance at f = 1MHz On times Tum-off storage time Fall time
CONDITIONS VCB=20V VEB=5V IC=1mA IC = 1.5A; IB = 0.15A IC = 100mA; VCE = 2V IC = 0.5A; VCE = 12V VCB = 10V
TYP 20 60 80 75
MAX 0.1 0.2 0.5 400 -
UNIT mA mA V V MHz pF us us us
Wing Shing Computer Components Co., (H.K.)Ltd. Homepage: http://www.wingshing.com
Tel:(852)2341 9276 Fax:(852)2797 8153 E-mail: wsccltd@hkstar.com


▲Up To Search▲   

 
Price & Availability of 2SD862

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X