Part Number Hot Search : 
W6811ISG N111201 PCF85 E170CA MMBD4148 TRONIC SR510 CF5524K3
Product Description
Full Text Search
 

To Download 2SD662 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Transistor
2SD662, 2SD662B
Silicon NPN epitaxial planer type
For high breakdown voltage general amplification
Unit: mm
6.90.1 1.5 2.50.1 1.0
1.0 2.40.2 2.00.2 3.50.1
s Features
q q q
1.5 R0.9 R0.9
0.85
s Absolute Maximum Ratings
Parameter Collector to base voltage Collector to 2SD662 2SD662B 2SD662 VCEO VEBO ICP IC PC Tj Tstg Symbol VCBO
(Ta=25C)
Ratings 250 400 200 400 5 100 70 600 150 -55 ~ +150 Unit
3
0.550.1
1.250.05
0.450.05
2
1
V
2.5 2.5
emitter voltage 2SD662B Emitter to base voltage Peak collector current Collector current Collector power dissipation Junction temperature Storage temperature
V V mA mA mW C C
1:Base 2:Collector 3:Emitter
EIAJ:SC-71 M Type Mold Package
s Electrical Characteristics
Parameter Collector cutoff current Collector to emitter voltage 2SD662 2SD662B
(Ta=25C)
Symbol ICEO VCEO VEBO hFE* VCE(sat) fT Cob Conditions VCE = 100V, IB = 0 IC = 100A, IB = 0 IE = 10A, IC = 0 VCE = 10V, IC = 5mA IC = 50mA, IB = 5mA VCB = 10V, IE = -10mA, f = 200MHz VCB = 10V, IE = 0, f = 1MHz 50 80 5 10 200 400 5 30 30 220 150 1.2 V MHz pF min typ max 2 Unit A V V
Emitter to base voltage Forward current transfer ratio 2SD662 2SD662B
Collector to emitter saturation voltage Transition frequency Collector output capacitance
*h
FE
Rank classification
P 30 ~ 100 Q 60 ~ 150 R 100 ~ 220 hFE
Rank
4.10.2
High collector to emitter voltage VCEO. High transition frequency fT. M type package allowing easy automatic and manual insertion as well as stand-alone fixing to the printed circuit board.
0.4
1.00.1
R
0.
4.50.1
7
1
Transistor
PC -- Ta
800 120 Ta=25C 700 100 1.8mA 1.6mA 1.4mA 1.2mA 1.0mA 0.8mA IB=2.0mA 100
2SD662, 2SD662B
IC -- VCE
120 VCE=10V 25C
IC -- VBE
Collector power dissipation PC (mW)
Collector current IC (mA)
600 500 400 300 200 100 0 0 40 80 120 160 200
Collector current IC (mA)
Ta=75C 80
-25C
80
60
0.6mA 0.4mA
60
40 0.2mA 20
40
20
0 0 2 4 6 8 10
0 0 0.4 0.8 1.2 1.6 2.0
Ambient temperature Ta (C)
Collector to emitter voltage VCE (V)
Base to emitter voltage VBE (V)
IC -- IB
Collector to emitter saturation voltage VCE(sat) (V)
120 VCE=10V Ta=25C 100 100 30
VCE(sat) -- IC
IC/IB=10 3.0
IB -- VBE
VCE=10V Ta=25C 2.5
Collector current IC (mA)
80
Base current IB (mA)
10
10 3 1 Ta=75C 0.3 0.1 0.03 0.01 0.01 0.03 25C -25C
2.0
60
1.5
40
1.0
20
0.5
0 0 0.4 0.8 1.2 1.6 2.0
0 0.1 0.3 1 3 0 0.2 0.4 0.6 0.8 1.0
Base current IB (mA)
Collector current IC (mA)
Base to emitter voltage VBE (V)
hFE -- IC
360 VCE=10V 160
fT -- I E
104 VCB=10V Ta=25C
ICBO -- Ta
VCB=250V
Forward current transfer ratio hFE
300
Transition frequency fT (MHz)
140 120 100 80 60 40 20 103
240 Ta=75C 180 25C 120
ICBO (Ta) ICBO (Ta=25C)
-3 -10 -30 -100
102
-25C
10
60
0 0.01 0.03
0.1
0.3
1
3
10
0 -1
1 0 40 80 120 160 200
Collector current IC (mA)
Emitter current IE (mA)
Ambient temperature Ta (C)
2


▲Up To Search▲   

 
Price & Availability of 2SD662

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X