Part Number Hot Search : 
PSA3195C 227M00 74F352PC 4N65F SC5260 BTS462T 65M02 LT1H67A
Product Description
Full Text Search
 

To Download 2SD637 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Transistor
2SD637
Silicon NPN epitaxial planer type
For low-power general amplification
Unit: mm
6.90.1 1.5 2.50.1 1.0
1.0 2.40.2 2.00.2 3.50.1
s Features
q q q
1.5 R0.9 R0.9
0.85
0.550.1
0.450.05
1.250.05
s Absolute Maximum Ratings
Parameter Collector to base voltage Collector to emitter voltage Emitter to base voltage Peak collector current Collector current Collector power dissipation Junction temperature Storage temperature Symbol VCBO VCEO VEBO ICP IC PC Tj Tstg
(Ta=25C)
Ratings 60 50 7 200 100 400 150 -55 ~ +150 Unit V V V mA mA mW C C
1:Base 2:Collector 3:Emitter
2.5 2.5 3 2 1
EIAJ:SC-71 M Type Mold Package
s Electrical Characteristics
Parameter Collector cutoff current Collector to base voltage Collector to emitter voltage Emitter to base voltage Forward current transfer ratio Collector to emitter saturation voltage Transition frequency Collector output capacitance
(Ta=25C)
Symbol ICBO ICEO VCBO VCEO VEBO hFE fT Cob
*
Conditions VCB = 20V, IE = 0 VCE = 20V, IB = 0 IC = 10A, IE = 0 IC = 2mA, IB = 0 IE = 10A, IC = 0 VCE = 10V, IC = 2mA IC = 100mA, IB = 10mA VCB = 10V, IE = -2mA, f = 200MHz VCB = 10V, IE = 0, f = 1MHz
min
typ
max 1 1
4.10.2
High foward current transfer ratio hFE. Low collector to emitter saturation voltage VCE(sat). M type package allowing easy automatic and manual insertion as well as stand-alone fixing to the printed circuit board.
0.4
1.00.1
R
0.
4.50.1
7
Unit A A V V V
60 50 7 160 0.3 150 3.5 460 0.5
VCE(sat)
V MHz pF
*h
FE
Rank classification
Q 160 ~ 260 R 210 ~ 340 S 290 ~ 460 hFE
Rank
1
Transistor
PC -- Ta
500 60 Ta=25C IB=160A 50 1000
2SD637
IC -- VCE
1200 VCE=10V Ta=25C
IB -- VBE
Collector power dissipation PC (mW)
Collector current IC (mA)
400
40
Base current IB (A)
140A 120A 100A 30 80A 20 60A 40A 10 20A
800
300
600
200
400
100
200
0 0 20 40 60 80 100 120 140 160
0 0 2 4 6 8 10
0 0 0.2 0.4 0.6 0.8 1.0
Ambient temperature Ta (C)
Collector to emitter voltage VCE (V)
Base to emitter voltage VBE (V)
IC -- VBE
200 VCE=10V 200 240 VCE=10V Ta=25C
IC -- I B
Collector to emitter saturation voltage VCE(sat) (V)
100 30 10 3 1 0.3 0.1 0.03 0.01 0.1
VCE(sat) -- IC
IC/IB=10
Collector current IC (mA)
Collector current IC (mA)
160
160
120 25C Ta=75C 80 -25C
120
80
25C
Ta=75C -25C
40
40
0 0 0.4 0.8 1.2 1.6 2.0
0 0 200 400 600 800 1000
0.3
1
3
10
30
100
Base to emitter voltage VBE (V)
Base current IB (A)
Collector current IC (mA)
hFE -- IC
600 VCE=10V 300
fT -- I E
12
Cob -- VCB
Collector output capacitance Cob (pF)
VCB=10V Ta=25C IE=0 f=1MHz Ta=25C
Forward current transfer ratio hFE
500
Transition frequency fT (MHz)
240
10
400
Ta=75C 25C
8
180
300
-25C
6
120
200
4
100
60
2
0 0.1
0.3
1
3
10
30
100
0 - 0.1 - 0.3
0 -1 -3 -10 -30 -100 1 3 10 30 100
Collector current IC (mA)
Emitter current IE (mA)
Collector to base voltage VCB (V)
2
Transistor
NV -- IC
240 VCE=10V Ta=25C Function=FLAT 100
2SD637
h Parameter -- IC
VCE=5V f=270Hz
200
30
Noise voltage NV (mV)
120
Rg=100k
h Parameter
160
10 hfe (!100)
3
80 22k 40 4.7k
1
hoe (10-1S)
hre (!10-4)
0.3 hie (!10k)
0 10
30
100
300
1000
0.1 0.1
0.3
1
3
10
Collector current IC (A)
Collector current IC (mA)
3


▲Up To Search▲   

 
Price & Availability of 2SD637

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X