Part Number Hot Search : 
BT933 BF547 HMC132 UPD6133 TMP86F 15W10 BYV26EG 20C1X
Product Description
Full Text Search
 

To Download 2SD601A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Transistor
2SD601A
Silicon NPN epitaxial planer type
For general amplification Complementary to 2SB709A
2.8 -0.3
+0.2
Unit: mm
s Features
q q q
0.650.15
+0.25 1.5 -0.05
0.650.15
High foward current transfer ratio hFE. Low collector to emitter saturation voltage VCE(sat). Mini type package, allowing downsizing of the equipment and automatic insertion through the tape packing and the magazine packing. (Ta=25C)
Ratings 60 50 7 200 100 200 150 -55 ~ +150 Unit V V V mA mA mW C C
0.95
2.9 -0.05
1
1.90.2
+0.2
0.95
3 0.4 -0.05
+0.1
2
1.45
1.1 -0.1
+0.2
Parameter Collector to base voltage Collector to emitter voltage Emitter to base voltage Peak collector current Collector current Collector power dissipation Junction temperature Storage temperature
Symbol VCBO VCEO VEBO ICP IC PC Tj Tstg
1:Base 2:Emitter 3:Collector
JEDEC:TO-236 EIAJ:SC-59 Mini Type Package
Marking symbol : Z
s Electrical Characteristics
Parameter Collector cutoff current Collector to base voltage Collector to emitter voltage Emitter to base voltage Forward current transfer ratio Collector to emitter saturation voltage Transition frequency Noise voltage Collector output capacitance
*h
(Ta=25C)
Symbol ICBO ICEO VCBO VCEO VEBO hFE1 hFE2 VCE(sat) fT NV Cob
*
Conditions VCB = 20V, IE = 0 VCE = 10V, IB = 0 IC = 10A, IE = 0 IC = 2mA, IB = 0 IE = 10A, IC = 0 VCE = 10V, IC = 2mA VCE = 2V, IC = 100mA IC = 100mA, IB = 10mA VCB = 10V, IE = -2mA, f = 200MHz VCE = 10V, IC = 1mA, GV = 80dB Rg = 100k, Function = FLAT VCB = 10V, IE = 0, f = 1MHz
min
typ
0 to 0.1
0.1 to 0.3 0.40.2
0.8
s Absolute Maximum Ratings
max 0.1 100
0.16 -0.06
+0.1
Unit A A V V V
60 50 7 160 90 0.1 150 110 3.5 0.3 460
V MHz mV pF
FE1
Rank classification
Rank hFE1 Q 160 ~ 260 ZQ R 210 ~ 340 ZR S 290 ~ 460 ZS
Marking Symbol
1
Transistor
PC -- Ta
240 60 Ta=25C IB=160A 200 50 1000
2SD601A
IC -- VCE
1200 VCE=10V Ta=25C
IB -- VBE
Collector power dissipation PC (mW)
Collector current IC (mA)
160
40
Base current IB (A)
140A 120A 100A 30 80A 20 60A 40A 10 20A
800
120
600
80
400
40
200
0 0 20 40 60 80 100 120 140 160
0 0 2 4 6 8 10
0 0 0.2 0.4 0.6 0.8 1.0
Ambient temperature Ta (C)
Collector to emitter voltage VCE (V)
Base to emitter voltage VBE (V)
IC -- VBE
200 VCE=10V 200 240 VCE=10V Ta=25C
IC -- I B
Collector to emitter saturation voltage VCE(sat) (V)
100 30 10 3 1 0.3 0.1 0.03 0.01 0.1
VCE(sat) -- IC
IC/IB=10
Collector current IC (mA)
Collector current IC (mA)
160
160
120 25C Ta=75C 80 -25C
120
80
25C
Ta=75C -25C
40
40
0 0 0.4 0.8 1.2 1.6 2.0
0 0 200 400 600 800 1000
0.3
1
3
10
30
100
Base to emitter voltage VBE (V)
Base current IB (A)
Collector current IC (mA)
hFE -- IC
600 VCE=10V 300
fT -- I E
240 VCB=10V Ta=25C
NV -- IC
VCE=10V GV=80dB Function=FLAT 200 Ta=25C 160 Rg=100k
Forward current transfer ratio hFE
500
Transition frequency fT (MHz)
400
Ta=75C 25C
180
300
Noise voltage NV (mV)
240
-25C
120
120
200
80 22k 40 4.7k
100
60
0 0.1
0.3
1
3
10
30
100
0 - 0.1 - 0.3
-1
-3
-10
-30
-100
0 10
30
100
300
1000
Collector current IC (mA)
Emitter current IE (mA)
Collector current IC (mA)
2


▲Up To Search▲   

 
Price & Availability of 2SD601A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X