Part Number Hot Search : 
D3NK9 EL1507CS 82543250 A2557 P89C54BP GDM1602B BR358L ADG1204
Product Description
Full Text Search
 

To Download 2SD1211 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Transistor
2SD1211
Silicon NPN epitaxial planer type
For low-frequency amplification Complementary to 2SB987
5.90.2
Unit: mm
4.90.2
s Features
q q
High collector to emitter voltage VCEO. Optimum for the driver-stage of a low-frequency and 40 to 60W output amplifier.
2.540.15
+0.3 +0.2
(Ta=25C)
Ratings 120 120 5 1 0.5 1 150 -55 ~ +150 Unit V V V A A W C C
1.27 0.45-0.1 1.27
Parameter Collector to base voltage Collector to emitter voltage Emitter to base voltage Peak collector current Collector current Collector power dissipation Junction temperature Storage temperature
Symbol VCBO VCEO VEBO ICP IC PC Tj Tstg
13.50.5
s Absolute Maximum Ratings
0.7-0.2
0.70.1
8.60.2
0.45-0.1
+0.2
s Electrical Characteristics
Parameter Collector to emitter voltage Emitter to base voltage Forward current transfer ratio Collector to emitter saturation voltage Base to emitter saturation voltage Transition frequency Collector output capacitance
(Ta=25C)
Symbol VCEO VEBO hFE1* hFE2 VCE(sat) VBE(sat) fT Cob Conditions IC = 0.1mA, IB = 0 IE = 10A, IC = 0 VCE = 10V, IC = 150mA VCE = 5V, IC = 500mA IC = 300mA, IB = 30mA IC = 300mA, IB = 30mA VCB = 10V, IE = -50mA, f = 200MHz VCB = 10V, IE = 0, f = 1MHz 200 20 min 120 5 130 50 1 1.2 V V MHz pF 330 typ max Unit V V
*h
FE1
Rank classification
R 130 ~ 220 S 185 ~ 330
Rank hFE1
3.2
1
2
3
1:Emitter 2:Collector 3:Base EIAJ:SC-51 TO-92L Package
1
Transistor
PC -- Ta
1.2 200 Ta=25C
2SD1211
IC -- VCE
Collector to emitter saturation voltage VCE(sat) (V)
100 30 10 3 1 Ta=75C 0.3 0.1 0.03 0.01 0.01 0.03 25C -25C
VCE(sat) -- IC
IC/IB=10
Collector power dissipation PC (W)
1.0
Collector current IC (mA)
160
IB=1.0mA 0.9mA
0.8
120
0.8mA 0.7mA 0.6mA
0.6
80
0.4
0.5mA 0.4mA
0.2
40
0.3mA 0.2mA 0.1mA
0 0 20 40 60 80 100 120 140 160
0 0 2 4 6 8 10 12
0.1
0.3
1
3
10
Ambient temperature Ta (C)
Collector to emitter voltage VCE (V)
Collector current IC (A)
VBE(sat) -- IC
100
hFE -- IC
IC/IB=10 600 IC/IB=10 400
fT -- I E
VCB=10V Ta=25C
Base to emitter saturation voltage VBE(sat) (V)
500
Transition frequency fT (MHz)
1 3 10
30 10 3 1 0.3 0.1 0.03 0.01 0.01 0.03 Ta=-25C 75C
Forward current transfer ratio hFE
350 300 250 200 150 100 50
400
25C
300 Ta=75C 200 25C -25C 100
0.1
0.3
1
3
10
0 0.01 0.03
0.1
0.3
0 -1
-3
-10
-30
-100
Collector current IC (A)
Collector current IC (A)
Emitter current IE (mA)
Cob -- VCB
80 10 IE=0 f=1MHz Ta=25C 3
Area of safe operation (ASO)
Single pulse Ta=25C
Collector output capacitance Cob (pF)
70 60 50 40 30 20 10 0 1 3 10
Collector current IC (A)
1 0.3 0.1 0.03 0.01 0.003 0.001
ICP t=10ms IC t=1s
30
100
1
3
10
30
100
300
1000
Collector to base voltage VCB (V)
Collector to emitter voltage VCE (V)
2


▲Up To Search▲   

 
Price & Availability of 2SD1211

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X