Part Number Hot Search : 
I506ERW 100PS 10023 BP104S01 04424 15009 L6386AD MFL2815S
Product Description
Full Text Search
 

To Download 2SD1198 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Transistor
2SD1198, 2SD1198A
Silicon NPN epitaxial planer type darlington
For low-frequency amplification
Unit: mm
6.90.1 1.5
0.4
s Features
q
2.50.1 1.0
1.0 2.40.2 2.00.2 3.50.1
q q
0.85
(Ta=25C)
Ratings 30 60 25 50 5 1.5 1 1 150 -55 ~ +150 Unit V
2.5 2.5 3 2 1
Parameter Collector to base voltage Collector to 2SD1198 2SD1198A 2SD1198
Symbol VCBO VCEO VEBO ICP IC PC* Tj Tstg
emitter voltage 2SD1198A Emitter to base voltage Peak collector current Collector current Collector power dissipation Junction temperature Storage temperature
*
V V A A W C C
200 E B
1:Base 2:Collector 3:Emitter EIAJ:SC-71 M Type Mold Package
Internal Connection
C
Printed circuit board: Copper foil area of 1cm2 or more, and the board thickness of 1.7mm for the collector portion
s Electrical Characteristics
Parameter Collector cutoff current Emitter cutoff current Collector to base voltage Collector to emitter voltage 2SD1198 2SD1198A 2SD1198 2SD1198A 2SD1198 2SD1198A
(Ta=25C)
Symbol ICBO IEBO VCBO VCEO VEBO hFE
*1
Conditions VCB = 25V, IE = 0 VCB = 45V, IE = 0 VEB = 4V, IC = 0 IC = 100A, IB = 0 IC = 1mA, IB = 0 IE = 100A, IC = 0 VCE = 10V, IC = IC = 1A, IB = 1A*2 IC = 1A, IB = 1mA*2 1mA*2 VCB = 10V, IE = -50mA, f = 200MHz
min
typ
1.250.05
s Absolute Maximum Ratings
0.550.1
0.450.05
max 100 100 100
4.10.2
Forward current transfer ratio hFE is designed high, which is appropriate to the driver circuit of motors and printer bammer: hFE = 4000 to 40000. A shunt resistor is omitted from the driver. M type package allowing easy automatic and manual insertion as well as stand-alone fixing to the printed circuit board.
1.5 R0.9 R0.9
1.00.1
R
0.
4.50.1
7
Unit nA nA V
30 60 25 50 5 4000 40000 1.8 2.2 150
*2
V V
Emitter to base voltage Forward current transfer ratio Collector to emitter saturation voltage Base to emitter saturation voltage Transition frequency
*1h FE
VCE(sat) VBE(sat) fT
V V MHz
Rank classification
Q R S 4000 ~ 10000 8000 ~ 20000 16000 ~ 40000
Pulse measurement
Rank hFE
1
Transistor
PC -- Ta
Collector to emitter saturation voltage VCE(sat) (V)
1.2 100 30 10 3 25C 1 -25C 0.3 0.1 0.03 0.01 0.01 Ta=75C
2SD1198, 2SD1198A
VCE(sat) -- IC
Base to emitter saturation voltage VBE(sat) (V)
IC/IB=1000 100 30 10 3 Ta=-25C 1 0.3 0.1 0.03 0.01 0.01 75C 25C
VBE(sat) -- IC
IC/IB=1000
Collector power dissipation PC (W)
1.0
Printed circut board: Copper foil area of 1cm2 or more, and the board thickness of 1.7mm for the collector portion.
0.8
0.6
0.4
0.2
0 0 20 40 60 80 100 120 140 160
003
0.1
0.3
1
3
10
003
0.1
0.3
1
3
10
Ambient temperature Ta (C)
Collector current IC (A)
Collector current IC (A)
hFE -- IC
105
Cob -- VCB
Collector output capacitance Cob (pF)
VCE=10V 24 IE=0 f=1MHz Ta=25C
Forward current transfer ratio hFE
Ta=75C 25C 104 -25C
20
16
103
12
8
102
4
10 0.01 0.03
0 0.1 0.3 1 3 10 1 3 10 30 100
Collector current IC (A)
Collector to base voltage VCB (V)
2


▲Up To Search▲   

 
Price & Availability of 2SD1198

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X