Part Number Hot Search : 
203415B MZT3011 FCT24 LT350 04001 BFR30TRL GL6840A 74AUP
Product Description
Full Text Search
 

To Download 2SD1119 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Transistor
2SD1119
Silicon NPN epitaxial planer type
For low-frequency power amplification
Unit: mm
s Features
2.60.1
4.50.1 1.60.2
1.50.1
q q
q
Low collector to emitter saturation voltage VCE(sat). Satisfactory operation performances at high efficiency with the low-voltage power supply. Mini type package, allowing downsizing of the equipment and automatic insertion through the tape packing and the magazine packing.
0.4max.
45
1.0-0.2
+0.1
0.40.08 0.50.08 1.50.1 3.00.15 3 2 1
4.0-0.20
0.40.04
s Absolute Maximum Ratings
Parameter Collector to base voltage Collector to emitter voltage Emitter to base voltage Peak collector current Collector current Collector power dissipation Junction temperature Storage temperature
*
(Ta=25C)
Ratings 40 25 7 5 3 1 150 -55 ~ +150 1cm2 Unit V V V A A W C C
1:Base 2:Collector 3:Emitter EIAJ:SC-62 Mini Power Type Package
marking
Symbol VCBO VCEO VEBO ICP IC PC* Tj Tstg
Marking symbol : T
Printed circuit board: Copper foil area of thickness of 1.7mm for the collector portion
or more, and the board
s Electrical Characteristics
Parameter Collector cutoff current Collector to emitter voltage Emitter to base voltage Forward current transfer ratio Collector to emitter saturation voltage Transition frequency Collector output capacitance
(Ta=25C)
Symbol ICBO VCEO VEBO hFE1 hFE2 VCE(sat) fT Cob
*1
Conditions VCB = 10V, IE = 0 IC = 1mA, IB = 0 IE = 10A, IC = 0 VCE = 2V, IC = 0.5A*2 VCE = 2V, IC = 2A*2 IC = 3A, IB = 0.1A*2 VCB = 6V, IE = -50mA, f = 200MHz VCB = 20V, IE = 0, f = 1MHz
min
typ
max 0.1
2.50.1
+0.25
Unit A V V
25 7 230 150 1 150 50
*2
600
V MHz pF
Pulse measurement
*1h
FE1 Rank classification
Rank hFE1 Marking Symbol
Q 230 ~ 380 TQ
R 340 ~ 600 TR
1
Transistor
PC -- Ta
1.2 2.4 Printed circut board: Copper foil area of 1cm2 or more, and the board thickness of 1.7mm for the collector portion. Ta=25C 2.0 IB=7mA 6mA 1.6 5mA 1.2 4mA 3mA 0.8 2mA 0.4 5
2SD1119
IC -- VCE
6 VCE=2V 25C Ta=75C 4 -25C
IC -- VBE
Collector power dissipation PC (W)
1.0
Collector current IC (A)
0.8
0.6
Collector current IC (A)
3
0.4
2
0.2
1mA
1
0 0 20 40 60 80 100 120 140 160
0 0 0.4 0.8 1.2 1.6 2.0 2.4
0 0 0.4 0.8 1.2 1.6 2.0
Ambient temperature Ta (C)
Collector to emitter voltage VCE (V)
Base to emitter voltage VBE (V)
VCE(sat) -- IC
Collector to emitter saturation voltage VCE(sat) (V)
10 3 1 0.3 Ta=75C 0.1 0.03 0.01 0.003 0.001 0.01 0.03 25C -25C
VBE(sat) -- IC
Base to emitter saturation voltage VBE(sat) (V)
IC/IB=30 100 30 10 3 25C 1 0.3 0.1 0.03 0.01 0.01 0.03 Ta=-25C 75C IC/IB=30 600
hFE -- IC
VCE=2V
Forward current transfer ratio hFE
500
400 Ta=75C 300 25C -25C 200
100
0.1
0.3
1
3
10
0.1
0.3
1
3
10
0 0.01 0.03
0.1
0.3
1
3
10
Collector current IC (A)
Collector current IC (A)
Collector current IC (A)
fT -- IE
400 350 300 250 200 150 100 50 0 - 0.01 - 0.03 - 0.1 - 0.3 100
Cob -- VCB
Collector output capacitance Cob (pF)
VCB=6V Ta=25C IE=0 f=1MHz Ta=25C 80
Transition frequency fT (MHz)
60
40
20
0 -1 -3 -10 1 3 10 30 100
Emitter current IE (A)
Collector to base voltage VCB (V)
2


▲Up To Search▲   

 
Price & Availability of 2SD1119

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X