Part Number Hot Search : 
LT1910 POWER 1202E TUSD05CB 707VMM T302021 T0810 AD7534JP
Product Description
Full Text Search
 

To Download 2SD1051 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Transistor
2SD1051
Silicon NPN epitaxial planer type
For low-frequency power amplification Complementary to 2SB819
6.90.1 1.5 2.50.1 1.0
1.0 2.40.2 2.00.2 3.50.1
Unit: mm
s Features
q q q
1.5 R0.9 R0.9
0.85
0.550.1
0.450.05
1.250.05
s Absolute Maximum Ratings
Parameter Collector to base voltage Collector to emitter voltage Emitter to base voltage Peak collector current Collector current Collector power dissipation Junction temperature Storage temperature
*
(Ta=25C)
Ratings 50 40 5 3 1.5 1 150 -55 ~ +150 1cm2 Unit V V V A A W C C
1:Base 2:Collector 3:Emitter
2.5 2.5 3 2 1
Symbol VCBO VCEO VEBO ICP IC PC* Tj Tstg
EIAJ:SC-71 M Type Mold Package
Printed circuit board: Copper foil area of thickness of 1.7mm for the collector portion
or more, and the board
s Electrical Characteristics
Parameter Collector cutoff current Emitter cutoff current Collector to base voltage Collector to emitter voltage Forward current transfer ratio Collector to emitter saturation voltage Base to emitter saturation voltage Transition frequency Collector output capacitance
(Ta=25C)
Symbol ICBO ICEO IEBO VCBO VCEO hFE
*1
Conditions VCB = 20V, IE = 0 VCE = 10V, IB = 0 VEB = 5V, IE = 0 IC = 1mA, IE = 0 IC = 2mA, IB = 0 VCE = 5V, IC = IC = 2A, IB = 1A*2 IC = 1.5A, IB = 0.15A*2 0.2A*2 VCB = 5V, IE = -0.5A*2, f = 200MHz VCB = 20V, IE = 0, f = 1MHz
min
typ
max 1 100 10
4.10.2
High collector to emitter voltage VCEO. Large collector power dissipation PC. M type package allowing easy automatic and manual insertion as well as stand-alone fixing to the printed circuit board.
0.4
1.00.1
R
0.
4.50.1
7
Unit A A A V V
50 40 80 120 220 1 1.5 150 45
*2
VCE(sat) VBE(sat) fT Cob
V V MHz pF
Pulse measurement
*1h
FE
Rank classification
Q 80 ~ 160 R 120 ~ 220
Rank hFE
1
Transistor
PC -- Ta
1.2 4.0 Printed circut board: Copper foil area of 1cm2 or more, and the board thickness of 1.7mm for the collector portion. 3.5 IB=40mA
2SD1051
IC -- VCE
Collector to emitter saturation voltage VCE(sat) (V)
Ta=25C 10 3 1 0.3 0.1 0.03 0.01 0.003 0.001 0.01 0.03 Ta=75C 25C -25C
VCE(sat) -- IC
IC/IB=10
Collector power dissipation PC (W)
1.0
Collector current IC (A)
3.0 2.5 2.0 1.5
35mA 30mA 25mA 20mA 15mA 10mA
0.8
0.6
0.4
1.0 0.5 5mA
0.2
0 0 20 40 60 80 100 120 140 160
0 0 2 4 6 8 10
0.1
0.3
1
3
10
Ambient temperature Ta (C)
Collector to emitter voltage VCE (V)
Collector current IC (A)
VBE(sat) -- IC
100
hFE -- IC
IC/IB=10 300 VCE=5V 240
fT -- I E
VCB=5V Ta=25C
Base to emitter saturation voltage VBE(sat) (V)
250
Transition frequency fT (MHz)
1 3 10
30 10 3 25C 1 0.3 0.1 0.03 0.01 0.01 0.03 Ta=-25C 75C
Forward current transfer ratio hFE
200
200 Ta=75C 150 25C -25C 100
160
120
80
50
40
0.1
0.3
1
3
10
0 0.01 0.03
0.1
0.3
0 - 0.01 - 0.03 - 0.1 - 0.3
-1
-3
-10
Collector current IC (A)
Collector current IC (A)
Emitter current IE (A)
Cob -- VCB
120
VCER -- RBE
Collector to emitter voltage VCER (V)
IE=0 f=1MHz Ta=25C 60 Ta=25C 50 300 1000
ICBO -- Ta
VCB=20V
Collector output capacitance Cob (pF)
100
80
40
ICBO (Ta) ICBO (Ta=25C)
0.01 0.1 1 10
100
60
30
30
40
20
10
20
10
3
0 1 3 10 30 100
0 0.001
1 0 20 40 60 80 100
Collector to base voltage VCB (V)
Base to emitter resistance RBE (k)
Ambient temperature Ta (C)
2


▲Up To Search▲   

 
Price & Availability of 2SD1051

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X