Part Number Hot Search : 
NTE997 LS103 SR8100SR 472ML FP5109 LTC2223 0A1P3 514280
Product Description
Full Text Search
 

To Download 2SD1025 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SHINDENGEN
Darlington Transistor
2SD1025
(T8L20)
8A NPN
OUTLINE DIMENSIONS
Case : TO-220 Unit : mm
RATINGS
*oeAbsolute Maximum Ratings Item Symbol Conditions Ratings nit U Storage Temperature Tstg -55*+150 *Z Junction Temperature Tj +150 *Z Collector to Base Voltage V 200 V CBO Collector to Emitter Voltage V 200 V CEO Emitter to Base Voltage V 7 V EBO Collector Current DC I 8 A C Collector Current Peak I 12 A CP Base Current DC I 0.5 A B Base Current Peak I 1 A BP Total Transistor DissipationTc = 25*Z P 50 W T Mounting Torque TOR (Recommended torque : 0.3Nm*j 0.5 Nm *oeElectrical Characteristics (Tc=25*Z) Item Symbol Conditions Ratings nit U Collector Cutoff Current V = 200V I Max 0.1 mA CBO CB V = 200V I Max 0.1 CEO CE Emitter Cutoff Current I Max 5 mA EB EBO V = 7V DC Current Gain h V = 3V, I = 5A Min 1,500 FE CE C Max 30,000 Collector to Emitter Saturation 5A V (sat) I = Voltage Max 1.5V CE C Base to Emitter Saturation Voltage V (sat) I = 10mA Max 2.0V BE B Thermal Resistance AEjc Junction to case Max 2.5 *Z/W Transition Frequency fT V = 10V, 0.8A = TYP 20 MHz CE C I Turn on Time ton Max 2 I = 5A C Storage Time ts I =B2 10mA = Max 8 Es B1 I R= 5 L Fall Time tf V = 4V Max 5 BB2
2SD1025
hFE - I C
VCE = 3V Pulse width = 300s
10000 50C
100C
Tc = 150C
DC Current Gain hFE
1000
25C
0C
-25C 1 10 12
100
-55C
0.1
Collector Current IC [A]
2SD1025
Saturation Voltage
3.2 3A 5A 8A 12A 2.8
3.2
1A
2.8
2.4 8A
IC = 0.5A 12A
2.4
2 5A 3A
2
1.6
1.6
1A 1.2
1.2
IC = 0.5A
Collector-Emitter Voltage V CE [V]
0.4
0.4
Tc = 25C Pulse measurement 0 1 10 100 200
0
Base Current IB [mA]
Base-Emitter Voltage V BE [V]
0.8
0.8
2SD1025
10
Switching Time - IC
ts
Switching Time tSW [s]
tf 1
ton
IB1 = 0.002IC IB2 = 0.002IC VBB2 = 4V VCC = 50V Tc = 25C 4 5 6 7 8
0
1
2
3
Collector Current IC [A]
2SD1025
10
Switching Time - Tc
ts
Switching Time tSW [s]
tf
1 ton
IC = 5A IB1 = 10mA IB2 = 10mA VBB2 = 4V VCC = 50V 0 50 100 150
Case Temperature Tc [C]
2SD1025
Transient Thermal Impedance
0.005~5 [s]
1
0.005~5 [ms]
Transient Thermal Impedance jc(t) [C/W]
0.1
10-2
10-1
100
Time t [s, ms]
2SD1025
12 10 10ms DC 1ms
Forward Bias SOA
150s
Collector Current IC [A]
1
0.1
Tc = 25C Single Pulse 10 100 200
Collector-Emitter Voltage VCE [V]
2SD1025
100
Collector Current Derating
Collector Current Derating [%]
80
60 IS/B limit 40 PT limit 20
VCE = fixed 0 0 50 100 150
Case Temperature Tc [C]


▲Up To Search▲   

 
Price & Availability of 2SD1025

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X