Part Number Hot Search : 
56151 ASRD703 P6SMB62 LBS70A22 24000 74LVC74A 89C516RD C25P05Q
Product Description
Full Text Search
 

To Download 2SC5032 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Power Transistors
2SC5032
Silicon NPN triple diffusion planar type
For high breakdown voltage high-speed switching
Unit: mm
4.60.2
s Features
q q q q q
3.20.1
9.90.3
2.90.2
4.10.2 8.00.2 Solder Dip
13.7-0.2
+0.5
High-speed switching High collector to base voltage VCBO Wide area of safe operation (ASO) Satisfactory linearity of foward current transfer ratio hFE Full-pack package with outstanding insulation, which can be installed to the heat sink with one screw (TC=25C)
Ratings 500 500 400 7 6 3 1.2 30 2 150 -55 to +150 Unit V
15.00.3
3.00.2
1.20.15 1.450.15 0.750.1 2.540.2 5.080.4 123
2.60.1 0.70.1
s Absolute Maximum Ratings
Parameter Collector to base voltage Collector to emitter voltage Emitter to base voltage Peak collector current Collector current Base current Collector power TC=25C dissipation Ta=25C Junction temperature Storage temperature Symbol VCBO VCES VCEO VEBO ICP IC IB PC Tj Tstg
7
V V V A A A W C C
1:Base 2:Collector 3:Emitter TO-220E Full Pack Package
s Electrical Characteristics
Parameter Collector cutoff current Emitter cutoff current Collector to emitter voltage Forward current transfer ratio Collector to emitter saturation voltage Base to emitter saturation voltage Transition frequency Turn-on time Storage time Fall time
(TC=25C)
Symbol ICBO IEBO VCEO hFE1 hFE2 VCE(sat) VBE(sat) fT ton tstg tf Conditions VCB = 500V, IE = 0 VEB = 5V, IC = 0 IC = 10mA, IB = 0 VCE = 5V, IC = 0.1A VCE = 2V, IC = 1.2A IC = 1.5A, IB = 0.3A IC = 1.5A, IB = 0.3A VCE = 10V, IC = 0.2A, f = 1MHz IC = 1.5A, IB1 = 0.15A, IB2 = - 0.3A, VCC = 200V 10 1.0 3.0 0.3 400 10 8 40 1.0 1.5 V V MHz s s s min typ max 100 100 Unit A A V
1
Power Transistors
PC -- Ta
40 6 TC=25C (1) TC=Ta (2) With a 100 x 100 x 2mm Al heat sink (3) Without heat sink (PC=2W)
2SC5032
IC -- VCE
Collector to emitter saturation voltage VCE(sat) (V)
100 IC/IB=5 30 10 3 1 0.3 0.1 0.03 0.01 0.1 TC=100C 25C -25C
VCE(sat) -- IC
Collector power dissipation PC (W)
5
30
Collector current IC (A)
(1)
IB=500mA 4 400mA 300mA 3 200mA 100mA 50mA 1
20
2
10 (2)
(3) 0 0 20 40 60 80 100 120 140 160 0 0 2 4 6 8 10 12
0.3
1
3
10
30
100
Ambient temperature Ta (C)
Collector to emitter voltage VCE (V)
Collector current IC (A)
VBE(sat) -- IC
100
hFE -- IC
IC/IB=5 1000 VCE=5V 100
fT -- IC
VCE=10V f=1MHz TC=25C
Base to emitter saturation voltage VBE(sat) (V)
Forward current transfer ratio hFE
30
300
Transition frequency fT (MHz)
0.3 1 3 10
30
10
100 TC=125C 30 25C 10 -25C
10
3 TC=-25C 125C 25C 0.3
3
1
1
3
0.3
0.1 0.1
0.3
1
3
10
30
100
1 0.01 0.03
0.1
0.1 0.01 0.03
0.1
0.3
1
3
10
Collector current IC (A)
Collector current IC (A)
Collector current IC (A)
Cob -- VCB
1000 100 IE=0 f=1MHz TC=25C 30
ton, tstg, tf -- IC
Pulsed tw=1ms Duty cycle=1% IC/IB=10 (2IB1=-IB2) VCC=200V TC=25C tstg
Area of safe operation (ASO)
100 30 Non repetitive pulse TC=25C
Collector output capacitance Cob (pF)
Switching time ton,tstg,tf (s)
300
Collector current IC (A)
10 3 1 ton 0.3 0.1 0.03
10 3 1 0.3 0.1 0.03 0.01
100
ICP IC 10ms DC t=1ms
30
10
tf
3
1 1 3 10 30 100
0.01 0 1 2 3 4
1
3
10
30
100
300
1000
Collector to base voltage VCB (V)
Collector current IC (A)
Collector to emitter voltage VCE (V)
2
Power Transistors
Area of safe operation, reverse bias ASO
4.0 3.5 Lcoil=100H IC/IB=5 (IB1=-IB2) TC=25C
2SC5032
Reverse bias ASO measuring circuit
L coil IB1 Vin T.U.T IC
Collector current IC (A)
3.0 2.5 2.0 1.5 1.0 0.5 0 0
IC
-IB2
VCC
tW
Vclamp
100 200 300 400 500 600 700 800
Collector to emitter voltage VCE (V)
Rth(t) -- t
10000 Note: Rth was measured at Ta=25C and under natural convection. (1) PT=10V x 0.2A (2W) and without heat sink (2) PT=10V x 1.0A (10W) and with a 100 x 100 x 2mm Al heat sink
Thermal resistance Rth(t) (C/W)
1000
100
(1)
10
(2)
1
0.1 10-4
10-3
10-2
10-1
1
10
102
103
104
Time t (s)
3


▲Up To Search▲   

 
Price & Availability of 2SC5032

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X