Part Number Hot Search : 
TC124E SM101 FAM3D50J C8051 LTC23 WE301M BL12864J FN4854
Product Description
Full Text Search
 

To Download 2SC4043S Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Transistors
2SC5662 / 2SC4726 / 2SC4083 / 2SC3838K / 2SC4043S
High-Frequency Amplifier Transistor (11V, 50mA, 3.2GHz)
2SC5662 / 2SC4726 / 2SC4083 / 2SC3838K / 2SC4043S
!Features 1) High transition frequency. (Typ. fT= 1.5GHz) 2) Small rbb'Cc and high gain. (Typ. 4ps) 3) Small NF. !External dimensions (Units : mm)
2SC5662
0.2
1.2 0.32
(3) (1)
1.2 0.8
(2)
0.2
0.4 0.4 0.8
0.5
0.22
0.15Max.
! Absolute maximum ratings (Ta=25C)
Parameter Collector-base voltage Collector-emitter voltage Emitter-base voltage Collector current 2SC5662, 2SC4726 Collector power 2SC4083, 2SC3838K dissipation 2SC4043S Junction temperature Storage temperature Symbol VCBO VCEO VEBO IC PC Tj Tstg Limits 20 11 3 50 0.15 0.2 0.3 150 -55~+150 Unit V V V mA W
ROHM : VMT3
0.2
(1) Base (2) Emitter (3) Collector
2SC4726
(1) (2)
0.13 0to0.1
0.5 0.5
1.0
0.3
(3)
0.8 1.6
0.15
0.2
0.55
C C
0.1Min.
(1)
2SC4083
0.3
0to0.1
ROHM : EMT3 EIAJ : SC-75A
0.7
1.6
(1) Emitter (2) Base (3) Collector
0.65 0.65
!Packaging specifications and hFE
Type Package hFE Marking Code Basic ordering unit (pieces) 2SC5662 VMT3 NP AD T2L 8000 2SC4726 EMT3 NP AD TL 3000 2SC4083 UMT3 NP 1D T106 3000 2SC3838K SMT3 NP AD T146 3000 2SC4043S SPT P - TP 5000
(3)
1.25 2.1
0.2
(2)
1.3
2.0
0.1to0.4
0to0.1
ROHM : UMT3 EIAJ : SC-70
(1) Emitter (2) Base (3) Collector
0.15
Each lead has same dimensions
2SC3838K
0.4
(3)
(1)
1.6 2.8
0.95 0.95 1.9 2.9
(2)
0.7
0.9
ROHM : SMT3 EIAJ : SC-59
(1) Emitter (2) Base (3) Collector
0.15
0.3to0.6
0to0.1
Each lead has same dimensions
2SC4043S
3
4
(15Min.)
3Min.
0.45
2.5
0.5 0.45
0.8
2
1.1
ROHM : SPT EIAJ : SC-72
5 (1) (2) (3)
(1) Emitter (2) Collector (3) Base
Taping specifications
1/2
Transistors
!Absolute maximum ratings (Ta=25C)
Parameter Collector-base breakdown voltage Collector-emitter breakdown voltage Emitter-base breakdown voltage Collector cutoff current Emitter cutoff current Collector-emitter saturation voltage DC current transfer ratio 2SC5662, 2SC4726, 2SC4083, 2SC3838K 2SC4043S Transition frequency Output capacitance Collector-base time constant Noise factor fT Cob rbb'Cc NF Symbol BVCBO BVCEO BVEBO ICBO IEBO VCE(sat) Min. 20 11 3 - - - 56 82 1.4 - - - Typ. - - - - - - - - 3.2 0.8 4 3.5 Max. - - - 0.5 0.5 0.5 180 180 - 1.5 12 -
2SC5662 / 2SC4726 / 2SC4083 / 2SC3838K / 2SC4043S
Unit V V V A A V IC = 10A IC = 1mA IE = 10A VCB = 10V VEB = 2V IC/IB = 10mA/5mA Conditions
hFE
-
VCE/IC = 10V/5mA
GHz pF ps dB
VCE = 10V , IE = 10mA , f = 500MHz VCB = 10V , IE = 0A , f = 1MHz VCB = 10V , IC = 10mA , f = 31.8MHz VCE = 6V , IC = 2mA , f = 500MHz , Rg = 50
2/2


▲Up To Search▲   

 
Price & Availability of 2SC4043S

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X