Part Number Hot Search : 
ISL28 030408 MAX2388 TOP234 2SA1887 FS70H MA26376 AD295
Product Description
Full Text Search
 

To Download 2SB976 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Transistor
2SB976
Silicon PNP epitaxial planer type
For low-frequency output amplification For DC-DC converter For stroboscope
Unit: mm
5.00.2 4.00.2
s Features
q q
s Absolute Maximum Ratings
Parameter Collector to base voltage Collector to emitter voltage Emitter to base voltage Peak collector current Collector current Collector power dissipation Junction temperature Storage temperature Symbol VCBO VCEO VEBO ICP IC PC Tj Tstg
(Ta=25C)
Ratings -27 -18 -7 -8 -5 0.75 150 -55 ~ +150 Unit V V
123 0.45 -0.1 1.27
+0.2
13.50.5
Low collector to emitter saturation voltage VCE(sat). Large collector current IC.
5.10.2
0.45 -0.1
1.27
+0.2
2.30.2
V A A W C C
2.540.15
1:Emitter 2:Collector 3:Base JEDEC:TO-92 EIAJ:SC-43A
s Electrical Characteristics
Parameter Collector cutoff current Emitter cutoff current Collector to emitter voltage Emitter to base voltage Forward current transfer ratio Collector to emitter saturation voltage Transition frequency Collector output capacitance
(Ta=25C)
Symbol ICBO IEBO VCEO VEBO hFE fT Cob
*1
Conditions VCB = -10V, IE = 0 VEB = -5V, IC = 0 IC = -1mA, IB = 0 IE = -10A, IC = 0 VCE = -2V, IC = -2A*2 IC = -3A, IB = -0.1A*2 VCB = -6V, IE = 50mA, f = 200MHz VCB = -20V, IE = 0, f = 1MHz
min
typ
max -100 -1
Unit nA A V V
-18 -7 125 - 0.4 120 60
*2
625 -1 V MHz pF Pulse measurement
VCE(sat)
*1h
FE
Rank classification
Q 125 ~ 205 R 180 ~ 625
Rank hFE
1
Transistor
PC -- Ta
1.0 -6 Ta=25C IB=-40mA -5 -35mA -30mA -25mA -4 -20mA -15mA -10mA -2 -5mA -1 -1mA 0 0 20 40 60 80 100 120 140 160 0 -2 -4 -6 -8 -10 -12 0 0 - 0.4 - 0.8 -10
2SB976
IC -- VCE
-12 VCE=-2V
IC --VBE
Collector power dissipation PC (W)
0.9
Collector current IC (A)
0.7 0.6 0.5 0.4 0.3 0.2 0.1 0
Collector current IC (A)
0.8
-8 Ta=75C -6
25C
-3
-25C
-4
-2
-1.2
-1.6
-2.0
Ambient temperature Ta (C)
Collector to emitter voltage VCE (V)
Base to emitter voltage VBE (V)
VCE(sat) -- IC
Collector to emitter saturation voltage VCE(sat) (V)
-100 -30 -10 -3 -1 Ta=75C 25C -25C IC/IB=30 1000 900
hFE -- IC
240 VCE=-2V
fT -- I E
VCB=-6V Ta=25C
Forward current transfer ratio hFE
Transition frequency fT (MHz)
-1 -3 -10
800 700 600 500 Ta=75C 400 300 200 100 0 - 0.01 - 0.03 - 0.1 - 0.3 25C -25C
200
160
120
- 0.3 - 0.1 - 0.03
80
40
- 0.01 - 0.01 - 0.03 - 0.1 - 0.3
0 1 3 10 30 100
-10
-30
-100
Collector current IC (A)
Collector current IC (A)
Emitter current IE (mA)
Cob -- VCB
200
Collector output capacitance Cob (pF)
180 160 140 120 100 80 60 40 20 0 -1
IE=0 f=1MHz Ta=25C
-3
-10
-30
-100
Collector to base voltage VCB (V)
2


▲Up To Search▲   

 
Price & Availability of 2SB976

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X