Part Number Hot Search : 
36BCP 20022HS SSD3030P B140N PIC18 42827 C124EU LTC38
Product Description
Full Text Search
 

To Download 2SB948 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Power Transistors
2SB948, 2SB948A
Silicon PNP epitaxial planar type
For low-voltage switching Complementary to 2SD1445 and 2SD1445A
0.70.1
Unit: mm
10.00.2 5.50.2 2.70.2 4.20.2 3.10.1 1.40.1 1.30.2 0.5 +0.2 -0.1 0.80.1 2.540.25 5.080.5 1 2 3 4.20.2
s Features
q q q
16.70.3 14.00.5
Low collector to emitter saturation voltage VCE(sat) High-speed switching Full-pack package which can be installed to the heat sink with one screw (TC=25C)
Ratings -40 -50 -20 -40 -5 -20 -10 40 2 150 -55 to +150 Unit V
s Absolute Maximum Ratings
Parameter Collector to base voltage Collector to 2SB948 2SB948A 2SB948 Symbol VCBO VCEO VEBO ICP IC PC Tj Tstg
emitter voltage 2SB948A Emitter to base voltage Peak collector current Collector current Collector power TC=25C dissipation Ta=25C Junction temperature Storage temperature
V V A A W C C
Solder Dip
4.0
7.50.2
1:Base 2:Collector 3:Emitter TO-220 Full Pack Package(a)
s Electrical Characteristics
Parameter Collector cutoff current Emitter cutoff current Collector to emitter voltage 2SB948 2SB948A
(TC=25C)
Symbol ICBO IEBO VCEO hFE1 hFE2
*
Conditions VCB = -40V, IE = 0 VEB = -5V, IC = 0 IC = -10mA, IB = 0 VCE = -2V, IC = - 0.1A VCE = -2V, IC = -3A IC = -10A, IB = - 0.33A IC = -10A, IB = - 0.33A VCE = -10V, IC = - 0.5A, f = 10MHz VCB = -10V, IE = 0, f = 1MHz IC = -3A, IB1 = - 0.1A, IB2 = 0.1A
min
typ
max -50 -50
Unit A A V
-20 -40 45 90 260 - 0.6 -1.5 100 400 0.1 0.5 0.1
Forward current transfer ratio Collector to emitter saturation voltage Base to emitter saturation voltage Transition frequency Collector output capacitance Turn-on time Storage time Fall time
*h FE2
VCE(sat) VBE(sat) fT Cob ton tstg tf
V V MHz pF s s s
Rank classification
Q 90 to 180 P 130 to 260
Rank hFE2
1
Power Transistors
PC -- Ta
50 -12 (1) TC=Ta (2) With a 100 x 100 x 2mm Al heat sink (3) With a 50 x 50 x 2mm Al heat sink (4) Without heat sink (PC=2W) IB=-100mA -10 -80mA -60mA -50mA -40mA -6 -35mA -30mA -25mA -4 -20mA -15mA -2 -10mA -5mA 0 0 20 40 60 80 100 120 140 160 0 -2 -4 -6 -8 -10 -12 TC=25C
2SB948, 2SB948A
IC -- VCE
Collector to emitter saturation voltage VCE(sat) (V)
-10
VCE(sat) -- IC
IC/IB=30
Collector power dissipation PC (W)
Collector current IC (A)
40
-3
-8
-1 TC=100C 25C -25C
30
(1) 20
- 0.3
- 0.1
10 (3) (4) 0
(2)
- 0.03
- 0.01 - 0.1
- 0.3
-1
-3
-10
Ambient temperature Ta (C)
Collector to emitter voltage VCE (V)
Collector current IC (A)
VBE(sat) -- IC
-10
hFE -- IC
IC/IB=30 10000 VCE=-2V 10000 3000 1000 300 100 30 10 3
fT -- IC
VCE=-10V f=10MHz TC=25C
Base to emitter saturation voltage VBE(sat) (V)
Forward current transfer ratio hFE
-3 TC=-25C 100C 25C
1000 300 100 -25C 30 10 3 1 - 0.1 - 0.3 25C
-1
TC=100C
- 0.3
- 0.1
- 0.03
- 0.01 - 0.1
Transition frequency fT (MHz)
-10 -30 -100
3000
- 0.3
-1
-3
-10
-1
-3
1 - 0.01 - 0.03 - 0.1 - 0.3
-1
-3
-10
Collector current IC (A)
Collector current IC (A)
Collector current IC (A)
Cob -- VCB
10000 10 IE=0 f=1MHz TC=25C
ton, tstg, tf -- IC
Pulsed tw=1ms Duty cycle=1% IC/IB=30 (-IB1=IB2) VCC=-20V TC=25C tstg 0.3 ton 0.1 tf 0.03
Area of safe operation (ASO)
-100 -30 Non repetitive pulse TC=25C ICP t=1ms -10 -3 -1 IC 10ms DC
Collector output capacitance Cob (pF)
3000 1000 300 100 30 10 3 1 - 0.1 - 0.3
Switching time ton,tstg,tf (s)
3
1
Collector current IC (A)
- 0.3 - 0.1 - 0.03
0.01 -1 -3 -10 -30 -100 0 -1 -2 -3 -4 -5 -6 -7 -8
- 0.01 - 0.1 - 0.3
-1
-3
-10
-30
Collector to base voltage VCB (V)
Collector current IC (A)
Collector to emitter voltage VCE (V)
2
2SB948A
-100
2SB948
Power Transistors
Rth(t) -- t
103 (1) Without heat sink (2) With a 100 x 100 x 2mm Al heat sink (1)
2SB948, 2SB948A
Thermal resistance Rth(t) (C/W)
102
10
(2)
1
10-1
10-2 10-4
10-3
10-2
10-1
1
10
102
103
104
Time t (s)
3


▲Up To Search▲   

 
Price & Availability of 2SB948

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X