Part Number Hot Search : 
NLD06 TS900707 AJ011B18 ADM705AN P8563 CXXXX 100K1 C3030
Product Description
Full Text Search
 

To Download 2SB940 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Power Transistors
2SB940, 2B940A
Silicon PNP epitaxial planar type
For power amplification For TV vertical deflection output Complementary to 2SD1264 and 2SD1264A
Unit: mm
0.70.1 10.00.2 5.50.2 2.70.2 4.20.2 3.10.1 1.40.1 1.30.2 0.5 +0.2 -0.1 0.80.1 2.540.25 5.080.5 1 2 3 4.20.2
q q
16.70.3 14.00.5
q
High collector to emitter voltage VCEO Large collector power dissipation PC Full-pack package which can be installed to the heat sink with one screw
s
Absolute Maximum Ratings (TC=25C)
Parameter Symbol VCBO VCEO VEBO ICP IC PC Tj Tstg Ratings -200 -200 -150 -180 -6 -3 -2 30 2 150 -55 to +150 Unit V 2SB940 2SB940A 2SB940
Collector to base voltage Collector to
emitter voltage 2SB940A Emitter to base voltage Peak collector current Collector current Collector power TC=25C dissipation Ta=25C Junction temperature Storage temperature
V V A A W C C
Solder Dip
4.0
7.50.2
s Features
1:Base 2:Collector 3:Emitter TO-220 Full Pack Package(a)
s Electrical Characteristics
Parameter Collector cutoff current Emitter cutoff current Collector to base voltage Collector to emitter voltage 2SB940 2SB940A
(TC=25C)
Symbol ICBO IEBO VCBO VCEO VEBO hFE1 hFE2 VBE VCE(sat) fT
*
Conditions VCB = -200V, IE = 0 VEB = -4V, IC = 0 IC = -50A, IE = 0 IC = -5mA, IB = 0 IE = -500A, IC = 0 VCE = -10V, IC = -150mA VCE = -10V, IC = -400mA VCE = -10V, IC = -400mA IC = -500mA, IB = -50mA VCE = -10V, IC = - 0.5A, f = 10MHz
min
typ
max -50 -50
Unit A A V V V
-200 -150 -180 -6 60 50 -1 -1 30 240
Emitter to base voltage Forward current transfer ratio Base to emitter voltage Collector to emitter saturation voltage Transition frequency
*h FE1
V V MHz
Rank classification
Q 60 to 140 P 100 to 240
Rank hFE1
1
Power Transistors
PC -- Ta
50 -600 (1) TC=Ta (2) With a 100 x 100 x 2mm Al heat sink (3) With a 50 x 50 x 2mm Al heat sink (4) Without heat sink (PC=2W) TC=25C -500 IB=-4.5mA -4.0mA -3.5mA -3.0mA -2.5mA -2.0mA -1.5mA -1.0mA - 0.5mA 0 0 20 40 60 80 100 120 140 160 0 -2 -4 -6 -8 -10 -12 0 0
2SB940, 2SB940A
IC -- VCE
-2.0 VCE=-10V
IC -- VBE
Collector power dissipation PC (W)
Collector current IC (A)
Collector current IC (A)
40
-1.6 25C -1.2 TC=100C
-400
30
-300
(1) 20
- 0.8 -25C
-200
10 (3) (4) 0
(2)
-100
- 0.4
- 0.2
- 0.4
- 0.6
- 0.8
-1.0
Ambient temperature Ta (C)
Collector to emitter voltage VCE (V)
Base to emitter voltage VBE (V)
VCE(sat) -- IC
Collector to emitter saturation voltage VCE(sat) (V)
10000 -10 IC/IB=10
hFE -- IC
10000 VCE=-10V 3000 1000 300 100 30 10 3
fT -- IC
VCE=-10V f=10MHz TC=25C
Forward current transfer ratio hFE
-3
1000 300 100 -25C 30 10 3 1 - 0.01 - 0.03 - 0.1 - 0.3 TC=100C 25C
-1 TC=100C 25C -25C
- 0.3
- 0.1
- 0.03
- 0.01 - 0.01 - 0.03
Transition frequency fT (MHz)
-1 -3 -10
3000
- 0.1
- 0.3
-1
-3
1 - 0.01 - 0.03 - 0.1 - 0.3
-1
-3
-10
Collector current IC (A)
Collector current IC (A)
Collector current IC (A)
Area of safe operation (ASO)
-100 -30 103 Non repetitive pulse TC=25C
Rth(t) -- t
(1) Without heat sink (2) With a 100 x 100 x 2mm Al heat sink (1)
Thermal resistance Rth(t) (C/W)
Collector current IC (A)
102
-10 -3 -1 ICP t=0.5ms IC 5ms 1ms
10
(2)
- 0.3 DC - 0.1 - 0.03 - 0.01 -1
1
2SB940A
10-1
2SB940
-3
-10
-30
-100 -300 -1000
10-2 10-4
10-3
10-2
10-1
1
10
102
103
104
Collector to emitter voltage VCE
(V)
Time t (s)
2


▲Up To Search▲   

 
Price & Availability of 2SB940

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X