Part Number Hot Search : 
SDR620DZ P1402 NTE5907 10QA3 TEA6849H 2M18X3 CT2040 TS2938
Product Description
Full Text Search
 

To Download 2SB929 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Power Transistors
2SB929, 2SB929A
Silicon PNP epitaxial planar type
10.00.3 1.50.1
8.50.2 6.00.5 3.40.3
Unit: mm
1.00.1
For power amplification Complementary to 2SD1252 and 2SD1252A
s Features
q q q
High forward current transfer ratio hFE which has satisfactory linearity Low collector to emitter saturation voltage VCE(sat) N type package enabling direct soldering of the radiating fin to the printed circuit board, etc. of small electronic equipment.
1.5max.
1.1max.
10.5min.
2.0
0.80.1
0.5max.
2.540.3 5.080.5 1 2 3
s
Absolute Maximum Ratings (TC=25C)
Parameter Symbol VCBO VCEO VEBO ICP IC PC Tj Tstg Ratings -60 -80 -60 -80 -5 -5 -3 35 1.3 150 -55 to +150 Unit V 2SB929 2SB929A 2SB929
Collector to base voltage Collector to
1:Base 2:Collector 3:Emitter N Type Package Unit: mm
3.40.3 1.00.1
8.50.2 6.00.3
emitter voltage 2SB929A Emitter to base voltage Peak collector current Collector current Collector power TC=25C dissipation Ta=25C Junction temperature Storage temperature
V
14.70.5 4.40.5 0 to 0.4
V A A W
10.00.3
1.5-0.4
4.40.5
2.0
0.80.1 2.540.3
R0.5 R0.5 1.1 max.
5.080.5
C C
1 2 3
s Electrical Characteristics
Parameter Collector cutoff current Collector cutoff current Emitter cutoff current Collector to emitter voltage 2SB929 2SB929A 2SB929 2SB929A 2SB929 2SB929A
(TC=25C)
Symbol ICES ICEO IEBO VCEO hFE1* hFE2 VBE VCE(sat) fT ton tstg tf IC = -1A, IB1 = - 0.1A, IB2 = 0.1A Conditions VCE = -60V, VBE = 0 VCE = -80V, VBE = 0 VCE = -30V, IB = 0 VCE = -60V, IB = 0 VEB = -5V, IC = 0 IC = -30mA, IB = 0 VCE = -4V, IC = -1A VCE = -4V, IC = -3A VCE = -4V, IC = -3A IC = -3A, IB = - 0.375A VCE = -10V, IC = - 0.5A, f = 10MHz 30 0.5 1.2 0.3 -60 -80 70 10 min typ
1:Base 2:Collector 3:Emitter N Type Package (DS)
max -200 -200 -300 -300 -1
3.0-0.2
+0.4
+0
Unit A A mA V
Forward current transfer ratio Base to emitter voltage Collector to emitter saturation voltage Transition frequency Turn-on time Storage time Fall time
*h FE1
250
-1.8 -1.2
V V MHz s s s
Rank classification
Q 70 to 150 P 120 to 250 Note: Ordering can be made by the common rank (PQ rank hFE1 = 70 to 250) in the rank classification.
Rank hFE1
1
Power Transistors
PC -- Ta
40
2SB929, 2SB929A
IC -- VCE
-6 TC=25C -5 -10 VCE=-4V
IC -- VBE
Collector power dissipation PC (W)
35 30 25 20 15 10 5 (3) 0 0 20 40
Collector current IC (A)
IB=-100mA -4 -80mA -60mA -3 -40mA -30mA -20mA
Collector current IC (A)
(1) TC=Ta (2) With a 50 x 50 x 2mm Al heat sink (3) Without heat sink (PC=1.3W)
-8
-6 25C TC=100C -4 -25C
(1)
-2
-1 (2) 0 60 80 100 120 140 160 0 -2 -16mA -4 -6 -8
-12mA -8mA -4mA
-2
0 -10 -12 0 - 0.4 - 0.8 -1.2 -1.6 -2.0
Ambient temperature Ta (C)
Collector to emitter voltage VCE (V)
Base to emitter voltage VBE (V)
VCE(sat) -- IC
Collector to emitter saturation voltage VCE(sat) (V)
-100 IC/IB=10 -30 -10 -3 -1 10000
hFE -- IC
10000 VCE=-4V 3000 1000 300 100 30 10 3
fT -- IC
VCE=-5V f=10MHz TC=25C
Forward current transfer ratio hFE
1000 300 100 30 10 3 1 - 0.01 - 0.03 - 0.1 - 0.3 25C
TC=100C -25C
- 0.3 TC=100C -25C 25C - 0.1 - 0.03
- 0.01 - 0.01 - 0.03 - 0.1 - 0.3
Transition frequency fT (MHz)
-1 -3 -10
3000
-1
-3
-10
1 - 0.01 - 0.03 - 0.1 - 0.3
-1
-3
-10
Collector current IC (A)
Collector current IC (A)
Collector current IC (A)
Area of safe operation (ASO)
-10 ICP -3 IC 10ms -1 t=1ms 103 Non repetitive pulse TC=25C
Rth(t) -- t
(1) Without heat sink (2) With a 50 x 50 x 2mm Al heat sink (1) (2) 10
Thermal resistance Rth(t) (C/W)
Collector current IC (A)
102
- 0.3
300ms
1
- 0.1
2SB929
- 0.03
2SB929A
10-1
- 0.01 -1
-3
-10
-30
-100 -300 -1000
10-2 10-4
10-3
10-2
10-1
1
10
102
103
104
Collector to emitter voltage VCE
(V)
Time t (s)
2


▲Up To Search▲   

 
Price & Availability of 2SB929

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X