Part Number Hot Search : 
UF100 SAA570 SB260 CYT9174 2N4449 EB623R50 MB2400 2N4449
Product Description
Full Text Search
 

To Download 2SB928 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Power Transistors
2SB928, 2SB928A
Silicon PNP epitaxial planar type
For power amplification For TV vartical deflection output Complementary to 2SD1250 and 2SD1250A
8.50.2 6.00.5 3.40.3
Unit: mm
1.00.1
10.00.3
1.50.1
10.5min.
q q q
High collector to emitter VCEO High collector power dissipation PC N type package enabling direct soldering of the radiating fin to the printed circuit board, etc. of small electronic equipment. (TC=25C)
Ratings -200 -150 -180 -6 -3 -2 30 1.3 150 -55 to +150 Unit V
2.0
s Features
1.5max.
1.1max.
0.80.1
0.5max.
2.540.3 5.080.5 1 2 3
s Absolute Maximum Ratings
Parameter Collector to base voltage Collector to 2SB928 Symbol VCBO VCEO VEBO ICP IC PC Tj Tstg
1:Base 2:Collector 3:Emitter N Type Package Unit: mm
3.40.3 1.00.1
8.50.2 6.00.3
1.5-0.4
Emitter to base voltage Peak collector current Collector current Collector power TC=25C dissipation Ta=25C Junction temperature Storage temperature
V
2.0
3.0-0.2
A A
4.40.5
0.80.1 2.540.3
R0.5 R0.5 1.1 max.
0 to 0.4
5.080.5
W C C
1 2 3
1:Base 2:Collector 3:Emitter N Type Package (DS)
s Electrical Characteristics
Parameter Collector cutoff current Emitter cutoff current Collector to base voltage Collector to emitter voltage 2SB928 2SB928A
(TC=25C)
Symbol ICBO IEBO VCBO VCEO VEBO hFE1 hFE2 VBE VCE(sat) fT
*
Conditions VCB = -200V, IE = 0 VEB = -4V, IC = 0 IC = -500A, IE = 0 IC = -5mA, IB = 0 IE = -500A, IC = 0 VCE = -10V, IC = -150mA VCE = -10V, IC = -400mA VCE = -10V, IC = -400mA IC = -500mA, IB = -50mA VCE = -10V, IC = - 0.5A, f = 10MHz
min
typ
max -50 -50
4.40.5
Unit A A V V V
-200 -150 -180 -6 60 50 -1 -1 30 240
Emitter to base voltage Forward current transfer ratio Base to emitter voltage Collector to emitter saturation voltage Transition frequency
*h FE1
V V MHz
Rank classification
Q 60 to 140 P 100 to 240
Rank hFE1
Note: Ordering can be made by the common rank (PQ rank hFE1 = 60 to 240) in the rank classification.
14.70.5
emitter voltage 2SB928A
10.00.3
V
+0.4
+0
1
Power Transistors
PC -- Ta
40 -600 TC=25C (1) TC=Ta (2) With a 50 x 50 x 2mm Al heat sink (3) Without heat sink (PC=1.3W)
2SB928, 2SB928A
IC -- VCE
-2.0 VCE=-10V
IC -- VBE
Collector power dissipation PC (W)
-500
IB=-4.5mA -4.0mA -3.5mA -3.0mA -2.5mA -2.0mA -1.5mA -1.0mA - 0.5mA
Collector current IC (A)
30
Collector current IC (A)
(1)
-1.6 25C -1.2 TC=100C
-400
20
-300
- 0.8 -25C
-200
10 (2) (3) 0 0 20 40 60 80 100 120 140 160
-100
- 0.4
0 0 -2 -4 -6 -8 -10 -12
0 0 - 0.2 - 0.4 - 0.6 - 0.8 -1.0
Ambient temperature Ta (C)
Collector to emitter voltage VCE (V)
Base to emitter voltage VBE (V)
VCE(sat) -- IC
Collector to emitter saturation voltage VCE(sat) (V)
10000 -10 IC/IB=10
hFE -- IC
10000 VCE=-10V 3000 1000 300 100 30 10 3
fT -- IC
VCE=-10V f=10MHz TC=25C
Forward current transfer ratio hFE
-3
1000 300 100 -25C 30 10 3 1 - 0.01 - 0.03 - 0.1 - 0.3 TC=100C 25C
-1 TC=100C 25C -25C
- 0.3
- 0.1
- 0.03
- 0.01 - 0.01 - 0.03
Transition frequency fT (MHz)
-1 -3 -10
3000
- 0.1
- 0.3
-1
-3
1 - 0.01 - 0.03 - 0.1 - 0.3
-1
-3
-10
Collector current IC (A)
Collector current IC (A)
Collector current IC (A)
Area of safe operation (ASO)
-10 ICP IC -1 5ms 103 Non repetitive pulse TC=25C t=0.5ms 1ms
Rth(t) -- t
(1) Without heat sink (2) With a 50 x 50 x 2mm Al heat sink (1) (2) 10
-3
Thermal resistance Rth(t) (C/W)
Collector current IC (A)
102
- 0.3
300ms
1
- 0.1
2SB928
- 0.03
2SB928A
10-1
- 0.01 -1
-3
-10
-30
-100 -300 -1000
10-2 10-4
10-3
10-2
10-1
1
10
102
103
104
Collector to emitter voltage VCE
(V)
Time t (s)
2


▲Up To Search▲   

 
Price & Availability of 2SB928

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X