Part Number Hot Search : 
LA9240M NJM2867 SF608 SPMC802 51256 PLVA659A SKIIP 7333N
Product Description
Full Text Search
 

To Download 2SB788 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Transistor
2SB788
Silicon PNP epitaxial planer type
For high breakdown voltage low-noise amplification Complementary to 2SD958
6.90.1 1.5 2.50.1 1.0
1.0 2.40.2 2.00.2 3.50.1
Unit: mm
s Features
q q q
1.5 R0.9 R0.9
0.85
s Absolute Maximum Ratings
Parameter Collector to base voltage Collector to emitter voltage Emitter to base voltage Peak collector current Collector current Collector power dissipation Junction temperature Storage temperature Symbol VCBO VCEO VEBO ICP IC PC Tj Tstg
(Ta=25C)
Ratings -120 -120 -7 -50 -20 400 150 -55 ~ +150 Unit V V V mA mA mW C C
1:Base 2:Collector 3:Emitter
3
0.550.1
1.250.05
0.450.05
2
1
2.5
2.5
EIAJ:SC-71 M Type Mold Package
s Electrical Characteristics
Parameter Collector cutoff current Collector to base voltage Collector to emitter voltage Emitter to base voltage Forward current transfer ratio Collector to emitter saturation voltage Transition frequency Noise voltage
(Ta=25C)
Symbol ICBO ICEO VCBO VCEO VEBO hFE* VCE(sat) fT NV Conditions VCB = -50V, IE = 0 VCE = -50V, IB = 0 IC = -10A, IE = 0 IC = -1mA, IB = 0 IE = -10A, IC = 0 VCE = -5V, IC = -2mA IC = -20mA, IB = -2mA VCB = -5V, IE = 2mA, f = 200MHz VCE = 40V, IC = -1mA, GV = 80dB, Rg = 100k, Function = FLAT 150 150 -120 -120 -7 180 700 - 0.6 V MHz mV min typ max -100 -1 Unit nA A V V V
*h
FE
Rank classification
R 180 ~ 360 S 260 ~ 520 T 360 ~ 700 hFE
Rank
4.10.2
High collector to emitter voltage VCEO. Low noise voltage NV. M type package allowing easy automatic and manual insertion as well as stand-alone fixing to the printed circuit board.
0.4
1.00.1
R
0.
4.50.1
7
1
Transistor
PC -- Ta
500 -60 VCE=-5V 450 -50 25C
2SB788
IC -- VBE
Collector to emitter saturation voltage VCE(sat) (V)
-100 -30 -10 -3 -1
VCE(sat) -- IC
IC/IB=10
Collector power dissipation PC (mW)
Collector current IC (mA)
400 350 300 250 200 150 100 50 0 0 20 40 60 80 100 120 140 160
-40
Ta=75C
-25C
-30
-20
- 0.3 - 0.1
25C
Ta=75C
-10
-25C
- 0.03 - 0.01 - 0.1 - 0.3
0 0 - 0.4 - 0.8 -1.2 -1.6 -2.0
-1
-3
-10
-30
-100
Ambient temperature Ta (C)
Base to emitter voltage VBE (V)
Collector current IC (mA)
hFE -- IC
600 VCE=-5V 320 280 240 200 160 120 80 40 0 - 0.1 - 0.3 0 0.1
fT -- I E
5
Cob -- VCB
Collector output capacitance Cob (pF)
VCB=-10V Ta=25C IE=0 f=1MHz Ta=25C 4
Forward current transfer ratio hFE
500 Ta=75C 400 25C -25C
Transition frequency fT (MHz)
3
300
2
200
100
1
-1
-3
-10
-30
-100
0.3
1
3
10
30
100
0 -1
-3
-10
-30
-100
Collector current IC (mA)
Emitter current IE (mA)
Collector to base voltage VCB (V)
NV -- IC
120 VCE=-10V GV=80dB Function=FLAT
100
Noise voltage NV (mV)
80
Rg=100k
60 22k 40 4.7k 20
0 - 0.01
- 0.03
- 0.1
- 0.3
-1
Collector current IC (mA)
2


▲Up To Search▲   

 
Price & Availability of 2SB788

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X