Part Number Hot Search : 
AD7501 SC440 29F160 CM4072 VNQ660 E10CA SEMH4 50000
Product Description
Full Text Search
 

To Download 2SB774 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Transistor
2SB774
Silicon PNP epitaxial planer type
For low-frequency amplification
Unit: mm
s Features
q q
5.00.2
4.00.2
High emitter to base voltage VEBO. Protective diodes and resistances between emitter and base can be omitted.
s Absolute Maximum Ratings
Parameter Collector to base voltage Collector to emitter voltage Emitter to base voltage Peak collector current Collector current Collector power dissipation Junction temperature Storage temperature Symbol VCBO VCEO VEBO ICP IC PC Tj Tstg
(Ta=25C)
Ratings -30 -25 -15 -200 -100 400 150 -55 ~ +150 Unit V V V mA mA mW C C
13.50.5
5.10.2
0.45 -0.1 1.27
+0.2
0.45 -0.1
1.27
+0.2
123
2.30.2
2.540.15
1:Emitter 2:Collector 3:Base JEDEC:TO-92 EIAJ:SC-43A
s Electrical Characteristics
Parameter Collector cutoff current Collector to base voltage Collector to emitter voltage Emitter to base voltage Forward current transfer ratio Collector to emitter saturation voltage Transition frequency Collector output capacitance
(Ta=25C)
Symbol ICBO ICEO VCBO VCEO VEBO hFE1 hFE2 VCE(sat) fT Cob
*
Conditions VCB = -10V, IE = 0 VCE = -20V, IB = 0 IC = -10A, IE = 0 IC = -2mA, IB = 0 IE = -10A, IC = 0 VCE = -10V, IC = -2mA VCE = -2V, IC = -100mA IC = -100mA, IB = -10mA VCB = -10V, IE = 2mA, f = 200MHz VCB = -10V, IE = 0, f = 1MHz
min
typ
max -1 -100
Unit A A V V V
-30 -25 -15 210 90 -0.5 150 4 460
V MHz pF
*h
FE1
Rank classification
R 210 ~ 340 S 290 ~ 460
Rank hFE1
1
Transistor
PC -- Ta
500 -240 Ta=25C 450 -200 IB=-1.8mA -1.6mA -180 -1.4mA -1.2mA -1.0mA - 0.8mA - 0.6mA - 0.4mA -80 - 0.2mA -40
2SB774
IC -- VCE
-200 VCE=-10V
IC -- VBE
Collector power dissipation PC (mW)
Collector current IC (mA)
350 300 250 200 150 100 50 0 0 20 40 60 80 100 120 140 160
-160
Collector current IC (mA)
400
-160 -140 -120 -100 -80 -60 -40 -20 25C Ta=75C -25C
-120
0 0 -2 -4 -6 -8 -10 -12
0 0 - 0.4 - 0.8 -1.2 -1.6 -2.0
Ambient temperature Ta (C)
Collector to emitter voltage VCE (V)
Base to emitter voltage VBE (V)
VCE(sat) -- IC
Collector to emitter saturation voltage VCE(sat) (V)
-100 -30 -10 -3 -1 IC/IB=10 600
hFE -- IC
1000 VCE=-10V
fT -- I E
VCB=-10V Ta=25C
Forward current transfer ratio hFE
500
Transition frequency fT (MHz)
-10 -30 -100
300
400
Ta=75C 25C
300 -25C 200
100
- 0.3 - 0.1 - 0.03 - 0.01 - 0.1 - 0.3 Ta=75C 25C -25C
30
100
-1
-3
-10
-30
-100
0 - 0.1 - 0.3
-1
-3
10 0.1
0.3
1
3
10
30
100
Collector current IC (mA)
Collector current IC (mA)
Emitter current IE (mA)
Cob -- VCB
12
Collector output capacitance Cob (pF)
10
IE=0 f=1MHz Ta=25C
8
6
4
2
0 -1
-3
-10
-30
-100
Collector to base voltage VCB (V)
2


▲Up To Search▲   

 
Price & Availability of 2SB774

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X