Part Number Hot Search : 
UT3401 1A225 F1040 AAT4290 UM222X MR8251A D74LVC CPH6403
Product Description
Full Text Search
 

To Download 2SB766 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Transistor
2SB766, 2SB766A
Silicon PNP epitaxial planer type
For low-frequency output amplification Complementary to 2SD874 and 2SD874A
Unit: mm
s Features
q q
2.60.1
0.4max.
s Absolute Maximum Ratings
Parameter Collector to base voltage Collector to 2SB766 2SB766A 2SB766 VCEO VEBO ICP IC PC* Tj Tstg Symbol VCBO
(Ta=25C)
Ratings -30 -60 -25 -50 -5 -1.5 -1 1 150 -55 ~ +150 1cm2 Unit V
45
1.0-0.2
+0.1
0.40.08 0.50.08 1.50.1 3.00.15 3 2 1
4.0-0.20
0.40.04
emitter voltage 2SB766A Emitter to base voltage Peak collector current Collector current Collector power dissipation Junction temperature Storage temperature
*
V V A A W C C
1:Base 2:Collector 3:Emitter EIAJ:SC-62 Mini Power Type Package
marking
Marking symbol :
Printed circuit board: Copper foil area of thickness of 1.7mm for the collector portion
or more, and the board
A(2SB766) B(2SB766A)
s Electrical Characteristics
Parameter Collector cutoff current Collector to base voltage Collector to emitter voltage 2SB766 2SB766A 2SB766 2SB766A
(Ta=25C)
Symbol ICBO VCBO VCEO VEBO hFE1*1 hFE2 VCE(sat) VBE(sat) fT Cob Conditions VCB = -20V, IE = 0 IC = -10A, IE = 0 IC = -2mA, IB = 0 IE = -10A, IC = 0 VCE = -10V, IC = -500mA*2 VCE = -5V, IC = -1A*2 IC = -500mA, IB = -50mA*2 IC = -500mA, IB = -50mA*2 VCB = -10V, IE = 50mA, f = 200MHz VCB = -10V, IE = 0, f = 1MHz -30 -60 -25 -50 -5 85 50 - 0.2 - 0.85 200 20
*2
min
typ
max - 0.1
Unit A V
Emitter to base voltage Forward current transfer ratio Collector to emitter saturation voltage Base to emitter saturation voltage Transition frequency Collector output capacitance
*1h FE1
340
- 0.4 -1.2
MHz 30 pF
Rank classification
Rank hFE1 Q 85 ~ 170 2SB766 2SB766A AQ BQ R 120 ~ 240 AR BR S 170 ~ 340 AS BS
Pulse measurement
Marking Symbol
2.50.1
+0.25
Large collector power dissipation PC. Mini Power type package, allowing downsizing of the equipment and automatic insertion through the tape packing and the magazine packing.
4.50.1 1.60.2
1.50.1
V V
V V
1
Transistor
PC -- Ta
1.4
2SB766, 2SB766A
IC -- VCE
Collector to emitter saturation voltage VCE(sat) (V)
-1.50 Ta=25C -1.25 IB=-10mA -9mA -8mA -7mA -6mA -5mA -4mA -3mA -2mA -1mA -100 -30 -10 -3 -1 Ta=75C 25C -25C
VCE(sat) -- IC
IC/IB=10
Collector power dissipation PC (W)
1.2
Printed circut board: Copper foil area of 1cm2 or more, and the board thickness of 1.7mm for the collector portion.
1.0
Collector current IC (A)
-1.00
0.8
- 0.75
0.6
- 0.50
- 0.3 - 0.1 - 0.03
0.4
0.2
- 0.25
0 0 20 40 60 80 100 120 140 160
0 0 -2 -4 -6 -8 -10
- 0.01 - 0.01 - 0.03 - 0.1 - 0.3
-1
-3
-10
Ambient temperature Ta (C)
Collector to emitter voltage VCE (V)
Collector current IC (A)
VBE(sat) -- IC
-100
hFE -- IC
IC/IB=10 600 VCE=-10V 200 180 500 VCB=-10V Ta=25C
fT -- I E
Base to emitter saturation voltage VBE(sat) (V)
Transition frequency fT (MHz)
-1 -3 -10
-30 -10 -3 25C -1 75C Ta=-25C
Forward current transfer ratio hFE
160 140 120 100 80 60 40 20
400 Ta=75C 300 25C 200 -25C
- 0.3 - 0.1 - 0.03 - 0.01 - 0.01 - 0.03 - 0.1 - 0.3
100
-1
-3
-10
0 - 0.01 - 0.03 - 0.1 - 0.3
0 1 3 10 30 100
Collector current IC (A)
Collector current IC (A)
Emitter current IE (mA)
Cob -- VCB
50
Area of safe operation (ASO)
-10 IE=0 f=1MHz Ta=25C -3 ICP Single pulse Ta=25C
Collector output capacitance Cob (pF)
45 40 35 30 25 20 15 10 5 0 -1
Collector current IC (A)
-1
IC
t=10ms t=1s
- 0.3 - 0.1 - 0.03 - 0.01
2SB766A 2SB766
- 0.003 - 0.001 - 0.01 - 0.03 - 0.1 - 0.3
-3
-10
-30
-100
-1
-3
-10
Collector to base voltage VCB (V)
Collector to emitter voltage VCE (V)
2


▲Up To Search▲   

 
Price & Availability of 2SB766

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X