Part Number Hot Search : 
MBRF201 6417760 74VHC TK11A50D 00250 PC2430 8TT100 CY7C1990
Product Description
Full Text Search
 

To Download 2SB643 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Transistor
2SB643, 2SB644
Silicon PNP epitaxial planer type
For low-power general amplification Complementary to 2SD638 and 2SD639
6.90.1 1.5 2.50.1 1.0
1.0 2.40.2 2.00.2 3.50.1
Unit: mm
s Features
q
1.5 R0.9 R0.9
1.00.1
0.85
Parameter Collector to base voltage Collector to 2SB643 2SB644 2SB643
Symbol VCBO VCEO VEBO ICP IC PC Tj Tstg
Ratings -30 -60 -25 -50 -7 -1 - 0.5 600 150 -55 ~ +150
Unit
0.550.1
0.450.05
1.250.05
V
3 2 1
emitter voltage 2SB644 Emitter to base voltage Peak collector current Collector current Collector power dissipation Junction temperature Storage temperature
V V A A mW C C
1:Base 2:Collector 3:Emitter EIAJ:SC-71 M Type Mold Package
2.5 2.5
s Electrical Characteristics
Parameter Collector cutoff current Collector to base voltage Collector to emitter voltage Emitter to base voltage Forward current transfer ratio Collector to emitter saturation voltage Transition frequency Collector output capacitance 2SB643 2SB644 2SB643 2SB644
(Ta=25C)
Symbol ICBO ICEO VCBO VCEO VEBO hFE1*1 hFE2 VCE(sat) fT Cob Conditions VCB = -20V, IE = 0 VCE = -20V, IB = 0 IC = -10A, IE = 0 IC = -2mA, IB = 0 IE = -10A, IC = 0 VCE = -10V, IC = -150mA*2 VCE = -10V, IC = -500mA*2 IC = -300mA, IB = -30mA*2 VCB = -10V, IE = 10mA, f = 200MHz VCB = -10V, IE = 0, f = 1MHz -30 -60 -25 -50 -7 85 40 90 - 0.35 200 6
*2
min
typ
max -100 -1
4.10.2
s Absolute Maximum Ratings
(Ta=25C)
R
0.
4.50.1
7
M type package allowing easy automatic and manual insertion as well as stand-alone fixing to the printed circuit board.
0.4
Unit nA A V
V V 340
- 0.6
V MHz
15
pF
Pulse measurement
*1h
FE1
Rank classification
Q 85 ~ 170 R 120 ~ 240 S 170 ~ 340
Rank hFE1
1
Transistor
PC -- Ta
800 -800 -700
2SB643, 2SB644
IC -- VCE
Ta=25C IB=-10mA -9mA -8mA -7mA -6mA -5mA -4mA -3mA -2mA -1mA -800 VCE=-10V Ta=25C -700
IC -- I B
Collector power dissipation PC (mW)
700 600 500 400 300 200 100 0 0 20 40 60 80 100 120 140 160
Collector current IC (mA)
-600 -500 -400 -300 -200 -100 0 0 -4
Collector current IC (mA)
-600 -500 -400 -300 -200 -100 0
-8
-12
-16
-20
0
-2
-4
-6
-8
-10
Ambient temperature Ta (C)
Collector to emitter voltage VCE (V)
Base current IB (mA)
VCE(sat) -- IC
Collector to emitter saturation voltage VCE(sat) (V)
-100 -30 -10 -3 -1 Ta=75C 25C -25C
VBE(sat) -- IC
Base to emitter saturation voltage VBE(sat) (V)
IC/IB=10 -100 -30 -10 -3 25C -1 75C Ta=-25C IC/IB=10 600
hFE -- IC
VCE=-10V
Forward current transfer ratio hFE
500
400
300 Ta=75C 200 25C -25C
- 0.3 - 0.1 - 0.03 - 0.01 - 0.01 - 0.03 - 0.1 - 0.3
- 0.3 - 0.1 - 0.03 - 0.01 - 0.01 - 0.03 - 0.1 - 0.3
100
-1
-3
-10
-1
-3
-10
0 - 0.01 - 0.03
-0.1 - 0.3
-1
-3
-10
Collector current IC (A)
Collector current IC (A)
Collector current IC (A)
fT -- IE
240 24
Cob -- VCB
Collector output capacitance Cob (pF)
VCB=-10V Ta=25C IE=0 f=1MHz Ta=25C 104
ICEO -- Ta
VCE=-10V
Transition frequency fT (MHz)
200
20
103 16
160
ICEO (Ta) ICEO (Ta=25C)
-3 -10 -30 -100
120
12
102
80
8
10 4
40
0 1 3 10 30 100
0 -1
1 0 40 80 120 160 200
Emitter current IE (mA)
Collector to base voltage VCB (V)
Ambient temperature Ta (C)
2


▲Up To Search▲   

 
Price & Availability of 2SB643

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X