Part Number Hot Search : 
SD161 B82111E GBAS70 LC374 SMPA48 1N4050 SM581 IE0305H
Product Description
Full Text Search
 

To Download 2SB1181 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 2SB1260 / 2SB1181 / 2SB1241
Transistors
Power Transistor (-80V, -1A)
2SB1260 / 2SB1181 / 2SB1241
!Features 1) High breakdown voltage and high current. BVCEO= -80V, IC=-1A 2) Good hFE linearity. 3) Low VCE(sat). 4) Complements the 2SD1898 / 2SD1863 / 2SD1733. !External dimensions (Units : mm)
2SB1260
4.5+0.2 -0.1 1.60.1
2SB1181
1.50.3
6.50.2 5.1+0.2
-0.1
C0.5
2.3+0.2 -0.1 0.50.1
0.50.1
1.5 +0.2 -0.1
5.5+0.3 -0.1
4.0 0.3 2.5+0.2 -0.1
0.75
(1) (2) (3) 0.40.1 1.50.1 0.4+0.1 -0.05
0.650.1 0.9
1.00.2
0.550.1 2.30.2 2.30.2 1.00.2
0.40.1 1.50.1
0.50.1 3.00.2
!Structure Epitaxial planar type PNP silicon transistor
(1) (2) (3)
ROHM : MPT3 EIAJ : SC-62
Abbreviated symbol: BH
(1) Base (2) Collector (3) Emitter
ROHM : CPT3 EIAJ : SC-63
(1) Base (2) Collector (3) Emitter
2SB1241
6.80.2 2.50.2
0.65Max.
1.0
0.50.1 (1) (2) (3)
2.54 2.54 1.05 0.450.1
14.50.5
4.40.2
0.9
ROHM : ATV
(1) Emitter (2) Collector (3) Base
* Denotes hFE
!Absolute maximum ratings (Ta=25C)
Parameter Collector-base voltage Collector-emitter voltage Emitter-base voltage Collector current Symbol VCBO VCEO VEBO IC ICP Limits -80 -80 -5 -1 -2 0.5 PC 2 1 10 Tj Tstg 150 -55~+150 W
*2 *3
Unit V V V A(DC) A(Pulse)
*1
2SB1260 Collector power dissipation 2SB1241, 2SB1181 2SB1181 Junction temperature Storage temperature
W(Tc=25C) C C
*1 Single pulse, Pw=100ms *2 When mounted on a 40x40x0.7 mm ceramic board. *3 Printed circuit board, 1.7mm thick, collector copper plating 100mm2 or larger.
2.5
9.50.5
0.9
1.5
2SB1260 / 2SB1181 / 2SB1241
Transistors
!Electrical characteristics (Ta=25C)
Parameter Collector-base breakdown voltage Collector-emitter breakdown voltage Emitter-base breakdown voltage Collector cutoff current Emitter cutoff current Collector-emitter saturation voltage DC current transfer ratio 2SB1260, 2SB1181 2SB1241 Transition frequency Output capacitance 2SB1260, 2SB1241 2SB1181 Cob fT Symbol BVCBO BVCEO BVEBO ICBO IEBO VCE(sat) hFE Min. -80 -80 -5 82 120 Typ. 100 100 25 Max. -1 -1 -0.4 390 390 Unit V V V A A V MHz MHz pF VCE=-5V, IE=50mA, f=30MHz VCE=-10V, IE=50mA, f=30MHz VCB=-10V, IE=0A, f=1MHz IC=-50A IC=-1mA IE=-50A VCB=-60V VEB=-4V IC/IB=-500mA/-50mA VCE=-3V, IC=-0.1A Conditions
!Packaging specifications and hFE
Package Code Type 2SB1260 2SB1241 2SB1181 hFE PQR QR PQR Basic ordering unit (pieces) TL 2500 Taping TV2 2500 T100 1000
hFE values are classified as follows :
Item hFE P 82~180 Q 120~270 R 180~390
!Electrical characteristic curves
-1000
COLLECTOR CURRENT : IC (mA) COLLECTOR CURRENT : IC (mA)
Ta=25C VCE=-5V
Ta=25C -1.0 -0.45mA -0.8 -0.4mA -0.35mA -0.6 -0.3mA -0.25mA -0.4 -0.2mA -0.15mA -0.2 -0.1mA
1000 500
DC CURRENT GAIN : hFE
Ta=25C
-100
200 100 50 VCE=-3V
-10
-1V
-1
-0.1 0
-0.2 -0.4 -0.6 -0.8 -1.0 -1.2 -1.4 -1.6 BASE TO EMITTER VOLTAGE : VBE (V)
-0.05mA IB=0mA 0 0 -0.2 -0.4 -0.6 -0.8 -1.0 -1.2 -1.4 -1.6 -1.8 -2.0
20 10 -1 -2
-5 -10 -20 -50-100 -200-500-1000-2000
COLLECTOR TO EMITTER VOLTAGE : VCE (V)
COLLECTOR CURRENT : IC (mA)
Fig.1 Grounded emitter propagation characteristics
Fig.2
Grounded emitter output characteristics
Fig.3
DC current gain vs. collector current
2SB1260 / 2SB1181 / 2SB1241
Transistors
COLLECTOR SATURATION VOLTAGE : VCE(sat) (V)
TRANSITION FREQUENCY : fT (MHz)
Ta=25C -2 -1 -0.5 -0.2 -0.1 -0.05 -0.02 -0.01 -1 -2
-5 -10 -20 -50-100-200-500-1000-2000
500 200 100 50 20 10 5 2 1 1 2 5 10 20
Ta=25C VCE=-5V
COLLECTOR OUTPUT CAPACITANCE : Cob (pF)
1000
1000 500 200 100 50 20 10 5 2 1 -0.1 -0.2 -0.5 -1 -2 -5 -10 -20 -50 -100
Ta=25C f=1MHz IE=0A
IC/IB=20 10
50 100 200 500 1000
COLLECTOR CURRENT : IC (mA)
EMITTER CURRENT : IE (mA)
COLLECTOR TO BASE VOLTAGE : VCB (V)
Fig.4
Collector-emitter saturation voltage vs. collector current
Fig.5
Gain bandwidth product vs. emitter current
Fig.6
Collector output capacitance vs. collector-base voltage
EMITTER INPUT CAPACITANCE : Cib (pF)
1000 500
COLLECTOR CURRENT : IC (A)
COLLECTOR CURRENT : IC (A)
Ta=25C f=1MHz IC=0A
10
-2 IC Max. (Pulse) Ta=25C Single nonrepetitive pulse
*
5 2 1 500m 200m 100m 50m 20m 10m 5m IC Max. (Pulse)
PW
-1 IC Max. -0.5
DC
Ta=25C Single nonrepetitive pulse
*
=1 0m
=1 PW
PW
200 100 50
s
0 =1 ms
m
00
=1 PW 00
DC
m s
s
-0.2 -0.1 -0.05 -0.5 -1 -2
20 10 -0.1 -0.2
*Printed circuit board:
-0.5
-1
-2
-5
-10
-5
-10
-20
-50 -100
2m 2 1m copper plating at least 1 cm . 0.1 0.2 0.5 1 2 5 10 20 50 100200 5001000 COLLECTOR TO EMITTER VOLTAGE : VCE (V)
1.7 mm thick with collector
EMITTER TO BASE VOLTAGE : VEB (V)
COLLECTOR TO EMITTER VOLTAGE : VCE (V)
Fig. 7 Emitter input capacitance vs. emitter-base voltage
-5
COLLECTOR CURRENT : IC (A)
Fig. 8 Safe operating area (2SB1260)
Fig.9 Safe operating area (2SB1241)
-2 -1
Ta=25C Single nonrepetitive pulse
*
PW
-0.5 -0.2 -0.1 -0.05 -0.02 -0.01 -0.1 -0.2 -0.5 -1 -2
-5 -10 -20
COLLECTOR TO EMITTER VOLTAGE : VCE (V)
Fig.10 Safe operating area (2SB1181)
0 =1 s 0m
-50 -100


▲Up To Search▲   

 
Price & Availability of 2SB1181

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X