Part Number Hot Search : 
ML9XX25 BTA92 VCH162 PSD5008 N40999DE TRRPB B105K MCX480D5
Product Description
Full Text Search
 

To Download 2SB1036 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Transistor
2SB1036
Silicon PNP epitaxial planer type
For low-frequency and low-noise amplification
Unit: mm
4.00.2
s Features
q q q
0.70.1
s Absolute Maximum Ratings
Parameter Collector to base voltage Collector to emitter voltage Emitter to base voltage Peak collector current Collector current Collector power dissipation Junction temperature Storage temperature Symbol VCBO VCEO VEBO ICP IC PC Tj Tstg
(Ta=25C)
Ratings -120 -120 -5 -50 -20 300 150 -55 ~ +150 Unit V
1
2
3
1.27 1.27
V V mA mA mW C C
1:Emitter 2:Collector 3:Base
2.540.15
EIAJ:SC-72 New S Type Package
s Electrical Characteristics
Parameter Collector cutoff current Collector to base voltage Collector to emitter voltage Emitter to base voltage Forward current transfer ratio Collector to emitter saturation voltage Transition frequency Noise voltage
(Ta=25C)
Symbol ICBO ICEO VCBO VCEO VEBO hFE* VCE(sat) fT NV Conditions VCB = -50V, IE = 0 VCE = -50V, IB = 0 IC = -10A, IE = 0 IC = -1mA, IB = 0 IE = -10A, IC = 0 VCE = -5V, IC = -2mA IC = -20mA, IB = -2mA VCB = -5V, IE = 2mA, f = 200MHz VCE = -40V, IC = -1mA, GV = 80dB, Rg = 100k, Function = FLAT 200 150 -120 -120 -5 180 520 - 0.6 V MHz mV min typ max -100 -1 Unit nA A V V V
*h
FE
Rank classification
R 180 ~ 360 S 260 ~ 520 hFE
Rank
2.00.2
marking
+0.2 0.45-0.1
15.60.5
Optimum for high-density mounting. Allowing supply with the radial taping. Low noise voltage NV.
3.00.2
1
Transistor
PC -- Ta
500 -24 Ta=25C 450 -20 -50 25C Ta=75C
2SB1036
IC -- VCE
-60 VCE=-5V
IC -- VBE
Collector power dissipation PC (mW)
-45A -16 -40A -35A -12 -30A -25A -8 -20A -15A -4 -10A -5A 0
350 300 250 200 150 100 50 0 0 20 40 60 80 100 120 140 160
Collector current IC (mA)
Collector current IC (A)
400
IB=-50A
-40
-25C
-30
-20
-10
0 0 -2 -4 -6 -8 -10 -12 0 - 0.4 - 0.8 -1.2 -1.6 -2.0
Ambient temperature Ta (C)
Collector to emitter voltage VCE (V)
Base to emitter voltage VBE (V)
VCE(sat) -- IC
Collector to emitter saturation voltage VCE(sat) (V)
-100 -30 -10 -3 -1 Ta=75C IC/IB=10 1000 900 800 700 600 500 400 300 200 100 0 - 0.1 - 0.3
hFE -- IC
160 VCE=-5V
fT -- I E
VCB=-5V Ta=25C
Forward current transfer ratio hFE
Transition frequency fT (MHz)
-10 -30 -100
140 120 100 80 60 40 20 0 0.1
Ta=75C 25C -25C
- 0.3 - 0.1 - 0.03 - 0.01 - 0.1 - 0.3
25C
-25C
-1
-3
-10
-30
-100
-1
-3
0.3
1
3
10
30
100
Collector current IC (mA)
Collector current IC (mA)
Emitter current IE (mA)
Cob -- VCB
10 120 IE=0 f=1MHz Ta=25C
NV -- IC
VCE=-10V GV=80dB Function=FLAT
Collector output capacitance Cob (pF)
9 8 7 6 5 4 3 2 1 0 -1
100
Noise voltage NV (mV)
80
Rg=100k
60 22k 40 4.7k 20
-3
-10
-30
-100
0 - 0.01
- 0.03
- 0.1
- 0.3
-1
Collector to base voltage VCB (V)
Collector current IC (mA)
2


▲Up To Search▲   

 
Price & Availability of 2SB1036

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X